Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSC1200 Datasheet(PDF) 5 Page - Texas Instruments

Part # MSC1200
Description  Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converter (DAC) with 8051 Microcontroller and Flash Memory
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSC1200 Datasheet(HTML) 5 Page - Texas Instruments

  MSC1200 Datasheet HTML 1Page - Texas Instruments MSC1200 Datasheet HTML 2Page - Texas Instruments MSC1200 Datasheet HTML 3Page - Texas Instruments MSC1200 Datasheet HTML 4Page - Texas Instruments MSC1200 Datasheet HTML 5Page - Texas Instruments MSC1200 Datasheet HTML 6Page - Texas Instruments MSC1200 Datasheet HTML 7Page - Texas Instruments MSC1200 Datasheet HTML 8Page - Texas Instruments MSC1200 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 60 page
background image
MSC1200
5
SBAS289E
www.ti.com
DIGITAL CHARACTERISTICS: DVDD = 2.7V to 5.25V
All specifications from TMIN to TMAX, unless otherwise specified.
MSC1200Yx
PARAMETER
CONDITION
MIN
TYP
MAX
UNITS
POWER-SUPPLY REQUIREMENTS
Digital Supply Current
DVDD
2.7
3.0
3.6
V
Normal Mode, fOSC = 1MHz
0.6
mA
Normal Mode, fOSC = 8MHz, All Peripherals ON
5
mA
Internal Oscillator LF Mode (12.8MHz nominal)
7.1
mA
Stop Mode, DBOR OFF
100
nA
DVDD
4.75
5.0
5.25
V
Normal Mode, fOSC = 1MHz
1.2
mA
Normal Mode, fOSC = 8MHz, All Peripherals ON
9
mA
Internal Oscillator LF Mode (12.8MHz nominal)
15
mA
Internal Oscillator HF Mode (25.6MHz nominal)
29
mA
Stop Mode, DBOR OFF
100
nA
DIGITAL INPUT/OUTPUT (CMOS)
Logic Level: VIH (except XIN pin)
0.6 • DVDD
DVDD
V
VIL (except XIN pin)
DGND
0.2 • DVDD
V
Ports 1 and 3, Input Leakage Current, Input Mode
VIH = DVDD or VIH = 0V
0
µA
Pin XIN Input Leakage Current
0
µA
I/O Pin Hysteresis
700
mV
VOL, Ports 1 and 3, All Output Modes
IOL = 1mA
DGND
0.4
V
VOL, Ports 1 and 3, All Output Modes
IOL = 30mA, 3V (20mA)
1.5
V
VOH, Ports 1 and 3, Strong Drive Output
IOH = 1mA
DVDD – 0.4
DVDD – 0.1
DVDD
V
VOH, Ports 1 and 3, Strong Drive Output
IOH = 30mA, 3V (20mA)
DVDD – 1.5
V
Ports 1 and 3 Pull-Up Resistors
11
k
FLASH MEMORY CHARACTERISTICS: DVDD = 2.7V to 5.25V
tUSEC = 1µs, tMSEC = 1ms
MSC1200Yx
PARAMETER
CONDITION
MIN
TYP
MAX
UNITS
Flash Memory Endurance
100,000
1,000,000
cycles
Flash Memory Data Retention
100
Years
Mass and Page Erase Time
Set with FER Value in FTCON
10
ms
Flash Memory Write Time
Set with FWR Value in FTCON
30
40
µs


Similar Part No. - MSC1200

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSC1200 TI1-MSC1200 Datasheet
1Mb / 92P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) and Current-Output Digital Converter (DAC)
MAY 2006
MSC1200 TI-MSC1200 Datasheet
1Mb / 92P
[Old version datasheet]   Precision Analog -to-Digital Converter
logo
OKI electronic componet...
MSC1200-01 OKI-MSC1200-01 Datasheet
218Kb / 26P
   30-Bit Duplex Controller/Driver with Digital/Analog Dimming and Keyscan Functions
MSC1200V-01 OKI-MSC1200V-01 Datasheet
218Kb / 26P
   30-Bit Duplex Controller/Driver with Digital/Analog Dimming and Keyscan Functions
logo
Texas Instruments
MSC1200Y2 TI1-MSC1200Y2 Datasheet
1Mb / 93P
[Old version datasheet]   MSC1200 and MSC1201: 24 Bits No Missing Codes 22 Bits Effective Resolution At 10Hz
More results

Similar Description - MSC1200

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
MSC1202 BURR-BROWN-MSC1202 Datasheet
684Kb / 78P
   Precision, Analog-to-Digital Converter (ADC) and Digital-to-Analog Converter (DAC) with 8051 Microcontroller and Flash Memory
logo
Texas Instruments
MSC1210 TI-MSC1210_08 Datasheet
910Kb / 94P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) with 8051 Microcontroller and Flash Memory
MSC1210 TI1-MSC1210_14 Datasheet
909Kb / 95P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) with 8051 Microcontroller and Flash Memory
MSC1210 TI-MSC1210 Datasheet
652Kb / 83P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) with 8051 Microcontroller and Flash Memory
MSC1211 TI-MSC1211 Datasheet
920Kb / 105P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converters (DACs) with 8051 Microcontroller and Flash Memory
MSC1200 TI1-MSC1200_06 Datasheet
1Mb / 92P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) and Current-Output Digital Converter (DAC)
MAY 2006
MSC1211 TI1-MSC1211_07 Datasheet
1Mb / 111P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converters (DACs)
OCTOBER 2007
MSC1202Y3RHHTG4 TI1-MSC1202Y3RHHTG4 Datasheet
1Mb / 92P
[Old version datasheet]   Precision Analog-to-Digital Converter and Current-Output Digital-to-Analog Converter
logo
Burr-Brown (TI)
MSC1212Y2 BURR-BROWN-MSC1212Y2 Datasheet
1Mb / 69P
   Precision Analog-to-Digital Converter (ADC)
logo
Analog Devices
AD9652 AD-AD9652_17 Datasheet
1Mb / 37P
   Analog-to-Digital Converter (ADC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com