Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CCS801 Datasheet(PDF) 4 Page - ams AG

Part # CCS801
Description  Cambridge CMOS Sensors (CCS) micro-hotplate technology provides
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

CCS801 Datasheet(HTML) 4 Page - ams AG

  CCS801 Datasheet HTML 1Page - ams AG CCS801 Datasheet HTML 2Page - ams AG CCS801 Datasheet HTML 3Page - ams AG CCS801 Datasheet HTML 4Page - ams AG CCS801 Datasheet HTML 5Page - ams AG CCS801 Datasheet HTML 6Page - ams AG CCS801 Datasheet HTML 7Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
CC-000015-DS revision: 11
Datasheet for CCS801
P a g e
| 3
© Cambridge CMOS Sensors Ltd, Deanland House, Cowley Road, Cambridge, CB4 0DL, UK
Website: www.ccmoss.com
Telephone: +44 1223 395 551
Date Issued: 26 May 2016
The recommended application circuit for CCS801 is shown below.
CCS801
IAQ Sensor
MCU
(With integrated ADC)
ADC Input
PWM
VDD
NX2301
GND
Pin2: Heater+
Pin1: Sensor+
Pins: 3 & 4
PWM
VDD
10KΩ
Optional depends
on ADC input
impedance
+
-
VREF_Enable
RL = 200KΩ
VREF
NX2301
10KΩ
VREF_Enable
Notes:
1. The sensor can be operated in pulsed mode to reduce overall power consumption. In this case the
Heater VH is only driven for a fraction of the time at regular intervals under the control of the MCU.
2. An equivalent VH can be produced more efficiently with a PWM than with a linear regulator if a PWM
output from the MCU is available to drive an external MOSFET switch (p-channel). If not driven the
MOSFET input should be pulled high.
3. The PWM must operate with a minimum frequency of 10 kHz. The following table illustrates PWM
duty cycle requirements to enable VH in the range 1.4 – 1.6V for CCS801, other duty cycles can be
calculated using the equation VH
2 / V
DD
2 :
Target Heater
Voltage (VH)
Supply Voltage (VDD)
1.5V
1.8V
2.5V
3V
3.3V
1.40
87%
60%
31%
22%
18%
1.50
100%
69%
36%
25%
21%
1.60
-
79%
50%
28%
24%
Recommended Application Circuit


Similar Part No. - CCS801

ManufacturerPart #DatasheetDescription
logo
ams AG
CCS803 AMSCO-CCS803 Datasheet
622Kb / 7P
   Cambridge CMOS Sensors (CCS) micro-hotplate technology
CCS803A-COPR AMSCO-CCS803A-COPR Datasheet
622Kb / 7P
   Cambridge CMOS Sensors (CCS) micro-hotplate technology
CCS803A-COPS AMSCO-CCS803A-COPS Datasheet
622Kb / 7P
   Cambridge CMOS Sensors (CCS) micro-hotplate technology
More results

Similar Description - CCS801

ManufacturerPart #DatasheetDescription
logo
ams AG
CCS803 AMSCO-CCS803 Datasheet
622Kb / 7P
   Cambridge CMOS Sensors (CCS) micro-hotplate technology
logo
PANDUIT CORP.
CCS12-S8 PANDUIT-CCS12-S8 Datasheet
62Kb / 1P
   CCS-CABLE CLAMP
6/26/96
logo
ITT Industries
CCS1 ITT-CCS1 Datasheet
1Mb / 6P
   CCS 1 and CCS 2 DC Fast Charging Connectors
logo
Mitsubishi Electric Sem...
M50964-PGYS MITSUBISHI-M50964-PGYS Datasheet
355Kb / 6P
   EPROM MOUNTED-TYPE MICRO-COMPUTER WHICH UTILZES CMOS TECHNOLOGY
logo
IK Semicon Co., Ltd
IK2107DW IKSEMICON-IK2107DW Datasheet
297Kb / 17P
   CMOS Technology
logo
Shenzhen Titan Micro El...
TM1628 TITAN-TM1628 Datasheet
418Kb / 14P
   CMOS Technology
logo
HB Electronic Component...
5XRGB-F2-F HB-5XRGB-F2-F Datasheet
159Kb / 3P
   CMOS Technology
5XRGB-F2-S HB-5XRGB-F2-S Datasheet
160Kb / 3P
   CMOS Technology
logo
Alpha & Omega Semicondu...
AOK30B135W1_PR AOSMD-AOK30B135W1_PR Datasheet
63Kb / 2P
   The technology of induction heating provides precise cooking
logo
Fujitsu Component Limit...
CE71 FUJITSU-CE71 Datasheet
56Kb / 4P
   0.25um CMOS Technology
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com