Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS6200 Datasheet(PDF) 6 Page - ams AG

Part # AS6200
Description  The AS6200 IC is a high accuracy temperature sensor system
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS6200 Datasheet(HTML) 6 Page - ams AG

Back Button AS6200 Datasheet HTML 2Page - ams AG AS6200 Datasheet HTML 3Page - ams AG AS6200 Datasheet HTML 4Page - ams AG AS6200 Datasheet HTML 5Page - ams AG AS6200 Datasheet HTML 6Page - ams AG AS6200 Datasheet HTML 7Page - ams AG AS6200 Datasheet HTML 8Page - ams AG AS6200 Datasheet HTML 9Page - ams AG AS6200 Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
Page 6
ams Datasheet
Document Feedback
[v1-01] 2016-Jun-17
AS6200 − Electrical Characteristics
Operating Conditions
Figure 7:
Operating Conditions
Analog System Parameters
Figure 8:
Analog System Parameters
Note(s):
1. The accuracy is based on measurements and reflects 4,5 σ statistics.
Symbol
Parameter
Min
Typ
Max
Units
Note
VDD
DC supply voltage
1.8
3.0
3.6
V
Reference to VSS
T_AMB
Ambient temperate-40
125°C
Symbol
Parameter
Min
Typ
Max
Unit
Note
VDD
Supply voltage
1.8
2.0
3.0
3.0
3.6
3.6
V
T = 0°C to 150°C
T = -40°C to 150°C
T
Temperature range
-40
125
°C
IDD
Standby consumption
0.1
0.3
0.4
9.0
μA
T= -40°C to 65°C
T= 65°C to 125°C
IDD
Current consumption
(4 conversions/s)
67
16
μA
T = -40°C to 65°C
Serial bus inactive
T = 65°C to 125°C
Serial bus inactive
T_ERR
Accuracy (1)
-0.4
-1
0.4
1
°C
T = 0°C to 65°C
T = -40°C to 125°C
N
Resolution
12
Bits
Normal mode
(TMAX=128°C)
TS
Conversion time
24
32
40
ms
NS
Conversion rate
0.25
1
4
8
0.35
1.35
5.5
10.7
Conv/s
CR[1:0]=00
CR[1:0]=01
CR[1:0]=10
CR[1:0]=11
Electrical Characteristics


Similar Part No. - AS6200

ManufacturerPart #DatasheetDescription
logo
ams AG
AS6200 AMSCO-AS6200 Datasheet
690Kb / 13P
   Eval Kit Manual
2017-Dec-01
AS6200C AMSCO-AS6200C Datasheet
1Mb / 35P
   Digital Temperature Sensor
AS6200C AMSCO-AS6200C Datasheet
690Kb / 13P
   Eval Kit Manual
2017-Dec-01
AS6200 AMSCO-AS6200_V01 Datasheet
690Kb / 13P
   Eval Kit Manual
2017-Dec-01
More results

Similar Description - AS6200

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STSC1 ETC2-STSC1 Datasheet
706Kb / 13P
   High Accuracy Digital Temperature Sensor IC
logo
Linear Technology
LTC2983 LINER-LTC2983 Datasheet
776Kb / 72P
   Multi-Sensor High Accuracy Digital Temperature Measurement System
LTC2983 LINER-LTC2983_15 Datasheet
750Kb / 72P
   Multi-Sensor High Accuracy Digital Temperature Measurement System
logo
Feature Integration Tec...
F75383M FINTEK-F75383M Datasheet
659Kb / 21P
   짹1oC Accuracy Temperature Sensor IC Datasheet
F75385M FINTEK-F75385M Datasheet
537Kb / 17P
   짹1oC Accuracy Temperature Sensor IC Datasheet
logo
Seiko Instruments Inc
S-5852ABCAC-A8T1U4 SII-S-5852ABCAC-A8T1U4 Datasheet
1Mb / 15P
   HIGH-ACCURACY DIGITAL TEMPERATURE SENSOR
logo
Linear Dimensions Semic...
DC2126A LINEAR_DIMENSIONS-DC2126A Datasheet
724Kb / 10P
   High-Accuracy Wireless Temperature Sensor
logo
Greystone Energy System...
PS-HATSPC GREYSTONE-PS-HATSPC Datasheet
204Kb / 2P
   HIGH ACCURACY ROOM TEMPERATURE SENSOR
PS-HATSRC GREYSTONE-PS-HATSRC Datasheet
200Kb / 2P
   HIGH ACCURACY ROOM TEMPERATURE SENSOR
PS-HATSBB GREYSTONE-PS-HATSBB Datasheet
157Kb / 2P
   HIGH ACCURACY DUCT TEMPERATURE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com