Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8487D Datasheet(PDF) 13 Page - Keysight Technologies

Part # 8487D
Description  EPM Series Power Meters E-Series and 8480 Series Power Sensors
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

8487D Datasheet(HTML) 13 Page - Keysight Technologies

Back Button 8487D Datasheet HTML 9Page - Keysight Technologies 8487D Datasheet HTML 10Page - Keysight Technologies 8487D Datasheet HTML 11Page - Keysight Technologies 8487D Datasheet HTML 12Page - Keysight Technologies 8487D Datasheet HTML 13Page - Keysight Technologies 8487D Datasheet HTML 14Page - Keysight Technologies 8487D Datasheet HTML 15Page - Keysight Technologies 8487D Datasheet HTML 16Page - Keysight Technologies 8487D Datasheet HTML 17Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
13 | Keysight | N1913A and N1914A EPM Series Power Meters / E-Series and 8480 Series Power Sensors - Data Sheet
E-Series CW Power Sensor Specifications (continued)
Calibration factor (CF) and
reflection coefficient (Rho)
Calibration factor and reflection coefficient
data are provided at 1 GHz increments
on a data sheet included with the power
sensor. This data is unique to each sensor.
If you have more than one sensor, match
the serial number on the data sheet with
the serial number on the power sensor you
are using. The CF corrects for the frequency
response of the sensor. The EPM power
meter automatically reads the CF data
stored in the sensor and uses it to make
the corrections. For power levels greater
than 0 dBm, add 0.5%/dB to the calibration
factor uncertainty specification.
Reflection coefficient (Rho) relates to the
SWR according to the following formula:
SWR = 1 + Rho/1 – Rho.
Maximum uncertainties of the CF data are
listed in Table 5a, for the E4412A power
sensor, and Table 5b for the E4413A power
sensor. The uncertainty analysis for the
calibration of the sensors was done in
accordance with the ISO/TAG4 Guide.
The uncertainty data reported on the
calibration certificate is the expanded
uncertainty with a 95% confidence level
and a coverage factor of 2.
Table 5a. E4412A calibration factor uncertainty at
1 mW (0 dBm)
Frequency
Uncertainty*(%)
10 MHz
1.8
30 MHz
1.8
50 MHz
Reference
100 MHz
1.8
1.0 GHz
1.8
2.0 GHz
2.4
4.0 GHz
2.4
6.0 GHz
2.4
8.0 GHz
2.4
10.0 GHz
2.4
11.0 GHz
2.4
12.0 GHz
2.4
14.0 GHz
2.4
16.0 GHz
2.6
18.0 GHz
2.6
Table 5b. E4413A calibration factor uncertainty at
1 mW (0 dBm)
Frequency
Uncertainty*(%)
50 MHz
Reference
100 MHz
1.8
1.0 GHz
1.8
2.0 GHz
2.4
4.0 GHz
2.4
6.0 GHz
2.4
8.0 GHz
2.4
10.0 GHz
2.6
11.0 GHz
2.6
12.0 GHz
2.8
14.0 GHz
2.8
16.0 GHz
2.8
17.0 GHz
2.8
18.0 GHz
2.8
20.0 GHz
3.0
24.0 GHz
3.0
26.0 GHz
3.0
28.0 GHz
3.0


Similar Part No. - 8487D

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
8487 VECTRON-8487 Datasheet
511Kb / 4P
   Oven Controlled Crystal Oscillators
logo
Filtran LTD
8487 FILTRAN-8487 Datasheet
222Kb / 1P
   ISDNS-Bus Input/Output Modules
logo
Littelfuse
8487 LITTELFUSE-8487 Datasheet
238Kb / 1P
   STOPLAMP PUSH BUTTON SWITCHES
2019 Rev: 021219
logo
Heyco.
8487 HEYCO-8487 Datasheet
136Kb / 1P
   Heyco-Flex™ Quick Twist Conduit Fittings
logo
FCI connector
84873-001 FCI-CONNECTOR-84873-001 Datasheet
132Kb / 2P
   FIBER OPTIC ADAPTERS
More results

Similar Description - 8487D

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
W8486A KEYSIGHT-W8486A Datasheet
2Mb / 28P
   EPM Series Power Meters E-Series and 8480 Series Power Sensors
8481D KEYSIGHT-8481D Datasheet
2Mb / 28P
   EPM Series Power Meters E-Series and 8480 Series Power Sensors
N1913A KEYSIGHT-N1913A Datasheet
2Mb / 28P
   EPM Series Power Meters E-Series and 8480 Series Power Sensors
N1914A KEYSIGHT-N1914A Datasheet
2Mb / 28P
   EPM Series Power Meters E-Series and 8480 Series Power Sensors
V8486A KEYSIGHT-V8486A Datasheet
2Mb / 28P
   EPM Series Power Meters E-Series and 8480 Series Power Sensors
8483A KEYSIGHT-8483A Datasheet
2Mb / 28P
   EPM Series Power Meters E-Series and 8480 Series Power Sensors
8485D KEYSIGHT-8485D Datasheet
2Mb / 28P
   EPM Series Power Meters E-Series and 8480 Series Power Sensors
E4412A KEYSIGHT-E4412A Datasheet
2Mb / 28P
   EPM Series Power Meters E-Series and 8480 Series Power Sensors
E9326A KEYSIGHT-E9326A Datasheet
996Kb / 19P
   Power Meters and E-Series E9320 Peak and Average Power Sensors
E4417A KEYSIGHT-E4417A Datasheet
996Kb / 19P
   Power Meters and E-Series E9320 Peak and Average Power Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com