Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8487D Datasheet(PDF) 9 Page - Keysight Technologies

Part # 8487D
Description  EPM Series Power Meters E-Series and 8480 Series Power Sensors
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

8487D Datasheet(HTML) 9 Page - Keysight Technologies

Back Button 8487D Datasheet HTML 5Page - Keysight Technologies 8487D Datasheet HTML 6Page - Keysight Technologies 8487D Datasheet HTML 7Page - Keysight Technologies 8487D Datasheet HTML 8Page - Keysight Technologies 8487D Datasheet HTML 9Page - Keysight Technologies 8487D Datasheet HTML 10Page - Keysight Technologies 8487D Datasheet HTML 11Page - Keysight Technologies 8487D Datasheet HTML 12Page - Keysight Technologies 8487D Datasheet HTML 13Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
09 | Keysight | N1913A and N1914A EPM Series Power Meters / E-Series and 8480 Series Power Sensors - Data Sheet
N1913A/14A EPM Series Power Meters Performance Characteristics (continued)
Power meter functions
Accessed by key entry
Either hard keys, or soft key menu, and programmable
Zero
Zeros the meter. (Power reference calibrator is switched off during zeroing.)
Cal
Calibrates the meter using internal (power reference calibrator) or external source. Reference cal factor settable from 1%
to 150%, in 0.1% increments.
Frequency
Entered frequency range is used to interpolate the calibration factors table. Frequency range from 1 kHz to 999.9 GHz.
Also settable in 1 kHz steps.
Cal factor
Sets the calibration factor for the meter. Range: 1% to 150%, in 0.1% increments.
Relative
Displays all successive measurements relative to the last displayed value
Offset
Allows power measurements to be offset by –100 dB to +100 dB, settable in 0.001 dB increments, to compensate for
external loss or gain
Save/recall
Store up to 10 instrument states via the save/recall menu
dBm/W
Selectable units of either Watts or dBm in absolute power; or percent or dB for relative measurements
Filter (averaging)
Selectable from 1 to 1024. Auto-averaging provides automatic noise compensation.
Duty cycle
Duty cycle values between 0.001% to 99.999%, in 0.001% increments, can be entered to display a peak power repre-
sentation of measured power. The following equation is used to calculate the displayed peak power value: peak power =
measured power/duty cycle.
Sensor cal tables
Selects cal factor versus frequency tables corresponding to specified sensors
Limits
High and low limits can be set in the range –150.000 dBm to +230.000 dBm, in 0.001 dBm increments
Preset default values
dBm mode, rel off, power reference off, duty cycle off, offset off, frequency 50 MHz, AUTO average, free run, AUTO range
(for E-Series sensors and N8480 Series)
Display
Color display with selectable single and split screen formats are available. A quasi-analog display is available for peaking
measurements. The dual channel power meter can simultaneously display any two configurations of A, B, A/B, B/A, A-B, B-A
and relative. With the optional USB ports, additional dual channel (C & D), adds up to total 4-channels measurement display.
Power meter general specifications
Dimensions
The following dimensions exclude front and rear protrusions:
212.6 mm W x 88.5 mm H x 348.3 mm D (8.5 in x 3.5 in x 13.7 in)
Weight
Model
Net
Shipping
N1913A
3.6 kg (8.0 lb) 8.2 kg (18.1 lb)
N1914A
3.7 kg (8.2 lb) 8.2 kg (18.3 lb)
Rear panel connectors
Recorder outputs
Analog 0 to 1 volt, 1 kΩ output impedance, BNC connector. N1914A recorder outputs are dedicated to channel A and
channel B.
GPIB, USB 2.0 and
10/100BaseT LAN
Interfaces to allow communication with an external controller
Trigger Input (optional)1
Input has TTL compatible logic levels and uses a BNC connector.
High: > 2.4 V
Low: < 0.7 V
Trigger Output (optional)1
Output provides TTL compatible logic levels and uses a BNC connector.
High: > 2.4 V
Low: < 0.7 V
Ground
Binding post, accepts 4 mm plug or bare wire connection
USB Host (options)
USB ports which connects to U2000 series USB power sensors
VGA Out (options)
Standard 15-pin VGA connector, allows connection of external VGA monitor
1. For automated power or frequency sweep function


Similar Part No. - 8487D

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
8487 VECTRON-8487 Datasheet
511Kb / 4P
   Oven Controlled Crystal Oscillators
logo
Filtran LTD
8487 FILTRAN-8487 Datasheet
222Kb / 1P
   ISDNS-Bus Input/Output Modules
logo
Littelfuse
8487 LITTELFUSE-8487 Datasheet
238Kb / 1P
   STOPLAMP PUSH BUTTON SWITCHES
2019 Rev: 021219
logo
Heyco.
8487 HEYCO-8487 Datasheet
136Kb / 1P
   Heyco-Flex™ Quick Twist Conduit Fittings
logo
FCI connector
84873-001 FCI-CONNECTOR-84873-001 Datasheet
132Kb / 2P
   FIBER OPTIC ADAPTERS
More results

Similar Description - 8487D

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
W8486A KEYSIGHT-W8486A Datasheet
2Mb / 28P
   EPM Series Power Meters E-Series and 8480 Series Power Sensors
8481D KEYSIGHT-8481D Datasheet
2Mb / 28P
   EPM Series Power Meters E-Series and 8480 Series Power Sensors
N1913A KEYSIGHT-N1913A Datasheet
2Mb / 28P
   EPM Series Power Meters E-Series and 8480 Series Power Sensors
N1914A KEYSIGHT-N1914A Datasheet
2Mb / 28P
   EPM Series Power Meters E-Series and 8480 Series Power Sensors
V8486A KEYSIGHT-V8486A Datasheet
2Mb / 28P
   EPM Series Power Meters E-Series and 8480 Series Power Sensors
8483A KEYSIGHT-8483A Datasheet
2Mb / 28P
   EPM Series Power Meters E-Series and 8480 Series Power Sensors
8485D KEYSIGHT-8485D Datasheet
2Mb / 28P
   EPM Series Power Meters E-Series and 8480 Series Power Sensors
E4412A KEYSIGHT-E4412A Datasheet
2Mb / 28P
   EPM Series Power Meters E-Series and 8480 Series Power Sensors
E9326A KEYSIGHT-E9326A Datasheet
996Kb / 19P
   Power Meters and E-Series E9320 Peak and Average Power Sensors
E4417A KEYSIGHT-E4417A Datasheet
996Kb / 19P
   Power Meters and E-Series E9320 Peak and Average Power Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com