Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MR2520L Datasheet(PDF) 2 Page - ON Semiconductor

Part No. MR2520L
Description  Overvoltage Transient Suppressor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MR2520L Datasheet(HTML) 2 Page - ON Semiconductor

  MR2520L Datasheet HTML 1Page - ON Semiconductor MR2520L Datasheet HTML 2Page - ON Semiconductor MR2520L Datasheet HTML 3Page - ON Semiconductor MR2520L Datasheet HTML 4Page - ON Semiconductor MR2520L Datasheet HTML 5Page - ON Semiconductor MR2520L Datasheet HTML 6Page - ON Semiconductor MR2520L Datasheet HTML 7Page - ON Semiconductor MR2520L Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MR2520L
http://onsemi.com
2
THERMAL CHARACTERISTICS
Characteristic
Lead
Length
Symbol
Max
Unit
Thermal Resistance, Junction to Lead, Both Leads to Heat Sink
with Equal Length
6.25 mm
10 mm
15 mm
RθJL
7.5
10
15
°C/W
Thermal Resistance Junction to Case
-
RθJC
1.0
°C/W
**Typical
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
Instantaneous Forward Voltage (Note 1)
(IF = 100 Amps, TC = 25°C)
VF
-
1.25
Volts
Instantaneous Forward Voltage (Note 1)
(IF = 6.0 Amps, TC = 25°C)
VF
-
0.90
Volts
Reverse Current
(VR = 20 Vdc, TC = 25°C)
IR
-
10
nAdc
Reverse Current
(VR = 20 Vdc, TC = 25°C)
IR
-
300
nAdc
Breakdown Voltage (Note 1)
(IR = 100 mAdc, TC = 25°C)
V(BR)
24
32
Volts
Breakdown Voltage (Note 1)
(IR = 90 Amp, TC = 150°C, PW = 80 µs)
V(BR)
-
40
Volts
Dynamic Resistance (IR = 100 mA, TJ = 25°C, f = 1.0 kHz)
RZ
-
5.0
W
Dynamic Resistance (IR = 40 mA, TJ = 25°C)
RZ
-
0.15
W
Breakdown Voltage Temperature Coefficient
V(BR)TC
-
0.09*
%/
°C
Forward Voltage Temperature Coefficient @ IF = 10 mA
VFTC
-
-2*
mV/
°C
1. Pulse Test: Pulse Width
≤ 300 µs, Duty Cycle ≤ 2%.
**Typical


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn