Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSPIC30F1010 Datasheet(PDF) 11 Page - Microchip Technology

Part # DSPIC30F1010
Description  28/44-Pin dsPIC30F1010/202X Enhanced Flash
Download  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F1010 Datasheet(HTML) 11 Page - Microchip Technology

Back Button DSPIC30F1010_14 Datasheet HTML 7Page - Microchip Technology DSPIC30F1010_14 Datasheet HTML 8Page - Microchip Technology DSPIC30F1010_14 Datasheet HTML 9Page - Microchip Technology DSPIC30F1010_14 Datasheet HTML 10Page - Microchip Technology DSPIC30F1010_14 Datasheet HTML 11Page - Microchip Technology DSPIC30F1010_14 Datasheet HTML 12Page - Microchip Technology DSPIC30F1010_14 Datasheet HTML 13Page - Microchip Technology DSPIC30F1010_14 Datasheet HTML 14Page - Microchip Technology DSPIC30F1010_14 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 286 page
background image
 2006-2014 Microchip Technology Inc.
DS70000178D-page 11
dsPIC30F1010/202X
Table 1-1 provides a brief description of device I/O pin-
outs for the dsPIC30F1010 and the functions that may
be multiplexed to a port pin. Multiple functions may
exist on one port pin. When multiplexing occurs, the
peripheral module’s functional requirements may force
an override of the data direction of the port pin.
TABLE 1-1:
PINOUT I/O DESCRIPTIONS FOR dsPIC30F1010
Pin Name
Pin
Type
Buffer
Type
Description
AN0-AN5
I
Analog
Analog input channels.
AVDD
P
P
Positive supply for analog module.
AVSS
P
P
Ground reference for analog module.
CLKI
CLKO
I
O
ST/CMOS
External clock source input. Always associated with OSC1 pin function.
Oscillator crystal output. Connects to crystal or resonator in Crystal
Oscillator mode. Optionally functions as CLKO in RC and EC modes. Always
associated with OSC2 pin function.
EMUD
EMUC
EMUD1
EMUC1
EMUD2
EMUC2
I/O
I/O
I/O
I/O
I/O
I/O
ST
ST
ST
ST
ST
ST
ICD Primary Communication Channel data input/output pin.
ICD Primary Communication Channel clock input/output pin.
ICD Secondary Communication Channel data input/output pin.
ICD Secondary Communication Channel clock input/output pin.
ICD Tertiary Communication Channel data input/output pin.
ICD Tertiary Communication Channel clock input/output pin.
INT0
INT1
INT2
I
I
I
ST
ST
ST
External interrupt 0
External interrupt 1
External interrupt 2
SFLT1
SFLT2
SFLT3
PWM1L
PWM1H
PWM2L
PWM2H
I
I
I
O
O
O
O
ST
ST
ST
Shared Fault Pin 1
Shared Fault Pin 2
Shared Fault Pin 3
PWM 1 Low output
PWM 1 High output
PWM 2 Low output
PWM 2 High output
MCLR
I/P
ST
Master Clear (Reset) input or programming voltage input. This pin is an
active low Reset to the device.
OC1
O
Compare outputs.
OCFLTA
I
ST
Output Compare Fault Pin
OSC1
OSC2
I
I/O
CMOS
Oscillator crystal input.
Oscillator crystal output. Connects to crystal or resonator in Crystal Oscillator
mode. Optionally functions as CLKO in FRC and EC modes.
PGD
PGC
PGD1
PGC1
PGD2
PGC2
I/O
I
I/O
I
I/0
I
ST
ST
ST
ST
ST
ST
In-Circuit Serial Programming™ data input/output pin.
In-Circuit Serial Programming clock input pin.
In-Circuit Serial Programming data input/output pin 1.
In-Circuit Serial Programming clock input pin 1.
In-Circuit Serial Programming data input/output pin 2.
In-Circuit Serial Programming clock input pin 2.
RB0-RB7
I/O
ST
PORTB is a bidirectional I/O port.
RA9
I/O
ST
PORTA is a bidirectional I/O port.
RD0
I/O
ST
PORTD is a bidirectional I/O port.
Legend: CMOS
=
CMOS compatible input or output
Analog
=
Analog input
ST
=
Schmitt Trigger input with CMOS levels
O
=
Output
I
=
Input
P
=
Power


Similar Part No. - DSPIC30F1010_14

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
DSPIC30F1010-20E MICROCHIP-DSPIC30F1010-20E Datasheet
2Mb / 286P
   dsPIC30F1010/202X Data Sheet
10/19/06
DSPIC30F1010-20E MICROCHIP-DSPIC30F1010-20E Datasheet
2Mb / 286P
   28/44-Pin High-Performance Switch Mode Power Supply Digital Signal Controllers
10/19/06
DSPIC30F1010-30E/PT MICROCHIP-DSPIC30F1010-30E/PT Datasheet
4Mb / 286P
   28/44-Pin High-Performance Switch Mode Power Supply Digital Signal Controllers
2006
DSPIC30F1010-30E/S MICROCHIP-DSPIC30F1010-30E/S Datasheet
4Mb / 286P
   28/44-Pin High-Performance Switch Mode Power Supply Digital Signal Controllers
2006
DSPIC30F1010-30E/SO MICROCHIP-DSPIC30F1010-30E/SO Datasheet
4Mb / 286P
   28/44-Pin High-Performance Switch Mode Power Supply Digital Signal Controllers
2006
More results

Similar Description - DSPIC30F1010_14

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16LF876A-I MICROCHIP-PIC16LF876A-I Datasheet
2Mb / 234P
   28/40/44-Pin Enhanced Flash Microcontrollers
11/29/12
PIC16F873A-ISP MICROCHIP-PIC16F873A-ISP Datasheet
2Mb / 234P
   28/40/44-Pin Enhanced Flash Microcontrollers
2001-2013
PIC16F877A-E MICROCHIP-PIC16F877A-E Datasheet
2Mb / 234P
   28/40/44-Pin Enhanced Flash Microcontrollers
07/28/03
PIC16F87XA MICROCHIP-PIC16F87XA Datasheet
4Mb / 234P
   28/40/44-Pin Enhanced Flash Microcontrollers
2003
PIC16F877A-I-PT MICROCHIP-PIC16F877A-I-PT Datasheet
4Mb / 234P
   28/40/44-Pin Enhanced Flash Microcontrollers
07/28/03
PIC16F87XA MICROCHIP-PIC16F87XA_13 Datasheet
2Mb / 234P
   28/40/44-Pin Enhanced Flash Microcontrollers
11/29/12 2001-2013
PIC16F876A-ISP MICROCHIP-PIC16F876A-ISP Datasheet
2Mb / 234P
   28/40/44-Pin Enhanced Flash Microcontrollers
11/29/12
PIC16LF877A-I MICROCHIP-PIC16LF877A-I Datasheet
2Mb / 234P
   28/40/44-Pin Enhanced Flash Microcontrollers
07/28/03
PIC16F876AT-I-SO MICROCHIP-PIC16F876AT-I-SO Datasheet
2Mb / 234P
   28/40/44-Pin Enhanced Flash Microcontrollers
11/29/12
PIC16F877A-IL MICROCHIP-PIC16F877A-IL Datasheet
2Mb / 234P
   28/40/44-Pin Enhanced Flash Microcontrollers
11/29/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com