Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8485D Datasheet(PDF) 4 Page - Keysight Technologies

Part # 8485D
Description  EPM Series Power Meters E-Series and 8480 Series Power Sensors
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

8485D Datasheet(HTML) 4 Page - Keysight Technologies

  8485D Datasheet HTML 1Page - Keysight Technologies 8485D Datasheet HTML 2Page - Keysight Technologies 8485D Datasheet HTML 3Page - Keysight Technologies 8485D Datasheet HTML 4Page - Keysight Technologies 8485D Datasheet HTML 5Page - Keysight Technologies 8485D Datasheet HTML 6Page - Keysight Technologies 8485D Datasheet HTML 7Page - Keysight Technologies 8485D Datasheet HTML 8Page - Keysight Technologies 8485D Datasheet HTML 9Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
04 | Keysight | N1913A and N1914A EPM Series Power Meters / E-Series and 8480 Series Power Sensors - Data Sheet
N1913A/14A EPM Series Power Meter: Applications and Compatible Sensors for
Average Power Measurements
Signal characteristics >
CW
Modulated
CW
Pulse/
averaged
AM/FM
profiled
Wireless standards
Mobile phone
WLAN
WPAN
WMAN
Typical application
examples >
Metrology
lab
Radar/
navigation
Mobile
radio
GSM
EDGE
GPRS
cdma®2000
cdmaONE
IDEN
3G
HSPA
LTE
802.11a
802.11b
802.11g
802.11n
Bluetooth®
RFID
ZigBee
WiMax™
Wibro
Thermocouple sensors:
8480A/B/H,
N8480A/B/H,
R/Q8486A,
N8486AR/AQ*
Average
only
Average
only
Average
only
Average
only
Average
only
Average
only
Diode sensors:
8480D, V8486A, W8486A*
Average
only
Average
only
Average
only
Average
only
Average
only
Average
only
Diode sensors compensated
for extended range:
E4412A/3A
FM only
Two-path diode-stack
sensors:
E9300 Series
Average
only
Average
only
Average
only
Average
only
Average
only
Average
only
USB sensors:
U2000 Series
Average
only
Average
only
Average
only
Average
only
Average
only
Average
only
* The N1913A/4A power meters are compatible with all 8480 Series power sensors, including discontinued models.


Similar Part No. - 8485D

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8485 FILTRAN-8485 Datasheet
222Kb / 1P
   ISDNS-Bus Input/Output Modules
logo
List of Unclassifed Man...
8485 ETC2-8485 Datasheet
320Kb / 1P
   HOLE PLUGS and BUSHINGS
logo
Heyco.
8485 HEYCO-8485 Datasheet
136Kb / 1P
   Heyco-Flex™ Quick Twist Conduit Fittings
8485FC HEYCO-8485FC Datasheet
136Kb / 1P
   Heyco-Flex™ Quick Twist Conduit Fittings
More results

Similar Description - 8485D

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
W8486A KEYSIGHT-W8486A Datasheet
2Mb / 28P
   EPM Series Power Meters E-Series and 8480 Series Power Sensors
8481D KEYSIGHT-8481D Datasheet
2Mb / 28P
   EPM Series Power Meters E-Series and 8480 Series Power Sensors
8487D KEYSIGHT-8487D Datasheet
2Mb / 28P
   EPM Series Power Meters E-Series and 8480 Series Power Sensors
N1913A KEYSIGHT-N1913A Datasheet
2Mb / 28P
   EPM Series Power Meters E-Series and 8480 Series Power Sensors
N1914A KEYSIGHT-N1914A Datasheet
2Mb / 28P
   EPM Series Power Meters E-Series and 8480 Series Power Sensors
V8486A KEYSIGHT-V8486A Datasheet
2Mb / 28P
   EPM Series Power Meters E-Series and 8480 Series Power Sensors
8483A KEYSIGHT-8483A Datasheet
2Mb / 28P
   EPM Series Power Meters E-Series and 8480 Series Power Sensors
E4412A KEYSIGHT-E4412A Datasheet
2Mb / 28P
   EPM Series Power Meters E-Series and 8480 Series Power Sensors
E9326A KEYSIGHT-E9326A Datasheet
996Kb / 19P
   Power Meters and E-Series E9320 Peak and Average Power Sensors
E4417A KEYSIGHT-E4417A Datasheet
996Kb / 19P
   Power Meters and E-Series E9320 Peak and Average Power Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com