Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EMC1182 Datasheet(PDF) 7 Page - Microchip Technology

Part # EMC1182
Description  Dual Channel 1째C Temperature Sensor with Beta
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC1182 Datasheet(HTML) 7 Page - Microchip Technology

Back Button EMC1182 Datasheet HTML 3Page - Microchip Technology EMC1182 Datasheet HTML 4Page - Microchip Technology EMC1182 Datasheet HTML 5Page - Microchip Technology EMC1182 Datasheet HTML 6Page - Microchip Technology EMC1182 Datasheet HTML 7Page - Microchip Technology EMC1182 Datasheet HTML 8Page - Microchip Technology EMC1182 Datasheet HTML 9Page - Microchip Technology EMC1182 Datasheet HTML 10Page - Microchip Technology EMC1182 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
Internal Temp
Diode
Switching
Current
Analog
Mux
Internal
Temperature Register
Low Limit Registers
High Limit Registers
Conversion Rate Register
Interupt Masking
Status Registers
Configuration Register
SMCLK
SMDATA
DP
DN
VDD
GND
External Temperature
Register(s)
ΔΣ ADC
THERM Limit Register
THERM Hysteresis Register
SMBus Address Decode
ALERT
EMC1182
THERM / ADDR
Dual Channel 1°C Temperature Sensor with Beta Compensation and 1.8V SMBus Communications
Datasheet
SMSC EMC1182
7
Revision 1.0 (07-11-13)
DATASHEET
Chapter 1 Block Diagram
Figure 1.1 EMC1182 Block Diagram


Similar Part No. - EMC1182

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
EMC1182 SMSC-EMC1182 Datasheet
565Kb / 48P
   Dual Channel 1C Temperature Sensor with Beta Compensation and 1.8V SMBus Communications
EMC1182-1-AC3-TR SMSC-EMC1182-1-AC3-TR Datasheet
565Kb / 48P
   Dual Channel 1C Temperature Sensor with Beta Compensation and 1.8V SMBus Communications
EMC1182-1-AIA-TR SMSC-EMC1182-1-AIA-TR Datasheet
565Kb / 48P
   Dual Channel 1C Temperature Sensor with Beta Compensation and 1.8V SMBus Communications
EMC1182-2-AC3-TR SMSC-EMC1182-2-AC3-TR Datasheet
565Kb / 48P
   Dual Channel 1C Temperature Sensor with Beta Compensation and 1.8V SMBus Communications
EMC1182-2-AIA-TR SMSC-EMC1182-2-AIA-TR Datasheet
565Kb / 48P
   Dual Channel 1C Temperature Sensor with Beta Compensation and 1.8V SMBus Communications
More results

Similar Description - EMC1182

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
EMC1184 MICROCHIP-EMC1184 Datasheet
547Kb / 48P
   Quad Channel 1째C Temperature Sensor with Beta
Revision 1.0 07-11-13
logo
SMSC Corporation
EMC1184 SMSC-EMC1184 Datasheet
547Kb / 48P
   Quad Channel 1째C Temperature Sensor with Beta
logo
Microchip Technology
EMC1183 MICROCHIP-EMC1183 Datasheet
539Kb / 48P
   Triple Channel 1째C Temperature Sensor with Beta
Revision 1.0 07-11-13
logo
SMSC Corporation
EMC1402 SMSC-EMC1402 Datasheet
622Kb / 37P
   1째C Temperature Sensor with Beta Compensation
EMC1402 SMSC-EMC1402_12 Datasheet
671Kb / 40P
   1째C Temperature Sensor with Beta Compensation
EMC1403 SMSC-EMC1403 Datasheet
728Kb / 42P
   1째C Temperature Sensor with Beta Compensation
logo
Microchip Technology
EMC1403 MICROCHIP-EMC1403 Datasheet
1Mb / 55P
   1째C Temperature Sensor with Beta Compensation
10/28/13
EMC1412 MICROCHIP-EMC1412_14 Datasheet
1Mb / 48P
   Multiple Channel 1째C Temperature Sensor with Beta Compensation
10/28/13
EMC1413 MICROCHIP-EMC1413_14 Datasheet
1Mb / 54P
   Multiple Channel 1째C Temperature Sensors with Beta Compensation
10/28/13
logo
SMSC Corporation
EMC1187 SMSC-EMC1187 Datasheet
525Kb / 47P
   Triple Channel 1째C Temperature Sensor with Hardware
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com