Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8483A Datasheet(PDF) 18 Page - Keysight Technologies

Part # 8483A
Description  EPM Series Power Meters E-Series and 8480 Series Power Sensors
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

8483A Datasheet(HTML) 18 Page - Keysight Technologies

Back Button 8483A Datasheet HTML 14Page - Keysight Technologies 8483A Datasheet HTML 15Page - Keysight Technologies 8483A Datasheet HTML 16Page - Keysight Technologies 8483A Datasheet HTML 17Page - Keysight Technologies 8483A Datasheet HTML 18Page - Keysight Technologies 8483A Datasheet HTML 19Page - Keysight Technologies 8483A Datasheet HTML 20Page - Keysight Technologies 8483A Datasheet HTML 21Page - Keysight Technologies 8483A Datasheet HTML 22Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
18 | Keysight | N1913A and N1914A EPM Series Power Meters / E-Series and 8480 Series Power Sensors - Data Sheet
E-Series E9300 Average Power Sensor Specifications (continued)
Effects of change in temperature
on linearity
Note: If the temperature changes after
calibration and you choose not to
re-calibrate the sensor, the following
additional power linearity error should be
added to the linearity specs in Table 9.
For small changes in temperature: The
typical maximum additional power linearity
error due to small temperature change
after calibration is ± 0.15%/°C (valid after
zeroing the sensor).
For large changes in temperature:
refer to Table 10.
Table 10. Typical maximum additional power linearity error due to temperature change (valid after zeroing the sensor)
Sensor
Power
Additional power linearity error
(25 °C ± 10 °C)
Additional power linearity error
(0 °C to 55 °C)
E9300A, E9301A, E9304A
–60 to –10 dBm
–10 to 0 dBm
0 to +20 dBm
± 1.5%
± 1.5%
± 1.5%
± 2.0%
± 2.5%
± 2.0%
E9300B, E9301B
–30 to +20 dBm
+20 to +30 dBm
+30 to +44 dBm
± 1.5%
± 1.5%
± 1.5%
± 2.0%
± 2.5%
± 2.0%
E9300H, E9301H
–50 to 0 dBm
0 to +10 dBm
+10 to +30 dBm
± 1.5%
± 1.5%
± 1.5%
± 2.0%
± 2.5%
± 2.0%
A+20 dBm
–10 dBm
60 dBm
B+44 dBm
H+30 dBm
+20 dBm, 0 dBm
–30 dBm, –50 dBm
± 2%
± 1%
± 1%
± 2%
A–60 dBm
B–30 dBm
H–50 dBm
–10 dBm
+20 dBm
0 dBm
+20 dBm
+44 dBm
+30 dBm
Figure 2. Relative mode power measurement linearity with an EPM Series power meter, at 25 °C ± 10 °C (typical)
Figure 2 shows the typical uncertainty
in making a relative power measurement,
using the same power meter channel and
same power sensor to obtain the reference
and the measured values, and assumes
that negligible change in frequency and
mismatch error occur when transitioning
from the power level used as the reference
to the power level being measured.


Similar Part No. - 8483A

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
8483A EMCORE-8483A Datasheet
387Kb / 19P
   System 8000 Fiber-Optic Interfacility Links
More results

Similar Description - 8483A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
W8486A KEYSIGHT-W8486A Datasheet
2Mb / 28P
   EPM Series Power Meters E-Series and 8480 Series Power Sensors
8481D KEYSIGHT-8481D Datasheet
2Mb / 28P
   EPM Series Power Meters E-Series and 8480 Series Power Sensors
8487D KEYSIGHT-8487D Datasheet
2Mb / 28P
   EPM Series Power Meters E-Series and 8480 Series Power Sensors
N1913A KEYSIGHT-N1913A Datasheet
2Mb / 28P
   EPM Series Power Meters E-Series and 8480 Series Power Sensors
N1914A KEYSIGHT-N1914A Datasheet
2Mb / 28P
   EPM Series Power Meters E-Series and 8480 Series Power Sensors
V8486A KEYSIGHT-V8486A Datasheet
2Mb / 28P
   EPM Series Power Meters E-Series and 8480 Series Power Sensors
8485D KEYSIGHT-8485D Datasheet
2Mb / 28P
   EPM Series Power Meters E-Series and 8480 Series Power Sensors
E4412A KEYSIGHT-E4412A Datasheet
2Mb / 28P
   EPM Series Power Meters E-Series and 8480 Series Power Sensors
E9326A KEYSIGHT-E9326A Datasheet
996Kb / 19P
   Power Meters and E-Series E9320 Peak and Average Power Sensors
E4417A KEYSIGHT-E4417A Datasheet
996Kb / 19P
   Power Meters and E-Series E9320 Peak and Average Power Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com