Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8483A Datasheet(PDF) 6 Page - Keysight Technologies

Part # 8483A
Description  EPM Series Power Meters E-Series and 8480 Series Power Sensors
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

8483A Datasheet(HTML) 6 Page - Keysight Technologies

Back Button 8483A Datasheet HTML 2Page - Keysight Technologies 8483A Datasheet HTML 3Page - Keysight Technologies 8483A Datasheet HTML 4Page - Keysight Technologies 8483A Datasheet HTML 5Page - Keysight Technologies 8483A Datasheet HTML 6Page - Keysight Technologies 8483A Datasheet HTML 7Page - Keysight Technologies 8483A Datasheet HTML 8Page - Keysight Technologies 8483A Datasheet HTML 9Page - Keysight Technologies 8483A Datasheet HTML 10Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
06 | Keysight | N1913A and N1914A EPM Series Power Meters / E-Series and 8480 Series Power Sensors - Data Sheet
N1913A/14A EPM Series Power Meters Performance Characteristics (continued)
1 mW power reference
Power output
1.00 mW (0.0 dBm). Factory set to ± 0.4 % traceable to the National Physical Laboratories (NPL), UK
Accuracy (for two years)
± 0.4% (25 ± 10 ºC)
± 1.2% (0 to 55 ºC)
Frequency
50 MHz nominal
SWR
1.05 (typical), 1.08 (0 to 55 ºC)
Connector type
Type-N (f), 50 Ω
Measurement speed
Using remote interface (over the GPIB, USB or LAN), three measurement speed modes are available as shown, along with the typical maximum
measurement speed for each mode.
With N1913A power meter
Normal: 20 readings/second
x2: 40 readings/second
Fast: 400 readings/second, for Keysight E- Series power sensors only
With N1914A power meter
The measurement speed is reduced, for example, with both channels in FAST mode, the typical maximum measurement
speed is 200 readings/second.
Fast mode is for Keysight E-Series power sensors only.
Maximum measurement speed is obtained using binary output in free run trigger mode.
Table 1. Power sensors zero set, zero drift and measurement noise
Model
Zero set
Zero drift1
Measurement noise2
E9300A, E9301A, E9304A3
± 500 pW
< ± 150 pW
< 700 pW
E9300B, E9301B3
± 500 nW
< ± 150 nW
< 700 nW
E9300H, E9301H3
± 5 nW
< ± 1.5 nW
< 7 nW
E4412A, E4413A
± 50 pW
< ± 15 pW
< 70 pW
N8481A, N8482A, N8485A, N8487A, N8486AR, N8486AQ
± 25 nW
< ± 3 nW
< 80 nW
8483A
± 50 nW
< ± 10 nW
< 110 nW
N8481B, N8482B
± 50 μW
< ± 10 μW
< 110 μW
8481D, 8485D, 8487D
± 20 pW
< ± 4 pW
< 45 pW
N8481H, N8482H
± 5 μW
< ± 1 μW
< 10 μW
R8486D, Q8486D
± 30 pW
< ± 6 pW
< 65 pW
V8486A, W8486A
± 200 nW
< ± 40 nW
< 450 nW
1. Within 1 hour after zero set, at a constant temperature, after a 24-hour warm-up of the power meter.
2. The number of averages at 16 for normal mode and 32 for x2 mode, at a constant temperature, measured over a one minute interval and two standard
deviations. For E-Series sensors, the measurement noise is measured within the low range. Refer to the relevant sensor manual for further information.
3. Specification applies to the low power path, 15% to 75% relative humidity.
The 8480 Series sensors in the table do not include discontinued models.
Table 2. Noise multiplier
Number of averages
1
2
4
8
16
32
64
128
256
512
1024
Noise multiplier
Normal mode
x2 mode
5.5
6.5
3.89
4.6
2.75
3.25
1.94
2.3
1
1.63
0.85
1
0.61
0.72
0.49
0.57
0.34
0.41
0.24
0.29
0.17
0.2


Similar Part No. - 8483A

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
8483A EMCORE-8483A Datasheet
387Kb / 19P
   System 8000 Fiber-Optic Interfacility Links
More results

Similar Description - 8483A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
W8486A KEYSIGHT-W8486A Datasheet
2Mb / 28P
   EPM Series Power Meters E-Series and 8480 Series Power Sensors
8481D KEYSIGHT-8481D Datasheet
2Mb / 28P
   EPM Series Power Meters E-Series and 8480 Series Power Sensors
8487D KEYSIGHT-8487D Datasheet
2Mb / 28P
   EPM Series Power Meters E-Series and 8480 Series Power Sensors
N1913A KEYSIGHT-N1913A Datasheet
2Mb / 28P
   EPM Series Power Meters E-Series and 8480 Series Power Sensors
N1914A KEYSIGHT-N1914A Datasheet
2Mb / 28P
   EPM Series Power Meters E-Series and 8480 Series Power Sensors
V8486A KEYSIGHT-V8486A Datasheet
2Mb / 28P
   EPM Series Power Meters E-Series and 8480 Series Power Sensors
8485D KEYSIGHT-8485D Datasheet
2Mb / 28P
   EPM Series Power Meters E-Series and 8480 Series Power Sensors
E4412A KEYSIGHT-E4412A Datasheet
2Mb / 28P
   EPM Series Power Meters E-Series and 8480 Series Power Sensors
E9326A KEYSIGHT-E9326A Datasheet
996Kb / 19P
   Power Meters and E-Series E9320 Peak and Average Power Sensors
E4417A KEYSIGHT-E4417A Datasheet
996Kb / 19P
   Power Meters and E-Series E9320 Peak and Average Power Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com