Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NOIL2SM1300A-GWC Datasheet(PDF) 8 Page - ON Semiconductor

Part # NOIL2SM1300A-GWC
Description  High Speed CMOS Image Sensor
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NOIL2SM1300A-GWC Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NOIL2SM1300A-GWC Datasheet HTML 4Page - ON Semiconductor NOIL2SM1300A-GWC Datasheet HTML 5Page - ON Semiconductor NOIL2SM1300A-GWC Datasheet HTML 6Page - ON Semiconductor NOIL2SM1300A-GWC Datasheet HTML 7Page - ON Semiconductor NOIL2SM1300A-GWC Datasheet HTML 8Page - ON Semiconductor NOIL2SM1300A-GWC Datasheet HTML 9Page - ON Semiconductor NOIL2SM1300A-GWC Datasheet HTML 10Page - ON Semiconductor NOIL2SM1300A-GWC Datasheet HTML 11Page - ON Semiconductor NOIL2SM1300A-GWC Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
NOIL2SM1300A
www.onsemi.com
8
SENSOR ARCHITECTURE
Image Sensor Core
The floor plan of the architecture is shown in Figure 5. The
sensor consists of a pixel array, analog front end, data block,
and LVDS transmitters and receivers. Separate modules for
the SPI, clock division, and sequencer are also integrated.
The image sensor of 1280 x 1024 active pixels is read out in
progressive scan.
This architecture enables programmable addressing in the
x-direction in steps of 24 pixels, and in the y-direction in
steps of one pixel. The starting point of the address can be
uploaded by the SPI.
The AFE prepares the signal for the digital data block
when the data is multiplexed and prepared for the LVDS
interface.
Figure 6. Floor Plan of the Sensor
Pixel Array
(1280x1024)
Analog Front End (AFE)
Data Formatting
LVDS Interface Tx and Rx
12 x LVDS Outputs at 630 Msps
28 Analog Channels, 31.5 Msps
12 x 10−bit Digital Channels, 63 Msps
Clock
Divider
24 x 10−bit Digital Channels, 31.5 Msps
31.5 Mhz
63 Mhz
315 Mhz
Clk X & Clk Y
Local registers
The 6T Pixel
To obtain the global shutter feature combined with a high
sensitivity and good parasitic light sensitivity (PLS),
implement the pixel architecture shown in Figure 6. This
pixel architecture is designed with a 14
mm x 14 mm pixel
pitch to meet the specifications listed in Table 1 and Table 2
on page 3. This architecture also enables pipelined or
triggered mode.
Figure 7. 6T Pixel Architecture
Vpix
Vmem
Reset
Sample
Select


Similar Part No. - NOIL2SM1300A-GWC

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NOIL2SM1300A-GWC ONSEMI-NOIL2SM1300A-GWC Datasheet
765Kb / 44P
   LUPA1300-2: High Speed CMOS Image Sensor
June, 2014 ??Rev. 10
More results

Similar Description - NOIL2SM1300A-GWC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYIL2SM1300AA CYPRESS-CYIL2SM1300AA_09 Datasheet
2Mb / 41P
   High Speed CMOS Image Sensor
LUPA-1300 CYPRESS-LUPA-1300_09 Datasheet
948Kb / 32P
   1.3MPxl High Speed CMOS Image Sensor
CYIL1SM1300AA-GDC CYPRESS-CYIL1SM1300AA-GDC Datasheet
952Kb / 32P
   1.3MPxl High Speed CMOS Image Sensor
logo
ON Semiconductor
NOIL2SM1300A ONSEMI-NOIL2SM1300A Datasheet
765Kb / 44P
   LUPA1300-2: High Speed CMOS Image Sensor
June, 2014 ??Rev. 10
logo
Cypress Semiconductor
LUPA-1300 CYPRESS-LUPA-1300 Datasheet
631Kb / 48P
   1.3 M Pixel High Speed CMOS Image Sensor
logo
ams AG
CSG14K_CSG8K AMSCO-CSG14K_CSG8K Datasheet
2Mb / 113P
   13.8Mp_8.3Mp High Speed Global Shutter CMOS Image Sensor
v1-00 2020-Dec-15
logo
Hamamatsu Corporation
S9227 HAMAMATSU-S9227 Datasheet
104Kb / 4P
   CMOS linear image sensor High-speed readout, simultaneous integration
logo
Cypress Semiconductor
CYIL1SM1300AA CYPRESS-CYIL1SM1300AA_09 Datasheet
1Mb / 29P
   LUPA-1300 1.3 MPxl High Speed CMOS Image Sensor
logo
List of Unclassifed Man...
PS50276 ETC2-PS50276 Datasheet
65Kb / 1P
   CMOS Image Sensor
logo
ON Semiconductor
KAC-12040 ONSEMI-KAC-12040_16 Datasheet
820Kb / 41P
   CMOS Image Sensor
March, 2016 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com