Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8481D Datasheet(PDF) 25 Page - Keysight Technologies

Part # 8481D
Description  EPM Series Power Meters E-Series and 8480 Series Power Sensors
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

8481D Datasheet(HTML) 25 Page - Keysight Technologies

Back Button 8481D Datasheet HTML 20Page - Keysight Technologies 8481D Datasheet HTML 21Page - Keysight Technologies 8481D Datasheet HTML 22Page - Keysight Technologies 8481D Datasheet HTML 23Page - Keysight Technologies 8481D Datasheet HTML 24Page - Keysight Technologies 8481D Datasheet HTML 25Page - Keysight Technologies 8481D Datasheet HTML 26Page - Keysight Technologies 8481D Datasheet HTML 27Page - Keysight Technologies 8481D Datasheet HTML 28Page - Keysight Technologies  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
25 | Keysight | N1913A and N1914A EPM Series Power Meters / E-Series and 8480 Series Power Sensors - Data Sheet
N8480 Series Thermocouple Power Sensor Specifications (continued)
Switch point data
Switching point is applicable for standard
N8480 Series power sensors only.
The N8480 Series power sensors have
two power measurement ranges; a lower
range and upper range. The power meter
automatically selects the proper power
range. To avoid unnecessary switching
when the power level is near switching
point, a Switching Point Hysteresis has
been added.
Switching point hysteresis: 0.5 dB typical
Example of switching point hysteresis on
N8481/2H power sensors, this hysteresis
causes the lower range to remain selected
until approximately 17.5 dBm as the power
level is increased, above this power the
upper range is selected.
The upper range remains selected until
approximately 16.5 dBm as the signal level
decreases, below this power the lower
range is selected.
For more detailed specifications, refer to Keysight N8480 Series Thermocouple Power
Sensors, data sheet (5989-9333EN).


Similar Part No. - 8481D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
8481 ETC-8481 Datasheet
151Kb / 1P
   Input/Output Modules
logo
Filtran LTD
8481 FILTRAN-8481 Datasheet
154Kb / 1P
   ISDN S-Bus Input/Output Modules
logo
List of Unclassifed Man...
8481 ETC2-8481 Datasheet
320Kb / 1P
   HOLE PLUGS and BUSHINGS
logo
Heyco.
8481 HEYCO-8481 Datasheet
154Kb / 1P
   Heyco-Flex™ III Nylon 94V-0 Corrugated Liquid Tight Tubing
More results

Similar Description - 8481D

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
W8486A KEYSIGHT-W8486A Datasheet
2Mb / 28P
   EPM Series Power Meters E-Series and 8480 Series Power Sensors
8487D KEYSIGHT-8487D Datasheet
2Mb / 28P
   EPM Series Power Meters E-Series and 8480 Series Power Sensors
N1913A KEYSIGHT-N1913A Datasheet
2Mb / 28P
   EPM Series Power Meters E-Series and 8480 Series Power Sensors
N1914A KEYSIGHT-N1914A Datasheet
2Mb / 28P
   EPM Series Power Meters E-Series and 8480 Series Power Sensors
V8486A KEYSIGHT-V8486A Datasheet
2Mb / 28P
   EPM Series Power Meters E-Series and 8480 Series Power Sensors
8483A KEYSIGHT-8483A Datasheet
2Mb / 28P
   EPM Series Power Meters E-Series and 8480 Series Power Sensors
8485D KEYSIGHT-8485D Datasheet
2Mb / 28P
   EPM Series Power Meters E-Series and 8480 Series Power Sensors
E4412A KEYSIGHT-E4412A Datasheet
2Mb / 28P
   EPM Series Power Meters E-Series and 8480 Series Power Sensors
E9326A KEYSIGHT-E9326A Datasheet
996Kb / 19P
   Power Meters and E-Series E9320 Peak and Average Power Sensors
E4417A KEYSIGHT-E4417A Datasheet
996Kb / 19P
   Power Meters and E-Series E9320 Peak and Average Power Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com