Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV885300D1R2G Datasheet(PDF) 9 Page - ON Semiconductor

Part # NCV885300D1R2G
Description  Automotive Grade Non-Synchronous Buck Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV885300D1R2G Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NCV885300D1R2G Datasheet HTML 4Page - ON Semiconductor NCV885300D1R2G Datasheet HTML 5Page - ON Semiconductor NCV885300D1R2G Datasheet HTML 6Page - ON Semiconductor NCV885300D1R2G Datasheet HTML 7Page - ON Semiconductor NCV885300D1R2G Datasheet HTML 8Page - ON Semiconductor NCV885300D1R2G Datasheet HTML 9Page - ON Semiconductor NCV885300D1R2G Datasheet HTML 10Page - ON Semiconductor NCV885300D1R2G Datasheet HTML 11Page - ON Semiconductor NCV885300D1R2G Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
NCV8853
www.onsemi.com
9
Gate Drive
To turn on the P−Channel MOSFET, the gate driver turns
on a current source to ground. A clamp ensures that the gate
drive voltage does not exceed 10 V. When the clamp starts
conducting the current source starts to turn off. To turn off
the external MOSFET, the gate driver turns on a current
source to VIN.
100% Duty Cycle Operation
Each cycle, the oscillator allows either a maximum duty
cycle up to 93% or 100% duty cycle operation. The
oscillator does not allow duty cycles between 93% and
100%.
Every cycle, the oscillator determines whether an
off−time is necessary. If so, the oscillator creates a duty cycle
up to 93%. If an off−time is not required, it can be skipped
and 100% duty cycle is allowed for the cycle.
Below are a few examples of what this could look like on
the switching node:
Figure 14. Duty Cycle Timing
A
B
D
1234
C
≤93%
93%
93%
100%
93%
100%
93%
100%
93%
100%
100%
100%
100%
≤93%
≤93%
≤93%
A: Continuous operation. Each period has a duty cycle that
is less than or equal to 93%.
B: One off−time is skipped in period 3, while the minimum
off−time is maintained in periods 1, 2, and 4.
C: An off−time is skipped in period 1 and in period 3, while
the minimum off−time is maintained in periods 2 and 4.
D: Low input voltage causes the IC to regulate at continuous
100% duty cycle (dropout).
EN/SYNC
This pin has three modes. When a dc logic high
(CMOS/TTL compatible) voltage is applied to this pin the
NCV8853 operates at the default frequency. When a dc logic
low voltage is applied to this pin the NCV8853 enters a low
quiescent current sleep mode. When a square wave of at least
40% of the switching frequency is applied to this pin the
switcher operates at the same frequency as the square wave.
If the signal is slower than 40% of the switching frequency,
it will be interpreted as enabling and disabling the part. The
falling edge of the square wave corresponds to the start of the
switching cycle.
Power Good
The power good pin is high when the reference voltage
reaches 90% of its target of 800 mV. The pin should be pulled
up with a 10 k
W resistor to 5 V. The output voltage of the
controller may be used in this case.
Overvoltage Lockout
To protect the IC, if the voltage on the VIN pin the exceeds
Vovlo the NCV8853 will shutdown. When the voltage drops
below this voltage the part will go through the normal
soft−start procedure.
Undervoltage Lockout
Undervoltage lockout protection is engaged when the
input voltage drops below the Vuvlo signal. The part will
remain off until the input voltage rises above the Vuvlo value
plus hysteresis. Depending on the desired output voltage, it
is possible to engage the short-circuit hiccup mode before
undervoltage lockout occurs.
Soft−Start
To ensure moderate inrush current and reduce output
overshoot, the NCV8853 features a soft start which
periodically adds charge to a capacitor until the final
reference voltage is achieved. When using an external
SYNC signal, charging is based on the switching frequency.
If, for example, the NCV8853 is synchronized to twice the
free running (not synced) frequency, the soft−start will be
half as long.


Similar Part No. - NCV885300D1R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV885300D1R2G ONSEMI-NCV885300D1R2G Datasheet
106Kb / 12P
   Automotive Grade Non-Synchronous Buck Controller
August, 2015 ??Rev. 4
More results

Similar Description - NCV885300D1R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8852 ONSEMI-NCV8852 Datasheet
151Kb / 12P
   Automotive Grade Non-Synchronous Buck Controller
October, 2012 ??Rev. 5
NCV8852 ONSEMI-NCV8852_16 Datasheet
106Kb / 13P
   Automotive Grade Non-Synchronous Buck Controller
October, 2016 ??Rev. 8
NCV8853 ONSEMI-NCV8853 Datasheet
106Kb / 12P
   Automotive Grade Non-Synchronous Buck Controller
August, 2015 ??Rev. 4
NCV8852 ONSEMI-NCV8852_15 Datasheet
107Kb / 13P
   Automotive Grade Non-Synchronous Buck Controller
August, 2015 ??Rev. 7
NCV8851 ONSEMI-NCV8851 Datasheet
250Kb / 18P
   Automotive Grade Synchronous Buck Controller
April, 2010 ??Rev. 2
NCV8856 ONSEMI-NCV8856 Datasheet
181Kb / 19P
   Automotive Grade Synchronous Buck Controller
October, 2016 ??Rev. 0
NCV8851B ONSEMI-NCV8851B Datasheet
222Kb / 18P
   Automotive Grade Synchronous Buck Controller
June, 2010 ??Rev. 1
NCV8851-1 ONSEMI-NCV8851-1 Datasheet
182Kb / 18P
   Automotive Grade Synchronous Buck Controller
November, 2014 ??Rev. 2
NCV8870 ONSEMI-NCV8870_16 Datasheet
239Kb / 15P
   Automotive Grade Non-Synchronous Boost Controller
August, 2016 ??Rev. 10
NCV887200 ONSEMI-NCV887200_16 Datasheet
240Kb / 16P
   Automotive Grade Non-Synchronous Boost Controller
August, 2016 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com