Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV8853 Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCV8853
Description  Automotive Grade Non-Synchronous Buck Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8853 Datasheet(HTML) 5 Page - ON Semiconductor

  NCV8853_16 Datasheet HTML 1Page - ON Semiconductor NCV8853_16 Datasheet HTML 2Page - ON Semiconductor NCV8853_16 Datasheet HTML 3Page - ON Semiconductor NCV8853_16 Datasheet HTML 4Page - ON Semiconductor NCV8853_16 Datasheet HTML 5Page - ON Semiconductor NCV8853_16 Datasheet HTML 6Page - ON Semiconductor NCV8853_16 Datasheet HTML 7Page - ON Semiconductor NCV8853_16 Datasheet HTML 8Page - ON Semiconductor NCV8853_16 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
NCV8853
www.onsemi.com
5
ELECTRICAL CHARACTERISTICS (VIN = 3.4 V to 36 V, EN = 5 V. Min/Max values are valid for the temperature range
−40
°C ≤ TJ ≤ 150°C unless noted otherwise, and are guaranteed by test, design or statistical correlation.)
Characteristic
Unit
Max
Typ
Min
Conditions
Symbol
CURRENT SENSE AMP
Input Bias Current
Isns,bias
NCV885300
NCV885301
30
70
50
120
mA
CURRENT LIMIT / OVER CURRENT PROTECTION
Cycle−by−Cycle Current
Limit Threshold
Vcl
85
100
115
mV
Cycle−by−Cycle Current
Limit Response Time
tcl
200
nsec
Over Current Protection
Threshold
Vocp
% of Vcl
125
150
175
%
Over Current Protection
Response Time
tocp
200
ns
GATE DRIVERS
Leading Edge Blanking
Time
ton,min
100
ns
Gate Driver Pull Up Current
Isink
VIN − VGDRV = 4 V
160
230
300
mA
Gate Driver Pull Down
Current
Isrc
VIN − VGDRV = 4 V
160
230
300
mA
Gate Driver Clamp Voltage
(VIN – VGDRV)
Vdrv
6.0
8.0
10
V
Power Switch Gate to
Source Voltage
Vgs
VIN = 4 V
3.8
V
SHORT CIRCUIT PROTECTION
Startup Blanking Time
tscp,dly
From start of soft−start, % of soft−start time
105
300
%
Short−Circuit Threshold
Voltage
Vscp
% of Feedback Voltage (Vref)
65
70
75
%
Hiccup Time
thcp,dly
% of Soft−Start Time
135
%
SC Response Time
tscp
Switcher Running
60
200
ns
THERMAL SHUTDOWN
Thermal Shutdown
Threshold
Tsd
TJ rising
160
170
180
°C
Thermal Shutdown
Hysteresis
Tsd,hys
TJ Shutdown – TJ Startup
10
15
20
°C
Thermal Shutdown Delay
ttsd
TJ > Thermal Shutdown Threshold to stop
switching
200
ns
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.


Similar Part No. - NCV8853_16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV885301D1R2G ONSEMI-NCV885301D1R2G Datasheet
106Kb / 12P
   Automotive Grade Non-Synchronous Buck Controller
August, 2015 ??Rev. 4
More results

Similar Description - NCV8853_16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8852 ONSEMI-NCV8852 Datasheet
151Kb / 12P
   Automotive Grade Non-Synchronous Buck Controller
October, 2012 ??Rev. 5
NCV8852 ONSEMI-NCV8852_16 Datasheet
106Kb / 13P
   Automotive Grade Non-Synchronous Buck Controller
October, 2016 ??Rev. 8
NCV8853 ONSEMI-NCV8853 Datasheet
106Kb / 12P
   Automotive Grade Non-Synchronous Buck Controller
August, 2015 ??Rev. 4
NCV8852 ONSEMI-NCV8852_15 Datasheet
107Kb / 13P
   Automotive Grade Non-Synchronous Buck Controller
August, 2015 ??Rev. 7
NCV8851 ONSEMI-NCV8851 Datasheet
250Kb / 18P
   Automotive Grade Synchronous Buck Controller
April, 2010 ??Rev. 2
NCV8856 ONSEMI-NCV8856 Datasheet
181Kb / 19P
   Automotive Grade Synchronous Buck Controller
October, 2016 ??Rev. 0
NCV8851B ONSEMI-NCV8851B Datasheet
222Kb / 18P
   Automotive Grade Synchronous Buck Controller
June, 2010 ??Rev. 1
NCV8851-1 ONSEMI-NCV8851-1 Datasheet
182Kb / 18P
   Automotive Grade Synchronous Buck Controller
November, 2014 ??Rev. 2
NCV8870 ONSEMI-NCV8870_16 Datasheet
239Kb / 15P
   Automotive Grade Non-Synchronous Boost Controller
August, 2016 ??Rev. 10
NCV887200 ONSEMI-NCV887200_16 Datasheet
240Kb / 16P
   Automotive Grade Non-Synchronous Boost Controller
August, 2016 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com