Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV7428 Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCV7428
Description  System Basis Chip with Integrated LIN and Voltage Regulator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV7428 Datasheet(HTML) 4 Page - ON Semiconductor

  NCV7428 Datasheet HTML 1Page - ON Semiconductor NCV7428 Datasheet HTML 2Page - ON Semiconductor NCV7428 Datasheet HTML 3Page - ON Semiconductor NCV7428 Datasheet HTML 4Page - ON Semiconductor NCV7428 Datasheet HTML 5Page - ON Semiconductor NCV7428 Datasheet HTML 6Page - ON Semiconductor NCV7428 Datasheet HTML 7Page - ON Semiconductor NCV7428 Datasheet HTML 8Page - ON Semiconductor NCV7428 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
NCV7428
www.onsemi.com
4
Table 3. ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Min
Max
Units
VS
Maximum DC voltage at VS pin
−0.3
45
V
VOUT
Maximum voltage at VOUT pin
−0.3
6
V
VLIN
Maximum voltage at LIN bus pin
−45
45
V
VDig_IO_inputs
Maximum voltage at digital input pins (TxD, EN)
−0.3
45
V
VDig_IO_outputs
Maximum voltage at digital output pins (RxD, RSTN)
−0.3
VOUT+0.3
V
TAMB
Ambient temperature range
−40
+125
°C
TJ
Junction temperature range
−40
+170
°C
TSTG
Storage temperature range
−55
+150
°C
VESD
System ESD at pins VS, LIN as per IEC 61000−4−2: 330
W / 150 pF
(Verified by external test house)
≥ ±14
kV
Human body model at pins VS, LIN stressed towards GND with 1500
W / 100 pF
≥ ±8
kV
Human body model at all pins as per JESD22−A114 / AEC−Q100−002
≥ ±4
kV
Charge device model at all pins as per JESD22−C101 / AEC−Q100−011
≥ ±500
V
Machine model; (200 pF; 0.75
mH; 10 W) as per JESD22−A115 / AEC−Q100−003
±200
V
MSL
Moisture Sensitivity Level
SOIC
DFN
2
1
TSLD
Lead temperature Soldering − Reflow (SMD styles only), Pb−Free (Note 1)
260
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. For information, please refer to our Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
Table 4. OPERATING RANGES
Symbol
Parameter
Min
Max
Units
VS
VS operating voltage for parametric operation (Note 2)
5.5
28
V
VS operating voltage for limited operation (Note 2)
4
28
V
VOUT5
Regulated voltage at VOUT supply output for 5 V versions
4.9
5.1
V
VOUT33
Regulated voltage at VOUT supply output for 3.3 V versions
3.234
3.366
V
IVOUT
Current delivered by the VOUT regulator
70
mA
VLIN
Operating voltage at LIN bus pin
0
VS
V
VDig_IO_inputs
Operating voltage at digital input pins (TxD, EN)
0
5.5
V
VDig_IO_outputs
Operating voltage at digital output pins (RxD, RSTN)
0
VOUT
V
Functional operation above the stresses listed in the Recommended Operating Ranges is not implied. Extended exposure to stresses beyond
the Recommended Operating Ranges limits may affect device reliability.
2. Below 5.5 V at VS pin in normal mode, the bus will either stay recessive or comply with the voltage level specifications and transition time
specifications as required by SAE J2602. It is ensured by the battery monitoring circuit. Above 28 V at VS pin, LIN communication is
operational (LIN pin toggling) but parameters cannot be guaranteed. For higher battery voltage operation above 28 V, LIN pull−up resistor
must be selected large enough to avoid clamping of LIN pin by voltage drop over external pull−up resistor and LIN pin min current limitation.
Table 5. THERMAL CHARACTERISTICS
Rating
Symbol
Value
Unit
Thermal Characteristics, SOIC−8 (Note 3)
Thermal Resistance Junction−to−Air, Free air, 1S0P PCB (Note 4)
Thermal Resistance Junction−to−Air, Free air, 2S2P PCB (Note 5)
RqJA
RqJA
125
75
°C/W
°C/W
Thermal Characteristics, DFN−8 (Note 3)
Thermal Resistance Junction−to−Air, Free air, 1S0P PCB (Note 4)
Thermal Resistance Junction−to−Air, Free air, 2S2P PCB (Note 5)
RqJA
RqJA
133
55
°C/W
°C/W
3. Refer to ELECTRICAL CHARACTERISTICS, RECOMMENDED OPERATING RANGES and/or APPLICATION INFORMATION for Safe
Operating parameters.
4. Values based on test board according to EIA/JEDEC Standard JESD51−3, signal layer with 10% trace coverage.
5. Values based on test board according to EIA/JEDEC Standard JESD51−7, signal layers with 10% trace coverage for the signal layer and
4 thermal vias connected between exposed pad and first inner Cu layer.


Similar Part No. - NCV7428

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV7428 ONSEMI-NCV7428 Datasheet
171Kb / 17P
   System Basis Chip
June, 2014 ??Rev. 1
NCV7428D13R2G ONSEMI-NCV7428D13R2G Datasheet
184Kb / 19P
   System Basis Chip with Integrated LIN and Voltage Regulator
October, 2015 ??Rev. 4
NCV7428D15R2G ONSEMI-NCV7428D15R2G Datasheet
184Kb / 19P
   System Basis Chip with Integrated LIN and Voltage Regulator
October, 2015 ??Rev. 4
NCV7428D1L3R2G ONSEMI-NCV7428D1L3R2G Datasheet
184Kb / 19P
   System Basis Chip with Integrated LIN and Voltage Regulator
October, 2015 ??Rev. 4
NCV7428D1L5R2G ONSEMI-NCV7428D1L5R2G Datasheet
184Kb / 19P
   System Basis Chip with Integrated LIN and Voltage Regulator
October, 2015 ??Rev. 4
More results

Similar Description - NCV7428

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV7428 ONSEMI-NCV7428_15 Datasheet
184Kb / 19P
   System Basis Chip with Integrated LIN and Voltage Regulator
October, 2015 ??Rev. 4
logo
ATMEL Corporation
ATA664151 ATMEL-ATA664151_14 Datasheet
1Mb / 50P
   LIN System Basis Chip with LIN Transceiver
logo
Motorola, Inc
MC33689 MOTOROLA-MC33689 Datasheet
229Kb / 18P
   System Basis Chip with LIN transceiver
logo
Freescale Semiconductor...
33910 FREESCALE-33910_10 Datasheet
1Mb / 90P
   LIN System Basis Chip with High
logo
NXP Semiconductors
MC33689 NXP-MC33689 Datasheet
890Kb / 31P
   System Basis Chip with LIN Transceiver
Rev. 8.0, 9/2012
logo
Freescale Semiconductor...
33689D FREESCALE-33689D Datasheet
490Kb / 31P
   System Basis Chip with LIN Transceiver
logo
NXP Semiconductors
UJA1079 NXP-UJA1079 Datasheet
332Kb / 45P
   LIN core system basis chip
Rev. 02-27 May 2010
UJA1079A NXP-UJA1079A Datasheet
337Kb / 46P
   LIN core system basis chip
Rev. 2 ??31 January 2011
logo
Infineon Technologies A...
TLE7263E INFINEON-TLE7263E Datasheet
902Kb / 63P
   Integrated HS-CAN, LIN, LDO and HS Switch System Basis Chip
Rev. 1.51, June 2007
logo
ATMEL Corporation
ATA6833 ATMEL-ATA6833 Datasheet
600Kb / 25P
   BLDC Motor Driver and LIN System Basis Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com