Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCS20074DTBR2G Datasheet(PDF) 8 Page - ON Semiconductor

Part # NCS20074DTBR2G
Description  Operational Amplifier, Railto- Rail Output
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCS20074DTBR2G Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NCS20074DTBR2G Datasheet HTML 4Page - ON Semiconductor NCS20074DTBR2G Datasheet HTML 5Page - ON Semiconductor NCS20074DTBR2G Datasheet HTML 6Page - ON Semiconductor NCS20074DTBR2G Datasheet HTML 7Page - ON Semiconductor NCS20074DTBR2G Datasheet HTML 8Page - ON Semiconductor NCS20074DTBR2G Datasheet HTML 9Page - ON Semiconductor NCS20074DTBR2G Datasheet HTML 10Page - ON Semiconductor NCS20074DTBR2G Datasheet HTML 11Page - ON Semiconductor NCS20074DTBR2G Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
NCS20071, NCV20071, NCS20072, NCV20072, NCS20074, NCV20074
www.onsemi.com
8
ELECTRICAL CHARACTERISTICS AT VS = 5 V
TA = 25°C; RL ≥ 10 kW; VCM = VOUT = mid−supply unless otherwise noted. All limits are guaranteed by testing or statistical analysis.
Boldface limits apply over the specified temperature range, TA = −40°C to 125°C. (Notes 15, 16)
Parameter
Unit
Max
Typ
Min
Conditions
Symbol
INPUT CHARACTERISTICS
Common Mode Rejection Ratio
CMRR
VCM = VSS + 0.2 V to
VDD − 1.35 V
NCx20072
102
125
dB
80
VCM = VSS to VDD
1.35 V (Note 17)
NCx20074
102
125
dB
80
OUTPUT CHARACTERISTICS
Open Loop Voltage Gain
AVOL
96
120
dB
86
Output Current Capability (Note 18)
IO
Op amp sinking current
50
mA
Op amp sourcing current
60
Output Voltage High
VOH
Voltage output swing from positive rail
0.013
0.20
V
0.25
Output Voltage Low
VOL
Voltage output swing from negative rail
0.01
0.10
V
0.15
AC CHARACTERISTICS
Unity Gain Bandwidth
UGBW
CL = 25 pF
3.2
MHz
Slew Rate at Unity Gain
SR
CL = 20 pF, RL = 2 kW
2.7
V/
ms
Phase Margin
öm
CL = 25 pF
50
°
Gain Margin
Am
CL = 25 pF
14
dB
Settling Time
tS
VO = 3 Vpp,
Gain = 1, CL = 20 pF
Settling time to 0.1%
1.2
ms
Settling time to 0.01%
5.6
NOISE CHARACTERISTICS
Total Harmonic Distortion plus Noise
THD+N
VIN = 2.5 Vpp, f = 1 kHz, Av = 1
0.009
%
Input Referred Voltage Noise
en
f = 1 kHz
30
nV/
√Hz
f = 10 kHz
20
Input Referred Current Noise
in
f = 1 kHz
0.25
fA/
√Hz
SUPPLY CHARACTERISTICS
Power Supply Rejection Ratio
PSRR
No Load
114
135
dB
100
Power Supply Quiescent Current
IDD
Per channel, no load
410
530
mA
630
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
15. Refer to ABSOLUTE MAXIMUM RATINGS and APPLICATION INFORMATION for Safe Operating Area.
16. Performance guaranteed over the indicated operating temperature range by design and/or characterization.
17. Effective for the NCx20074 until FPCN 20949 is implemented. After the FPCN is implemented, the NCx20074 condition will change to VCM
= VSS + 0.2 V to VDD − 1.35 V.
18. Power dissipation must be limited to prevent junction temperature from exceeding 150
°C. See Absolute Maximum Ratings for more infor-
mation.


Similar Part No. - NCS20074DTBR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS20074DTBR2G ONSEMI-NCS20074DTBR2G Datasheet
1Mb / 30P
   Operational Amplifier, Railto-Rail Output, 3 MHz BW
September, 2018 - Rev. 14
More results

Similar Description - NCS20074DTBR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS20071 ONSEMI-NCS20071_V01 Datasheet
1Mb / 30P
   Operational Amplifier, Railto-Rail Output, 3 MHz BW
September, 2018 - Rev. 14
logo
Unisonic Technologies
LV321 UTC-LV321_18 Datasheet
427Kb / 10P
   RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIER
logo
SG Micro Corp
SGM8922 SGMICRO-SGM8922 Datasheet
324Kb / 10P
   Dual Rail-to-Rail Output Operational Amplifier
logo
ON Semiconductor
NCS20071 ONSEMI-NCS20071 Datasheet
967Kb / 24P
   Rail-to-Rail Output, BW Operational Amplifier
July, 2014 ??Rev. 1
logo
Analog Devices
ADA4895-1 AD-ADA4895-1 Datasheet
591Kb / 24P
   Low Power, 1 nV/?숰z, G ??10 Stable, Railto- Rail Output Amplifier
logo
SG Micro Corp
SGM8051 SGMICRO-SGM8051 Datasheet
757Kb / 20P
   250MHz, Rail-to-Rail Output CMOS Operational Amplifier
logo
Intersil Corporation
EL5411T INTERSIL-EL5411T_10 Datasheet
815Kb / 16P
   60MHz Rail-to-Rail Input-Output Operational Amplifier
logo
New Japan Radio
NJU7056 NJRC-NJU7056 Datasheet
242Kb / 8P
   Rail-to-Rail Output Single CMOS Operational Amplifier
logo
ON Semiconductor
NCS2003 ONSEMI-NCS2003 Datasheet
457Kb / 10P
   Low Voltage, Rail-to-Rail Output Operational Amplifier
January, 2014 ??Rev. 2
logo
Renesas Technology Corp
EL5211T RENESAS-EL5211T Datasheet
850Kb / 15P
   60MHz Rail-to-Rail Input-Output Operational Amplifier
May 12, 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com