Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV7101SN2T1G Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCV7101SN2T1G
Description  1.8 Volt Rail-to-Rail Operational Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV7101SN2T1G Datasheet(HTML) 3 Page - ON Semiconductor

  NCV7101SN2T1G Datasheet HTML 1Page - ON Semiconductor NCV7101SN2T1G Datasheet HTML 2Page - ON Semiconductor NCV7101SN2T1G Datasheet HTML 3Page - ON Semiconductor NCV7101SN2T1G Datasheet HTML 4Page - ON Semiconductor NCV7101SN2T1G Datasheet HTML 5Page - ON Semiconductor NCV7101SN2T1G Datasheet HTML 6Page - ON Semiconductor NCV7101SN2T1G Datasheet HTML 7Page - ON Semiconductor NCV7101SN2T1G Datasheet HTML 8Page - ON Semiconductor NCV7101SN2T1G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
NCS7101, NCV7101
http://onsemi.com
3
DC ELECTRICAL CHARACTERISTICS
(VCC = 2.5 V, VEE = −2.5 V, VCM = VO = 0, RL to GND, TA = 25°C, unless otherwise noted.)
Characteristics
Symbol
Min
Typ
Max
Unit
Input Offset Voltage
VCC = 0.9 V, VEE = −0.9 V
TA = 25°C
TA = TLow to THigh
VCC = 2.5 V, VEE = −2.5 V
TA = 25°C
TA = TLow to THigh
VCC = 5.0 V, VEE = −5.0 V
TA = 25°C
TA = TLow to THigh
VIO
−7.0
−9.0
−7.0
−9.0
−7.0
−9.0
0.6
0.6
0.6
7.0
9.0
7.0
9.0
7.0
9.0
mV
Input Offset Voltage Temperature Coefficient (RS = 50)
TA = −40°C to 125°C
DVIO/DT
8.0
mV/°C
Input Bias Current (VCC = 1.8 V to 10 V)
|IIB|
1.0
pA
Common Mode Input Voltage Range
VICR
VEE
VCC
V
Large Signal Voltage Gain
VCC = 5.0 V, VEE = −5.0 V
RL = 10 kW
RL = 2.0 kW
AVOL
16
16
50
30
kV/V
Output Voltage Swing, High (VID = "0.2 V)
VCC = 0.9 V, VEE = −0.9 V (TA = 25°C)
RL = 10 k
RL = 2.0 k
TA = TLow to THigh
RL = 10 k
RL = 2.0 k
VCC = 2.5 V, VEE = −2.5 V (TA = 25°C)
RL = 600
RL = 2.0 k
TA = TLow to THigh
RL = 600
RL = 2.0 k
VCC = 5.0 V, VEE = −5.0 V (TA = 25°C)
RL = 600
RL = 2.0 k
TA = TLow to THigh
RL = 600
RL = 2.0 k
VOH
0.85
0.80
0.85
0.79
2.10
2.35
2.00
2.40
4.40
4.80
4.40
4.80
0.88
0.82
2.21
2.44
4.60
4.88
V
Output Voltage Swing, Low (VID = "0.2 V)
VCC = 0.9 V, VEE = −0.9 V (TA = 25°C)
RL = 10 k
RL = 2.0 k
TA = TLow to THigh
RL = 10 k
RL = 2.0 k
VCC = 2.5 V, VEE = −2.5 V (TA = 25°C)
RL = 600
RL = 2.0 k
TA = TLow to THigh
RL = 600
RL = 2.0 k
VCC = 5.0 V, VEE = −5.0 V (TA = 25°C)
RL = 600
RL = 2.0 k
TA = TLow to THigh
RL = 600
RL = 2.0 k
VOL
−0.88
−0.82
−2.22
−2.38
−4.66
−4.88
−0.85
−0.80
−0.85
−0.78
−2.10
−2.35
−2.00
−2.30
−4.40
−4.80
−4.35
−4.80
V
Common Mode Rejection Ratio
Vin = 0 to 10 V
Vin = 0 to 5.0 V
CMRR
65
60
dB


Similar Part No. - NCV7101SN2T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV7101SN2T1G ONSEMI-NCV7101SN2T1G Datasheet
271Kb / 17P
   1.8 Volt Rail-to-Rail Operational Amplifier
February, 2022 - Rev. 5
More results

Similar Description - NCV7101SN2T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS7101 ONSEMI-NCS7101 Datasheet
138Kb / 16P
   1.8 Volt Rail-to-Rail Operational Amplifier
January, 2004 ??Rev. 2
NCS7101 ONSEMI-NCS7101_V01 Datasheet
271Kb / 17P
   1.8 Volt Rail-to-Rail Operational Amplifier
February, 2022 - Rev. 5
NCS7101 ONSEMI-NCS7101_06 Datasheet
146Kb / 16P
   1.8 Volt Rail?뭪o?뭃ail Operational Amplifier
February, 2006 ??Rev. 3
NCS2002 ONSEMI-NCS2002_13 Datasheet
172Kb / 16P
   Sub-One Volt Rail-to-Rail Operational Amplifier
June, 2013 ??Rev. 7
LMV301 ONSEMI-LMV301_16 Datasheet
139Kb / 13P
   Rail-to-Rail Operational Amplifier
August, 2016 ??Rev. 3
logo
Richtek Technology Corp...
RT9137 RICHTEK-RT9137 Datasheet
309Kb / 21P
   Rail-to-Rail Operational Amplifier
RT9146 RICHTEK-RT9146_13 Datasheet
178Kb / 12P
   Rail-to-Rail Operational Amplifier
RT9133A RICHTEK-RT9133A Datasheet
218Kb / 13P
   Rail-to-Rail Operational Amplifier
logo
Texas Instruments
OPA348-Q1 TI1-OPA348-Q1_16 Datasheet
1Mb / 32P
[Old version datasheet]   CMOS Rail-to-Rail Operational Amplifier
logo
Advanced Linear Devices
ALD1712A ALD-ALD1712A_05 Datasheet
49Kb / 6P
   RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com