Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

401CMQ_SERIES Datasheet(PDF) 1 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # 401CMQ_SERIES
Description  Center tap module
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

401CMQ_SERIES Datasheet(HTML) 1 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  401CMQ_SERIES Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd 401CMQ_SERIES Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd 401CMQ_SERIES Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd 401CMQ_SERIES Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SANGDEST
MICROELECTRONICS
Technical Data
Green Products
Data Sheet N1224, Rev. B
• Weiqi Street, Airport Development Zone, Jiangning District, Nanjing, China 211113
(86) 25-87123907
• FAX (86) 25-87123900 • World Wide Web Site - http://www.sangdest.com.cn • E-Mail Address - sales@ sangdest.com.cn •
401CMQ… SERIES
401CMQ035/401CMQ040/401CMQ045
SCHOTTKY RECTIFIER
Applications:
● Switching power supply ● Converters ● Free-Wheeling diodes ● Reverse battery protection
Features:
175℃ TJ operation
Center tap module
High purity, high temperature epoxy encapsulation for enhanced mechanical strength and
moisture resistance
Low forward voltage drop
High frequency operation
Guard ring for enhanced ruggedness and long term reliability
This is a Pb − Free Device
All SMC parts are traceable to the wafer lot
Additional testing can be offered upon request
Mechanical Dimensions: In mm/Inches
PRM4 (Isolated)
MARKING,MOLDING RESIN
Marking for 401CMQ035/040/045, 1
st row SS YYWWL, 2nd row 401CMQ035/040/045
Where YY is the manufacture year
WW is the manufacture week code
L is the wafer’s Lot Number
Molding resin
Epoxy resin UL:94V-0


Similar Part No. - 401CMQ_SERIES

ManufacturerPart #DatasheetDescription
logo
International Rectifier
401CMQ035 IRF-401CMQ035 Datasheet
127Kb / 5P
   SCHOTTKY RECTIFIER
logo
Sangdest Microelectroni...
401CMQ035 SMC-401CMQ035 Datasheet
202Kb / 4P
   SCHOTTKY RECTIFIER
401CMQ035 SMC-401CMQ035 Datasheet
202Kb / 4P
   High frequency operation
logo
International Rectifier
401CMQ040 IRF-401CMQ040 Datasheet
127Kb / 5P
   SCHOTTKY RECTIFIER
logo
Sangdest Microelectroni...
401CMQ040 SMC-401CMQ040 Datasheet
202Kb / 4P
   SCHOTTKY RECTIFIER
More results

Similar Description - 401CMQ_SERIES

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
301CNQ_SERIES SMC-301CNQ_SERIES Datasheet
206Kb / 4P
   Center tap module
201CMQ_SERIES SMC-201CMQ_SERIES Datasheet
211Kb / 4P
   Center tap module
203CMQ_SERIES SMC-203CMQ_SERIES Datasheet
218Kb / 4P
   Center tap module
209CMQ_SERIES SMC-209CMQ_SERIES Datasheet
155Kb / 4P
   Center tap module
409CMQ_SERIES SMC-409CMQ_SERIES Datasheet
275Kb / 4P
   Center tap module
201CNQ_SERIES SMC-201CNQ_SERIES Datasheet
209Kb / 4P
   Center tap module
400CMQ_SERIES SMC-400CMQ_SERIES Datasheet
210Kb / 4P
   Center tap module
444CMQ_SERIES SMC-444CMQ_SERIES Datasheet
200Kb / 4P
   Center tap module
200CNQ_SERIES SMC-200CNQ_SERIES Datasheet
209Kb / 4P
   Center tap module
400CNQ_SERIES SMC-400CNQ_SERIES Datasheet
209Kb / 4P
   Center tap module
403CMQ_SERIES SMC-403CMQ_SERIES Datasheet
224Kb / 4P
   Center tap module
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com