Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTCH101 Datasheet(PDF) 6 Page - Microchip Technology

Part # MTCH101
Description  Single-Channel Proximity Detector
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MTCH101 Datasheet(HTML) 6 Page - Microchip Technology

Back Button MTCH101 Datasheet HTML 2Page - Microchip Technology MTCH101 Datasheet HTML 3Page - Microchip Technology MTCH101 Datasheet HTML 4Page - Microchip Technology MTCH101 Datasheet HTML 5Page - Microchip Technology MTCH101 Datasheet HTML 6Page - Microchip Technology MTCH101 Datasheet HTML 7Page - Microchip Technology MTCH101 Datasheet HTML 8Page - Microchip Technology MTCH101 Datasheet HTML 9Page - Microchip Technology MTCH101 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
MTCH101
DS40001664B-page 6
Preliminary
 2012-2013 Microchip Technology Inc.
4.0
POWER MODE
The MTCH101 has two power mode options: Normal
mode and Low-Power mode. The state of the MTPM
pin determines the power mode.
4.1
Normal Mode Option
The device will run in Normal mode if the MTPM pin is
set high and no proximity or touch is detected. In this
mode, after an active scan, sleep time is between 69
and 105 ms, as shown in Figure 4-1. The sleep time
depends on the VDD voltage, the lower the voltage, the
more time it will be in the Idle state.
FIGURE 4-1:
NORMAL MODE
4.2
Low-Power Mode Option
The device will run in Low-Power mode if the MTPM pin
is set low and no proximity or touch is detected. In this
mode, after an active scan, sleep time is between 572
and 845 ms, as shown in Figure 4-2. As in Normal
mode, the sleep time depends on the VDD voltage, the
lower the voltage, the more time it will be in the Idle
state.
FIGURE 4-2:
LOW-POWER MODE
Note:
If the device makes a proximity or touch
detection, it will automatically perform
active scans continually. Once the device
releases from its proximity-detected state,
it will return to the power mode set by the
MTPM pin.
MTI
Active
Scan
Sleep: 69~105 ms
MTI
Active
Scan
Sleep: 572~845 ms


Similar Part No. - MTCH101

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MTCH101 MICROCHIP-MTCH101 Datasheet
1,002Kb / 37P
   2, 5 and 8-Channel Proximity/Touch Controller Data Sheet
07/14/15
MTCH101 MICROCHIP-MTCH101 Datasheet
538Kb / 22P
   Single-Channel Proximity Detector
2012 10/26/12
MTCH1010 MICROCHIP-MTCH1010 Datasheet
730Kb / 31P
   High Signal to Noise Ratio (SNR)
2021
MTCH101 MICROCHIP-MTCH101_22 Datasheet
538Kb / 22P
   Single-Channel Proximity Detector
2012 10/26/12
More results

Similar Description - MTCH101

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MTCH101 MICROCHIP-MTCH101_22 Datasheet
538Kb / 22P
   Single-Channel Proximity Detector
2012 10/26/12
logo
ON Semiconductor
CS209A ONSEMI-CS209A Datasheet
219Kb / 8P
   Proximity Detector
July, 2006 ??Rev. 3
logo
Cherry Semiconductor Co...
CS209A CHERRY-CS209A Datasheet
166Kb / 6P
   Proximity Detector
logo
ams AG
TSL2671 AMSCO-TSL2671 Datasheet
725Kb / 27P
   DIGITAL PROXIMITY DETECTOR
logo
TEXAS ADVANCED OPTOELEC...
TMD26723 TAOS-TMD26723 Datasheet
1Mb / 29P
   DIGITAL PROXIMITY DETECTOR
logo
ams AG
TSL26721 AMSCO-TSL26721 Datasheet
750Kb / 46P
   Digital Proximity Detector
TMD2672 AMSCO-TMD2672 Datasheet
1Mb / 29P
   DIGITAL PROXIMITY DETECTOR
logo
TEXAS ADVANCED OPTOELEC...
TMD26713 TAOS-TMD26713 Datasheet
1Mb / 29P
   DIGITAL PROXIMITY DETECTOR
logo
ams AG
TMD26721 AMSCO-TMD26721 Datasheet
1Mb / 29P
   DIGITAL PROXIMITY DETECTOR
TMD2671 AMSCO-TMD2671 Datasheet
1Mb / 29P
   DIGITAL PROXIMITY DETECTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com