Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSM104WIPWR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TSM104WIPWR
Description  QUAD OPERATIONAL AMPLIFIER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TSM104WIPWR Datasheet(HTML) 1 Page - Texas Instruments

  TSM104WIPWR Datasheet HTML 1Page - Texas Instruments TSM104WIPWR Datasheet HTML 2Page - Texas Instruments TSM104WIPWR Datasheet HTML 3Page - Texas Instruments TSM104WIPWR Datasheet HTML 4Page - Texas Instruments TSM104WIPWR Datasheet HTML 5Page - Texas Instruments TSM104WIPWR Datasheet HTML 6Page - Texas Instruments TSM104WIPWR Datasheet HTML 7Page - Texas Instruments TSM104WIPWR Datasheet HTML 8Page - Texas Instruments TSM104WIPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
www.ti.com
FEATURES
TYPICAL APPLICATIONS
D (SOIC), N (PDIP), OR PW (TSSOP) PACKAGE
(TOP VIEW)
CATHODE
3OUT
3IN−
3IN+
1OUT
1IN−
1IN+
VCC+
2OUT
2IN−
2IN+
ADJUST
VCC−
4IN+
4IN−
4OUT
1
16
7
6
5
4
3
2
8
9
10
11
12
13
14
15
DESCRIPTION/ORDERING INFORMATION
TSM104W
,, TSM104WA
QUAD OPERATIONAL AMPLIFIER
AND PROGRAMMABLE VOLTAGE REFERENCE
SLOS478D – JULY 2005 – REVISED AUGUST 2006
Battery Chargers
OPERATIONAL AMPLIFIER
Switch-Mode Power Supplies
– Low Offset Voltage, Max of:
Linear Voltage Regulation
• TSM104WA…3 mV (25°C) and 4 mV (Full
Data-Acquisition Systems
Temperature)
• TSM104W…5 mV (25°C) and 6 mV (Full
Temperature)
– Low Supply Current
…375 µA/Channel Typ
at VCC = 5 V
– Unity Gain Bandwidth
…0.9 MHz Typ
– Input Common-Mode Range Includes GND
– Large Output-Voltage Swing
…0 V to
VCC – 2 V
– Wide Supply-Voltage Range
…3 V to 30 V
– 2-kV ESD Protection (HBM)
VOLTAGE REFERENCE
– Adjustable Output Voltage
…V
REF to 36 V
– VREF = 2.5 V With Tight Tolerance, Max of:
• TSM104WA…0.4% (25°C) and 0.8% (Full
Temperature)
• TSM104W…1% (25°C) and 2% (Full
Temperature)
– Low Temperature Drift
…7 mV Typ Over
Operating Temperature Range
– Wide Sink-Current Range
…0.5 mA Typ to
100 mA
– Output Impedance
…0.2 Ω Typ
The TSM104W combines the building blocks of a quad operational amplifier and an adjustable voltage
reference, both of which often are used in the control circuitry of switch-mode power supplies.
For the A grade, especially tight voltage regulation can be achieved through the low offset voltage for each
operational amplifier (typically 0.5 mV) and tight tolerance for the voltage reference (0.4% at 25
°C and 0.8%
over operating temperature range).
The TSM104W and TSM104WA are characterized for operation from –40
°C to 105°C.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005–2006, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TSM104WIPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSM104WIPWR TI-TSM104WIPWR Datasheet
251Kb / 11P
[Old version datasheet]   QUAD OPERATIONAL AMPLIFIER AND PROGRAMMABLE VOLTAGE REFERENCE
TSM104WIPWRE4 TI-TSM104WIPWRE4 Datasheet
251Kb / 11P
[Old version datasheet]   QUAD OPERATIONAL AMPLIFIER AND PROGRAMMABLE VOLTAGE REFERENCE
More results

Similar Description - TSM104WIPWR

ManufacturerPart #DatasheetDescription
logo
Rohm
BA14741 ROHM-BA14741 Datasheet
50Kb / 4P
   Quad operational amplifier
logo
Fujitsu Component Limit...
MB3614 FUJITSU-MB3614 Datasheet
89Kb / 7P
   QUAD OPERATIONAL AMPLIFIER
logo
Hitachi Semiconductor
HA17301P HITACHI-HA17301P Datasheet
61Kb / 14P
   Quad Operational Amplifier
HA17474 HITACHI-HA17474 Datasheet
31Kb / 5P
   Quad Operational Amplifier
logo
Silicon Supplies
LM324A SS-LM324A Datasheet
1Mb / 6P
   Quad Operational Amplifier
Rev 1.0 16/06/18
logo
First Silicon Co., Ltd
FA324P FS-FA324P Datasheet
124Kb / 4P
   QUAD OPERATIONAL AMPLIFIER
logo
Fairchild Semiconductor
KA324 FAIRCHILD-KA324_12 Datasheet
177Kb / 12P
   Quad Operational Amplifier
logo
New Japan Radio
NJM2112 NJRC-NJM2112 Datasheet
218Kb / 5P
   QUAD OPERATIONAL AMPLIFIER
NJM2058 NJRC-NJM2058 Datasheet
226Kb / 6P
   QUAD OPERATIONAL AMPLIFIER
NJM2060 NJRC-NJM2060 Datasheet
231Kb / 6P
   QUAD OPERATIONAL AMPLIFIER?
logo
Fujitsu Component Limit...
MB3615 FUJITSU-MB3615 Datasheet
82Kb / 7P
   QUAD OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com