Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTCH105 Datasheet(PDF) 14 Page - Microchip Technology

Part # MTCH105
Description  2, 5 and 8-Channel Proximity/Touch Controller Data Sheet
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MTCH105 Datasheet(HTML) 14 Page - Microchip Technology

Back Button MTCH105 Datasheet HTML 10Page - Microchip Technology MTCH105 Datasheet HTML 11Page - Microchip Technology MTCH105 Datasheet HTML 12Page - Microchip Technology MTCH105 Datasheet HTML 13Page - Microchip Technology MTCH105 Datasheet HTML 14Page - Microchip Technology MTCH105 Datasheet HTML 15Page - Microchip Technology MTCH105 Datasheet HTML 16Page - Microchip Technology MTCH105 Datasheet HTML 17Page - Microchip Technology MTCH105 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 37 page
background image
MTCH102/5/8
DS40001793C-page 14
Preliminary
 2015-2016 Microchip Technology Inc.
FIGURE 5-3:
BROWN-OUT RESET TIMING AND CHARACTERISTICS
TABLE 5-1:
OSCILLATOR START-UP TIMER, POWER-UP TIMER AND BROWN-OUT RESET
PARAMETERS
Standard Operating Conditions (unless otherwise stated)
Operating Temperature -40°C
TA +125°C
Param.
No.
Sym.
Characteristic
Min.
Typ.†
Max.
Units
Conditions
33*
TPWRT
Power-up Timer Period
40
65
140
ms
34*
TIOZ
I/O High-impedance from RESET
Low or Watchdog Timer Reset
——
2.0
s
35
VBOR
Brown-out Reset Voltage
1.80
1.9
2.05
V
BORV = 1.9V
37*
VHYST
Brown-out Reset Hysteresis
0
25
50
mV
-40°C to +85°C
38*
TBORDC Brown-out Reset DC Response
Time
01
40
sVDD  VBOR
*
These parameters are characterized but not tested.
† Data in “Typ.” column is at 3.0V, 25°C unless otherwise stated. These parameters are for design guidance
only and are not tested.
VBOR
VDD
(Device in Brown-out Reset)
(Device not in Brown-out Reset)
33
Reset
(due to BOR)
VBOR and VHYST
37


Similar Part No. - MTCH105

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MTCH101 MICROCHIP-MTCH101 Datasheet
511Kb / 20P
   Single-Channel Proximity Detector
11/29/12
MTCH101 MICROCHIP-MTCH101 Datasheet
538Kb / 22P
   Single-Channel Proximity Detector
2012 10/26/12
MTCH101-I/OT MICROCHIP-MTCH101-I/OT Datasheet
511Kb / 20P
   Single-Channel Proximity Detector
11/29/12
MTCH1010 MICROCHIP-MTCH1010 Datasheet
730Kb / 31P
   High Signal to Noise Ratio (SNR)
2021
MTCH101T-I/OT MICROCHIP-MTCH101T-I/OT Datasheet
511Kb / 20P
   Single-Channel Proximity Detector
11/29/12
More results

Similar Description - MTCH105

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MTCH112 MICROCHIP-MTCH112_12 Datasheet
1Mb / 48P
   Dual-Channel Proximity/Touch Controller
2012 11/27/12
logo
List of Unclassifed Man...
IQS228AS ETC2-IQS228AS Datasheet
1Mb / 30P
   Single Channel Capacitive Proximity/Touch Controller
IQS128 ETC2-IQS128 Datasheet
1Mb / 33P
   Single Channel Capacitive Proximity, Touch Controller
IQS227AS ETC2-IQS227AS Datasheet
1Mb / 31P
   Single Channel Capacitive Proximity/Touch Controller
logo
Microchip Technology
CAP1298 MICROCHIP-CAP1298 Datasheet
849Kb / 68P
   8-Channel Capacitive Touch Sensor Controller with Proximity Detection & Signal Guard
07/14/15
logo
Freescale Semiconductor...
MPR083 FREESCALE-MPR083_08 Datasheet
367Kb / 35P
   Proximity Capacitive Touch Sensor Controller
logo
Semtech Corporation
SX8661 SEMTECH-SX8661 Datasheet
1Mb / 88P
   Low Power, Capacitive Button Touch and Proximity Controller
logo
Freescale Semiconductor...
MPR03X FREESCALE-MPR03X_09 Datasheet
308Kb / 32P
   Proximity Capacitive Touch Sensor Controller
MPR084 FREESCALE-MPR084 Datasheet
378Kb / 39P
   Proximity Capacitive Touch Sensor Controller
MPR083 FREESCALE-MPR083 Datasheet
368Kb / 35P
   Proximity Capacitive Touch Sensor Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com