Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSM102AID Datasheet(PDF) 2 Page - Texas Instruments

Part # TSM102AID
Description  DUAL OPERATIONAL AMPLIFIER, DUAL COMPARATOR
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TSM102AID Datasheet(HTML) 2 Page - Texas Instruments

  TSM102AID Datasheet HTML 1Page - Texas Instruments TSM102AID Datasheet HTML 2Page - Texas Instruments TSM102AID Datasheet HTML 3Page - Texas Instruments TSM102AID Datasheet HTML 4Page - Texas Instruments TSM102AID Datasheet HTML 5Page - Texas Instruments TSM102AID Datasheet HTML 6Page - Texas Instruments TSM102AID Datasheet HTML 7Page - Texas Instruments TSM102AID Datasheet HTML 8Page - Texas Instruments TSM102AID Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
www.ti.com
Absolute Maximum Ratings
(1)
Recommended Operating Conditions
Total Device Electrical Characteristics
TSM102
,, TSM102A
DUAL OPERATIONAL AMPLIFIER, DUAL COMPARATOR,
AND VOLTAGE REFERENCE
SLVS602 – MARCH 2006
over free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC
Supply voltage
36
V
VID
Input differential voltage
36
V
VI
Input voltage range
–0.3
36
V
IKA
Voltage reference cathode current
100
mA
D package
73
θ
JA
Package thermal impedance(2)(3)
°C/W
PW package
108
TJ
Maximum junction temperature
150
°C
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any allowable ambient
temperature is PD = (TJ(max) – TA)/θJA. Selecting the maximum of 150°C can affect reliability.
(3)
The package thermal impedance is calculated in accordance with JESD 51-7.
MIN
MAX
UNIT
VCC+ – VCC–
Supply voltage
3
30
V
VID
Comparator differential input voltage
VCC+ – VCC–
V
VKA
Cathode-to-anode voltage
VREF
36
V
IK
Reference cathode current
1
100
mA
TA
Operating free-air temperature
–40
85
°C
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
25
°C
0.8
1.5
Total supply current,
ICC
VCC+ = 5 V, VCC– = 0 V, No load
mA
excluding reference cathode current
Full range
2
2
Submit Documentation Feedback


Similar Part No. - TSM102AID

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSM102AID STMICROELECTRONICS-TSM102AID Datasheet
74Kb / 10P
   DUAL OPERATIONAL AMPLIFIER - DUAL COMPARATOR AND ADJUSTABLE VOLTAGE REFERENCE
logo
Texas Instruments
TSM102AID TI-TSM102AID Datasheet
820Kb / 12P
[Old version datasheet]   DUAL OPERATIONAL AMPLIFIER, DUAL COMPARATOR, AND VOLTAGE REFERENCE
TSM102AIDR TI-TSM102AIDR Datasheet
820Kb / 12P
[Old version datasheet]   DUAL OPERATIONAL AMPLIFIER, DUAL COMPARATOR, AND VOLTAGE REFERENCE
logo
STMicroelectronics
TSM102AIDT STMICROELECTRONICS-TSM102AIDT Datasheet
105Kb / 9P
   VOLTAGE AND CURRENT CONTROLLER
More results

Similar Description - TSM102AID

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MC4556 UTC-MC4556_15 Datasheet
260Kb / 6P
   DUAL OPERATIONAL AMPLIFIER-DUAL COMPARATOR
UM602A UTC-UM602A Datasheet
224Kb / 6P
   DUAL OPERATIONAL AMPLIFIER-DUAL COMPARATOR
M2904 UTC-M2904_15 Datasheet
275Kb / 6P
   DUAL OPERATIONAL AMPLIFIER-DUAL COMPARATOR
UM602-A UTC-UM602-A Datasheet
99Kb / 6P
   DUAL OPERATIONAL AMPLIFIER-DUAL COMPARATOR
MC4560 UTC-MC4560_15 Datasheet
181Kb / 6P
   DUAL OPERATIONAL AMPLIFIER-DUAL COMPARATOR
logo
ON Semiconductor
MC3405 ONSEMI-MC3405 Datasheet
182Kb / 12P
   DUAL OPERATIONAL AMPLIFIER / DUAL VOLTAGE COMPARATOR
REV 1
logo
Texas Instruments
TSM102 TI-TSM102 Datasheet
820Kb / 12P
[Old version datasheet]   DUAL OPERATIONAL AMPLIFIER, DUAL COMPARATOR, AND VOLTAGE REFERENCE
logo
Unisonic Technologies
UM602A UTC-UM602A_17 Datasheet
166Kb / 6P
   DUAL OPERATIONAL AMPLIFIER-DUAL COMPARATOR AND ADJUSTABLE VOLTAGE
logo
Cystech Electonics Corp...
LM358Q8 CYSTEKEC-LM358Q8 Datasheet
403Kb / 6P
   Dual Operational Comparator
LM358P8 CYSTEKEC-LM358P8 Datasheet
529Kb / 7P
   Dual Operational Comparator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com