Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSB41LV06A Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TSB41LV06A
Description  IEEE 1394b SIX-PORT CABLE TRANSCEIVER/ARBITER
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TSB41LV06A Datasheet(HTML) 2 Page - Texas Instruments

  TSB41LV06A Datasheet HTML 1Page - Texas Instruments TSB41LV06A Datasheet HTML 2Page - Texas Instruments TSB41LV06A Datasheet HTML 3Page - Texas Instruments TSB41LV06A Datasheet HTML 4Page - Texas Instruments TSB41LV06A Datasheet HTML 5Page - Texas Instruments TSB41LV06A Datasheet HTML 6Page - Texas Instruments TSB41LV06A Datasheet HTML 7Page - Texas Instruments TSB41LV06A Datasheet HTML 8Page - Texas Instruments TSB41LV06A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 52 page
background image
TSB41LV06A
IEEE 1394a SIXPORT CABLE TRANSCEIVER/ARBITER
SLLS363A − SEPTEMBER 1999 − REVISED NOVEMBER 2000
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
description (continued)
The TSB41LV06A requires only an external 24.576 MHz crystal as a reference. An external clock may be
provided instead of a crystal. An internal oscillator drives an internal phase-locked loop (PLL), which generates
the required 393.216 MHz reference signal. This reference signal is internally divided to provide the clock
signals used to control transmission of the outbound encoded strobe and data information. A 49.152 MHz clock
signal is supplied to the associated LLC for synchronization of the two chips and is used for resynchronization
of the received data. The power-down (PD) function, when enabled by asserting the PD terminal high, stops
operation of the PLL.
The TSB41LV06A supports an optional isolation barrier between itself and its LLC. When the ISO input terminal
is tied high, the LLC interface outputs behave normally. When the ISO terminal is tied low, internal differentiating
logic is enabled, and the outputs are driven such that they can be coupled through a capacitive or transformer
galvanic isolation barrier as described in Annex J of IEEE Std 1394-1995 and in the P1394a Supplement
(section 5.9.4) (hereafter referred to as Annex J type isolation). To operate with TI bus holder isolation the ISO
terminal on the PHY must be high.
Data bits to be transmitted through the cable ports are received from the LLC on two, four, or eight parallel paths
(depending on the requested transmission speed) and are latched internally in the TSB41LV06A in
synchronization with the 49.152 MHz system clock. These bits are combined serially, encoded, and transmitted
at 98.304, 196.608, or 393.216 Mbits/s (referred to as S100, S200, and S400 speed respectively) as the
outbound data-strobe information stream. During transmission, the encoded data information is transmitted
differentially on the TPB cable pair(s), and the encoded strobe information is transmitted differentially on the
TPA cable pair(s).
During packet reception the TPA and TPB transmitters of the receiving cable port are disabled, and the receivers
for that port are enabled. The encoded data information is received on the TPA cable pair, and the encoded
strobe information is received on the TPB cable pair. The received data-strobe information is decoded to recover
the receive clock signal and the serial data bits. The serial data bits are split into two, four, or eight bit parallel
streams (depending upon the indicated receive speed), resynchronized to the local 49.152 MHz system clock
and sent to the associated LLC. The received data is also transmitted (repeated) on the other active (connected)
cable ports.
Both the TPA and TPB cable interfaces incorporate differential comparators to monitor the line states during
initialization and arbitration. The outputs of these comparators are used by the internal logic to determine the
arbitration status. The TPA channel monitors the incoming cable common-mode voltage. The value of this
common-mode voltage is used during arbitration to set the speed of the next packet transmission. In addition,
the TPB channel monitors the incoming cable common-mode voltage on the TPB pair for the presence of the
remotely supplied twisted-pair bias voltage.
The TSB41LV06A provides a 1.86 V nominal bias voltage at the TPBIAS terminal for port termination. The PHY
contains six independent TPBIAS circuits. This bias voltage, when seen through a cable by a remote receiver,
indicates the presence of an active connection. This bias voltage source must be stabilized by an external filter
capacitor of 1
µF.
The line drivers in the TSB41LV06A operate in a high-impedance current mode, and are designed to work with
external 112-
Ω line-termination resistor networks in order to match the 110-Ω cable impedance. One network
is provided at each end of a twisted-pair cable. Each network is composed of a pair of series-connected 56-
resistors. The midpoint of the pair of resistors that is directly connected to the twisted-pair-A terminals is
connected to its corresponding TPBIAS voltage terminal. The midpoint of the pair of resistors that is directly
connected to the twisted-pair-B terminals is coupled to ground through a parallel R-C network with
recommended values of 5 k
Ω and 220 pF. The values of the external line termination resistors are designed
to meet the standard specifications when connected in parallel with the internal receiver circuits. An external
resistor connected between the R0 and R1 terminals sets the driver output current, along with other internal
operating currents. This current setting resistor has a value of 6.3-k
Ω ±1%. This may be accomplished by
placing a 6.34-k
Ω ±1% resistor in parallel with a 1-MΩ resistor.


Similar Part No. - TSB41LV06A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSB41LV06A TI-TSB41LV06A Datasheet
617Kb / 48P
[Old version datasheet]   IEEE 1394a SIX-PORT CABLE TRANSCEIVER/ARBITER
TSB41LV06APZP TI-TSB41LV06APZP Datasheet
617Kb / 48P
[Old version datasheet]   IEEE 1394a SIX-PORT CABLE TRANSCEIVER/ARBITER
More results

Similar Description - TSB41LV06A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSB81BA3IPFPEP TI1-TSB81BA3IPFPEP Datasheet
711Kb / 57P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41BA3B TI-TSB41BA3B Datasheet
1Mb / 67P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB81BA3 TI-TSB81BA3 Datasheet
810Kb / 57P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41BA3A TI1-TSB41BA3A_16 Datasheet
222Kb / 11P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41BA3D TI-TSB41BA3D Datasheet
875Kb / 59P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41BA3D TI1-TSB41BA3D_14 Datasheet
754Kb / 60P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41BA3A-EP TI1-TSB41BA3A-EP_14 Datasheet
768Kb / 69P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41BA3B-EP TI1-TSB41BA3B-EP Datasheet
1,023Kb / 67P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER  
TSB81BA3D TI1-TSB81BA3D_12 Datasheet
682Kb / 61P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB81BA3E TI-TSB81BA3E Datasheet
887Kb / 57P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com