Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSB14AA1AI Datasheet(PDF) 3 Page - Texas Instruments

Part # TSB14AA1AI
Description  3.3-V IEEE 1394-1995 Backplane PHY
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TSB14AA1AI Datasheet(HTML) 3 Page - Texas Instruments

  TSB14AA1AI Datasheet HTML 1Page - Texas Instruments TSB14AA1AI Datasheet HTML 2Page - Texas Instruments TSB14AA1AI Datasheet HTML 3Page - Texas Instruments TSB14AA1AI Datasheet HTML 4Page - Texas Instruments TSB14AA1AI Datasheet HTML 5Page - Texas Instruments TSB14AA1AI Datasheet HTML 6Page - Texas Instruments TSB14AA1AI Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
18-Nov-2015
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
TSB14AA1AIPFB
ACTIVE
TQFP
PFB
48
250
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
TSB14AA1AI
TSB14AA1APFB
ACTIVE
TQFP
PFB
48
250
TBD
Call TI
Call TI
0 to 70
TSB14AA1A
TSB14AA1APFBG4
ACTIVE
TQFP
PFB
48
250
TBD
Call TI
Call TI
0 to 70
TSB14AA1A
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)
(3) MSL, Peak Temp. - The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
(4) There may be additional marking, which relates to the logo, the lot trace code information, or the environmental category on the device.
(5) Multiple Device Markings will be inside parentheses. Only one Device Marking contained in parentheses and separated by a "~" will appear on a device. If a line is indented then it is a continuation
of the previous line and the two combined represent the entire Device Marking for that device.
(6) Lead/Ball Finish - Orderable Devices may have multiple material finish options. Finish options are separated by a vertical ruled line. Lead/Ball Finish values may wrap to two lines if the finish
value exceeds the maximum column width.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is provided. TI bases its knowledge and belief on information
provided by third parties, and makes no representation or warranty as to the accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and


Similar Part No. - TSB14AA1AI

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSB14AA1AI TI-TSB14AA1AI Datasheet
257Kb / 37P
[Old version datasheet]   3.3 V IEEE 1394-1995 BACKPLANE PHY
TSB14AA1AI TI1-TSB14AA1AI Datasheet
191Kb / 8P
[Old version datasheet]   3.3-V IEEE 1394-1995 Backplane PHY
TSB14AA1AIPFB TI-TSB14AA1AIPFB Datasheet
257Kb / 37P
[Old version datasheet]   3.3 V IEEE 1394-1995 BACKPLANE PHY
More results

Similar Description - TSB14AA1AI

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSB14AA1A TI-TSB14AA1A Datasheet
257Kb / 37P
[Old version datasheet]   3.3 V IEEE 1394-1995 BACKPLANE PHY
TSB14AA1A TI1-TSB14AA1A_14 Datasheet
191Kb / 8P
[Old version datasheet]   3.3-V IEEE 1394-1995 Backplane PHY
TSB14C01 TI-TSB14C01 Datasheet
442Kb / 31P
[Old version datasheet]   5-V IEEE 1394-1995 BACKPLANE TRANSCEIVER/ARBITER
TSB14C01A TI-TSB14C01A Datasheet
424Kb / 31P
[Old version datasheet]   5-V IEEE 1394-1995 BACKPLANE TRANSCEIVER/ARBITER
TSB21LV03 TI-TSB21LV03 Datasheet
522Kb / 38P
[Old version datasheet]   IEEE 1394-1995 TRIPLE-CABLE TRANSCEIVER/ARBITER
TSB21LV03C TI-TSB21LV03C Datasheet
393Kb / 29P
[Old version datasheet]   IEEE 1394-1995 TRIPLE-CABLE TRANSCEIVER/ARBITER
TSB11LV01 TI-TSB11LV01 Datasheet
320Kb / 21P
[Old version datasheet]   3-V 1-PORT IEEE 1394-1995 CABLE TRANSCEIVER/ARBITER
TSB12LV21A TI-TSB12LV21A Datasheet
258Kb / 18P
[Old version datasheet]   IEEE 1394-1995 BUS TO PCI BUS INTERFACE
TSB12LV41 TI-TSB12LV41 Datasheet
737Kb / 195P
[Old version datasheet]   IEEE 1394-1995 Link-Layer Controller for Consumer Applications
TSB12LV31 TI-TSB12LV31 Datasheet
257Kb / 73P
[Old version datasheet]   IEEE 1394-1995 General-Purpose Link-Layer Controller
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com