Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSC2013QPWRQ1 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TSC2013QPWRQ1
Description  TSC2013-Q1 12-Bit, Nanopower, 4-Wire Dual-Touch Screen Controller With I2C Interface
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TSC2013QPWRQ1 Datasheet(HTML) 1 Page - Texas Instruments

  TSC2013QPWRQ1 Datasheet HTML 1Page - Texas Instruments TSC2013QPWRQ1 Datasheet HTML 2Page - Texas Instruments TSC2013QPWRQ1 Datasheet HTML 3Page - Texas Instruments TSC2013QPWRQ1 Datasheet HTML 4Page - Texas Instruments TSC2013QPWRQ1 Datasheet HTML 5Page - Texas Instruments TSC2013QPWRQ1 Datasheet HTML 6Page - Texas Instruments TSC2013QPWRQ1 Datasheet HTML 7Page - Texas Instruments TSC2013QPWRQ1 Datasheet HTML 8Page - Texas Instruments TSC2013QPWRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 70 page
background image
R(SENSE)
MUX
PINTDAV
SCL
SDA
AD0
AD1
RESET
I
2
C Serial
Interface and
Control
DAV
PENIRQ
SAR
ADC
Internal
Clock
Touch Screen
Driver
Interface
AGND
SNSGND
AUX
Y+
X+
SNSVDD/
VREF
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TSC2013-Q1
SLVSC89A – JUNE 2014 – REVISED JULY 2014
TSC2013-Q1 12-Bit, Nanopower, 4-Wire
Dual-Touch Screen Controller With I2C Interface
1 Features
2 Applications
1
Qualified for Automotive Applications
Automotive Infotainment Display
AEC-Q100 Qualified With the Following Results:
Automotive Navigation System
Industrial User Interfaces
Device Temperature Grade 1: –40°C to 125°C
Medical Devices
Device HBM ESD Classification Level 2
Portable Consumer Electronics
Device CDM ESD Classification Level C4B
4-Wire Touch Screen Interface
3 Description
Ratiometric Conversion
The TSC2013-Q1 device is a very low-power dual-
Single 1.6-V to 3.6-V Supply:
touch screen controller designed to work with power-
I/OVDD 1.2 to 3.6 V
sensitive,
low-cost
touch-screen
displays
in
automotive infotainment and navigation systems. It
SNSVDD: 1.6 to 3.6 V
contains a complete, ultralow-power, 12-bit, analog-
Preprocessing to Reduce Bus Activity
to-digital (ADC) resistive touch-screen converter,
High-Speed I2C-Compatible Interface
including drivers and the control logic to measure
touch pressure.
Internal Detection of Screen Touch
Register-Based Programmable:
The TSC2013-Q1 device enables pinch, rotate, and
zoom functionality over a standard four-wire interface.
10-Bit or 12-Bit Resolution
The device supports an I2C serial bus and data
Sampling Rates
transmission protocol in all three defined modes:
System Timing
standard, fast, and high-speed. The 10 or 12-bit ADC
within is easily programmable to customize system
Touch Pressure Measurement
and user experience.
Auto Power-Down Control
Low Power:
Device Information(1)
430
μA at 1.8 V, 50 SSPS
PART NUMBER
PACKAGE
BODY SIZE (NOM)
PVQFN (16)
4.00 mm × 4.00 mm
320
μA at 1.6 V, 50 SSPS
TSC2013-Q1
TSSOP (16)
4.40 mm × 5.00 mm
58
μA at 1.6 V, 8.2 kSPS Eq. Rate
(1)
For all available packages, see the orderable addendum at
the end of the datasheet.
Block Diagram
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TSC2013QPWRQ1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSC2010 STMICROELECTRONICS-TSC2010 Datasheet
1Mb / 54P
   High voltage, precision, bidirectional current sense amplifiers
Rev 4 - August 2020
TSC2010H STMICROELECTRONICS-TSC2010H Datasheet
4Mb / 50P
   High temperature, high voltage, precision, bidirectional current sense amplifiers
September 2021 Rev 1
TSC2010HYDT STMICROELECTRONICS-TSC2010HYDT Datasheet
4Mb / 50P
   High temperature, high voltage, precision, bidirectional current sense amplifiers
September 2021 Rev 1
TSC2010IDT STMICROELECTRONICS-TSC2010IDT Datasheet
1Mb / 54P
   High voltage, precision, bidirectional current sense amplifiers
Rev 4 - August 2020
TSC2010IST STMICROELECTRONICS-TSC2010IST Datasheet
1Mb / 54P
   High voltage, precision, bidirectional current sense amplifiers
Rev 4 - August 2020
More results

Similar Description - TSC2013QPWRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSC2017 TI1-TSC2017 Datasheet
728Kb / 38P
[Old version datasheet]   12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2017 TI1-TSC2017_14 Datasheet
924Kb / 39P
[Old version datasheet]   12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2014 TI1-TSC2014_14 Datasheet
643Kb / 8P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
logo
Burr-Brown (TI)
TSC2004 BURR-BROWN-TSC2004 Datasheet
1Mb / 54P
   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
logo
Texas Instruments
TSC2014 TI1-TSC2014 Datasheet
435Kb / 7P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2014_15 TI-TSC2014_15_15 Datasheet
631Kb / 7P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2007-Q1 TI1-TSC2007-Q1 Datasheet
787Kb / 39P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2007 TI-TSC2007_1 Datasheet
816Kb / 41P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2007 TI1-TSC2007_17 Datasheet
1Mb / 41P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C Interface
logo
Burr-Brown (TI)
TSC2007 BURR-BROWN-TSC2007 Datasheet
713Kb / 38P
   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com