Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS5A23167DCTR Datasheet(PDF) 2 Page - Texas Instruments

Part # TS5A23167DCTR
Description  DUAL SPST ANALOG SWITCH 2-CHANNEL ANALOG SWITCH
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TS5A23167DCTR Datasheet(HTML) 2 Page - Texas Instruments

  TS5A23167DCTR Datasheet HTML 1Page - Texas Instruments TS5A23167DCTR Datasheet HTML 2Page - Texas Instruments TS5A23167DCTR Datasheet HTML 3Page - Texas Instruments TS5A23167DCTR Datasheet HTML 4Page - Texas Instruments TS5A23167DCTR Datasheet HTML 5Page - Texas Instruments TS5A23167DCTR Datasheet HTML 6Page - Texas Instruments TS5A23167DCTR Datasheet HTML 7Page - Texas Instruments TS5A23167DCTR Datasheet HTML 8Page - Texas Instruments TS5A23167DCTR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
TS5A23167
SCDS195A – MAY 2005 – REVISED SEPTEMBER 2012
www.ti.com
SUMMARY OF CHARACTERISTICS(1)
Dual Single Pole
Configuration
Single Throw
(2 × SPST)
Number of channels
2
ON-state resistance (ron)
0.9
Ω
ON-state resistance match (
Δron)
0.1
Ω
ON-state resistance flatness (ron(flat))
0.25
Ω
Turn-on/turn-off time (tON/tOFF)
7.5 ns/9 ns
Charge injection (QC)
6 pC
Bandwidth (BW)
150 MHz
OFF isolation (OISO)
–62 dB at 1 MHz
Crosstalk (XTALK)
–85 dB at 1 MHz
Total harmonic distortion (THD)
0.005%
Leakage current (ICOM(OFF))
±20 nA
Power-supply current (I+)
0.1
μA
8-pin VSSOP
Package option
8-pin YZP
(1)
V+ = 5 V, TA = 25°C
FUNCTION TABLE
IN
NC TO COM,
COM TO NC
L
ON
H
OFF
Absolute Maximum Ratings
(1) (2)
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
V+
Supply voltage range(3)
–0.5
6.5
V
VNC
Analog voltage range(3) (4) (5)
–0.5
V+ + 0.5
V
VCOM
IK
Analog port diode current
VNC, VCOM < 0
–50
mA
On-state switch current
–200
200
INC
VNC, VCOM = 0 to V+
mA
ICOM
On-state peak switch current(6)
–400
400
VI
Digital input voltage range(3) (4)
–0.5
6.5
V
IIK
Digital clamp current
VI < 0
–50
mA
I+
Continuous current through V+
100
mA
IGND
Continuous current through GND
–100
100
mA
DCT package
220
θJA
Package thermal impedance(7)
DCU package
227
°C/W
YZP package
102
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum
(3)
All voltages are with respect to ground, unless otherwise specified.
(4)
The input and output voltage ratings may be exceeded if the input and output clamp-current ratings are observed.
(5)
This value is limited to 5.5 V maximum.
(6)
Pulse at 1-ms duration < 10% duty cycle.
(7)
The package thermal impedance is calculated in accordance with JESD 51-7.
2
Submit Documentation Feedback
Copyright © 2005–2012, Texas Instruments Incorporated
Product Folder Links: TS5A23167


Similar Part No. - TS5A23167DCTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5A23167DCTR TI-TS5A23167DCTR Datasheet
346Kb / 25P
[Old version datasheet]   0.9-W DUAL SPST ANALOG SWITCH 5-V/3.3-V 2-CHANNEL ANALOG SWITCH
More results

Similar Description - TS5A23167DCTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5A23166 TI1-TS5A23166_15 Datasheet
1Mb / 31P
[Old version datasheet]   Dual-SPST Analog Switch 5V and 3.3V 2-Channel Analog Switch
logo
Analog Devices
AD7513 AD-AD7513_15 Datasheet
625Kb / 2P
   DUAL SPST ANALOG SWITCH
logo
Texas Instruments
TS5A23166 TI-TS5A23166 Datasheet
331Kb / 22P
[Old version datasheet]   0.9-ohm DUAL SPST ANALOG SWITCH 5-V/3.3-V 2-CHANNEL ANALOG SWITCH
logo
Intersil Corporation
HI-200883 INTERSIL-HI-200883 Datasheet
326Kb / 11P
   Dual SPST CMOS Analog Switch
logo
Texas Instruments
TS5A23167 TI-TS5A23167 Datasheet
346Kb / 25P
[Old version datasheet]   0.9-W DUAL SPST ANALOG SWITCH 5-V/3.3-V 2-CHANNEL ANALOG SWITCH
TS5A23166 TI-TS5A23166_10 Datasheet
693Kb / 27P
[Old version datasheet]   0.9-廓 DUAL SPST ANALOG SWITCH 5-V/3.3-V 2-CHANNEL ANALOG SWITCH
logo
Global Mixed-mode Techn...
G3102 GMT-G3102 Datasheet
864Kb / 1P
   0.9 Dual SPST Analog Switch
logo
Texas Instruments
TS5A3166 TI1-TS5A3166_16 Datasheet
1Mb / 32P
[Old version datasheet]   SPST Analog Switch
TS5A2066 TI-TS5A2066 Datasheet
347Kb / 24P
[Old version datasheet]   DUAL-CHANNEL 10-W SPST ANALOG SWITCH
logo
Renesas Technology Corp
DG211 RENESAS-DG211 Datasheet
551Kb / 8P
   SPST 4-Channel Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com