Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65HVD233-Q1 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD233-Q1
Description  3.3-V Automotive CAN Bus Transceivers
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65HVD233-Q1 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN65HVD233-Q1 Datasheet HTML 2Page - Texas Instruments SN65HVD233-Q1 Datasheet HTML 3Page - Texas Instruments SN65HVD233-Q1 Datasheet HTML 4Page - Texas Instruments SN65HVD233-Q1 Datasheet HTML 5Page - Texas Instruments SN65HVD233-Q1 Datasheet HTML 6Page - Texas Instruments SN65HVD233-Q1 Datasheet HTML 7Page - Texas Instruments SN65HVD233-Q1 Datasheet HTML 8Page - Texas Instruments SN65HVD233-Q1 Datasheet HTML 9Page - Texas Instruments SN65HVD233-Q1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
6
SN65HVD233-Q1, SN65HVD234-Q, SN65HVD235-Q1
SLLSES4 – AUGUST 2016
www.ti.com
Product Folder Links: SN65HVD233-Q1 SN65HVD234-Q SN65HVD235-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
8.4 Thermal Information
THERMAL METRIC(1)
SN65HVD23x-Q1
UNIT
D (SOIC)
8 PINS
RθJA
Junction-to-ambient thermal resistance
102.8
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
45.1
°C/W
RθJB
Junction-to-board thermal resistance
43.8
°C/W
ψJT
Junction-to-top characterization parameter
7.3
°C/W
ψJB
Junction-to-board characterization parameter
43.2
°C/W
(1)
All typical values are at 25°C and with a 3.3-V supply.
8.5 Electrical Characteristics: Driver
over operating ambient temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN TYP(1)
MAX
UNIT
VO(D)
Bus output voltage
(dominant)
CANH
TXD at 0 V, RS at 0 V, see Figure 12 and
Figure 13
2.45
VCC
V
CANL
0.5
1.25
VO
Bus output voltage
(recessive)
CANH
TXD at 3 V, RS at 0 V, see Figure 12 and
Figure 13
2.3
V
CANL
2.3
VOD(D)
Differential output voltage (dominant)
TXD at 0 V, RS at 0 V, see Figure 12 and
Figure 13
1.5
2
3
V
TXD at 0 V, RS at 0 V, see Figure 13 and
Figure 14
1.2
2
3
VOD
Differential output voltage (recessive)
TXD at 3 V, RS at 0 V, see Figure 12 and
Figure 13
–120
12
mV
TXD at 3 V, RS at 0 V, no load
–0.5
0.05
V
VOC(pp)
Peak-to-peak common-mode output voltage
See Figure 21
1
V
IIH
High-level input current
AB, EN, LBK,
TXD
TXD = 2 V or EN = 2 V or LBK = 2 V or AB =
2 V
–30
30
μA
IIL
Low-level input current
AB, EN, LBK,
TXD
TXD = 0.8 V or EN = 0.8 V or LBK = 0.8 V or
AB = 0.8 V
–30
30
μA
IOS
Short-circuit output current
VCANH = –7 V, CANL open, see Figure 26
–250
mA
VCANH = 12 V, CANL open, see Figure 26
1
VCANL = –7 V, CANH open, see Figure 26
–1
VCANL = 12 V, CANH open, see Figure 26
250
CO
Output capacitance
See CI, Input capacitance in Electrical
Characteristics: Receiver
IIRs(s)
RS input current for standby
RS at 0.75 VCC
–10
μA
ICC
Supply current
Sleep
EN at 0 V, TXD at VCC, RS at 0 V or VCC
0.05
2
μA
Standby
RS at VCC, TXD at VCC, AB at 0 V, LBK at 0 V,
EN at VCC
200
600
Dominant
TXD at 0 V, no load, AB at 0 V, LBK at 0 V,
RS at 0 V, EN at VCC
6
mA
Recessive
TXD at VCC, no load, AB at 0 V, LBK at 0 V,
RS at 0 V, EN at VCC
6
P(AVG)
Average power dissipation
RL = 60 Ω, RS at 0 V, input to D a 1-MHz 50%
duty
cycle square wave VCC at 3.3 V, TA = 25°C
36.4
mW


Similar Part No. - SN65HVD233-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD233-EP TI-SN65HVD233-EP Datasheet
461Kb / 24P
[Old version datasheet]   3.3-V CAN TRANSCEIVER
SN65HVD233-HT TI1-SN65HVD233-HT Datasheet
676Kb / 32P
[Old version datasheet]   3.3-V CAN TRANSCEIVER
More results

Similar Description - SN65HVD233-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD230 TI-SN65HVD230 Datasheet
416Kb / 29P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD232QDRG4Q1 TI1-SN65HVD232QDRG4Q1 Datasheet
429Kb / 30P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD234DRG4 TI-SN65HVD234DRG4 Datasheet
532Kb / 31P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230Q-Q1 TI-SN65HVD230Q-Q1 Datasheet
396Kb / 28P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230Q-Q1 TI1-SN65HVD230Q-Q1_14 Datasheet
499Kb / 32P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230Q-Q1 TI-SN65HVD230Q-Q1_07 Datasheet
485Kb / 30P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230 TI-SN65HVD230_06 Datasheet
444Kb / 32P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230M-EP TI1-SN65HVD230M-EP Datasheet
770Kb / 31P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD233DG4 TI1-SN65HVD233DG4 Datasheet
615Kb / 31P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD233DG4 TI-SN65HVD233DG4 Datasheet
532Kb / 31P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com