Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

5962R8754903VDA Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part No. 5962R8754903VDA
Description  SN54AC00-SP Radiation Hardened Quad 2 Input NAND Gate
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI1 [Texas Instruments]
Homepage  http://www.ti.com
Logo TI1 - Texas Instruments

5962R8754903VDA Datasheet(HTML) 1 Page - Texas Instruments

  5962R8754903VDA Datasheet HTML 1Page - Texas Instruments 5962R8754903VDA Datasheet HTML 2Page - Texas Instruments 5962R8754903VDA Datasheet HTML 3Page - Texas Instruments 5962R8754903VDA Datasheet HTML 4Page - Texas Instruments 5962R8754903VDA Datasheet HTML 5Page - Texas Instruments 5962R8754903VDA Datasheet HTML 6Page - Texas Instruments 5962R8754903VDA Datasheet HTML 7Page - Texas Instruments 5962R8754903VDA Datasheet HTML 8Page - Texas Instruments 5962R8754903VDA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Y
B
A
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1A
1B
1Y
2A
2B
2Y
GND
VCC
4B
4A
4Y
3B
3A
3Y
J OR W PACKAGE
(TOP VIEW)
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
SN54AC00-SP
SCHS367B – OCTOBER 2008 – REVISED FEBRUARY 2015
SN54AC00-SP Radiation Hardened Quad 2 Input NAND Gate
1 Features
3 Description
The SN54AC00 device contains four independent 2-
1
5962R87549:
input NAND gates. Each gate performs the Boolean
Radiation Hardness Assurance (RHA) up to
function of Y = A • B or Y = A + B in positive logic.
TID 100 krad (Si)
SEL/SEU Immune to 86 MeV
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
5962-87549:
CDIP (14)
5.97 mm × 9.21 mm
Total Ionizing Dose 50 krad (Si)
SN54AC00-SP
CFP (14)
6.67 mm × 19.56 mm
2-V to 6-V VCC Operation
KGD (0)
Not applicable
Inputs Accept Voltages to 6 V
(1) For all available packages, see the orderable addendum at
Max tpd of 7 ns at 5 V
the end of the data sheet.
SPACER
2 Applications
Satellite Payloads
Satellite Power on Reset Logic
RHA Known Good Die (KGD) Offering for Space
Hybrids
Pin Functions (Each Gate)
INPUTS
OUTPUT
Y
A
B
H
H
L
L
X
H
Logic Diagram (Positive Logic)
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
On products compliant to MIL-PRF-38535, all parameters are
tested unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn