Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

5962R8754903VDA Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part No. 5962R8754903VDA
Description  SN54AC00-SP Radiation Hardened Quad 2 Input NAND Gate
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI1 [Texas Instruments]
Homepage  http://www.ti.com
Logo TI1 - Texas Instruments

5962R8754903VDA Datasheet(HTML) 6 Page - Texas Instruments

Back Button 5962R8754903VDA Datasheet HTML 2Page - Texas Instruments 5962R8754903VDA Datasheet HTML 3Page - Texas Instruments 5962R8754903VDA Datasheet HTML 4Page - Texas Instruments 5962R8754903VDA Datasheet HTML 5Page - Texas Instruments 5962R8754903VDA Datasheet HTML 6Page - Texas Instruments 5962R8754903VDA Datasheet HTML 7Page - Texas Instruments 5962R8754903VDA Datasheet HTML 8Page - Texas Instruments 5962R8754903VDA Datasheet HTML 9Page - Texas Instruments 5962R8754903VDA Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
From Output
Under Test
CL = 50 pF
(see Note A)
LOAD CIRCUIT
S1
2
× VCC
500
500
Open
tPLH/tPHL
Open
TEST
S1
50% VCC
tPLH
tPHL
tPHL
tPLH
VOH
VOH
VOL
VOL
50% VCC
50% VCC
VCC
0 V
50% VCC
50% VCC
Input
(see Note B)
Out-of-Phase
Output
In-Phase
Output
50% VCC
VOLTAGE WAVEFORMS
NOTES: A. CL includes probe and jig capacitance.
B. All input pulses are supplied by generators having the following characteristics: PRR
≤ 1 MHz, ZO = 50 Ω, tr ≤ 2.5 ns, tf ≤ 2.5 ns.
C. The outputs are measured one at a time with one input transition per measurement.
SN54AC00-SP
SCHS367B – OCTOBER 2008 – REVISED FEBRUARY 2015
www.ti.com
6.5 Switching Characteristics, VCC = 3.3 V
over recommended operating free-air temperature range, VCC = 3.3 V ±0.3 V (unless otherwise noted) (see Figure 1)
TA = 25°C
FROM
TO
PARAMETER
MIN
MAX
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
tPLH
2
7
9.5
1
11
A or B
Y
ns
tPHL
1.5
5.5
8
1
9
tPLH (KGD only)
(1)
1
7
9.5
1
11
A or B
Y
ns
tPHL (KGD only)
(1)
1
5.5
9.5
1
11
(1)
Specification limits for KGD are based on SMD 5962-8754903
6.6 Switching Characteristics, VCC = 5 V
over recommended operating free-air temperature range, VCC = 5 V ±0.5 V (unless otherwise noted) (see Figure 1)
TA = 25°C
FROM
TO
PARAMETER
MIN
MAX
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
tPLH
1.5
6
8
1
8.5
A or B
Y
ns
tPHL
1.5
4.5
6.5
1
7
tPLH (KGD only)
(1)
1.5
6
8
1
8.5
A or B
Y
ns
tPHL (KGD only)
(1)
1.5
4.5
8
1
8.5
(1)
Specification limits for KGD are based on SMD 5962-8754903
6.7 Operating Characteristics
VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance
CL = 50 pF, ƒ = 1 MHz
40
pF
7 Parameter Measurement Information
Figure 1. Load Circuit and Voltage Waveforms
6
Submit Documentation Feedback
Copyright © 2008–2015, Texas Instruments Incorporated
Product Folder Links: SN54AC00-SP


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn