Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

5962R8754903VDA Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part No. 5962R8754903VDA
Description  SN54AC00-SP Radiation Hardened Quad 2 Input NAND Gate
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI1 [Texas Instruments]
Homepage  http://www.ti.com
Logo TI1 - Texas Instruments

5962R8754903VDA Datasheet(HTML) 5 Page - Texas Instruments

  5962R8754903VDA Datasheet HTML 1Page - Texas Instruments 5962R8754903VDA Datasheet HTML 2Page - Texas Instruments 5962R8754903VDA Datasheet HTML 3Page - Texas Instruments 5962R8754903VDA Datasheet HTML 4Page - Texas Instruments 5962R8754903VDA Datasheet HTML 5Page - Texas Instruments 5962R8754903VDA Datasheet HTML 6Page - Texas Instruments 5962R8754903VDA Datasheet HTML 7Page - Texas Instruments 5962R8754903VDA Datasheet HTML 8Page - Texas Instruments 5962R8754903VDA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
SN54AC00-SP
www.ti.com
SCHS367B – OCTOBER 2008 – REVISED FEBRUARY 2015
6.4 Electrical Characteristics
over recommended operating free-air temperature range (unless otherwise noted)
TA = 25°C
PARAMETER
TEST CONDITIONS
VCC
MIN
MAX
UNIT
MIN
TYP
MAX
3 V
2.9
2.9
IOH = –50 μA
4.5 V
4.4
4.4
5.5 V
5.4
5.4
VOH
IOH = –12 mA
3 V
2.56
2.4
V
4.5 V
3.86
3.7
IOH = –24 mA
5.5 V
4.86
4.7
IOH = –50 mA
(1)
5.5 V
3.85
3 V
0.1
0.1
IOL = 50 μA
4.5 V
0.1
0.1
5.5 V
0.1
0.1
VOL
IOL = 12 mA
3 V
0.36
0.5
V
4.5 V
0.36
0.5
IOL = 24 mA
5.5 V
0.36
0.5
IOL = 50 mA
(1)
5.5 V
1.65
II
VI = VCC or GND
5.5 V
±0.1
±1
μA
ICC
VI = VCC or GND, IO = 0
5.5 V
4
40
μA
Ci
VI = VCC or GND
5 V
2.6
pF
(1)
Not more than one output should be tested at a time, and the duration of the test should not exceed 2 ms.
Copyright © 2008–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: SN54AC00-SP


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn