Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962R8754903VDA Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # 5962R8754903VDA
Description  SN54AC00-SP Radiation Hardened Quad 2 Input NAND Gate
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

5962R8754903VDA Datasheet(HTML) 3 Page - Texas Instruments

  5962R8754903VDA Datasheet HTML 1Page - Texas Instruments 5962R8754903VDA Datasheet HTML 2Page - Texas Instruments 5962R8754903VDA Datasheet HTML 3Page - Texas Instruments 5962R8754903VDA Datasheet HTML 4Page - Texas Instruments 5962R8754903VDA Datasheet HTML 5Page - Texas Instruments 5962R8754903VDA Datasheet HTML 6Page - Texas Instruments 5962R8754903VDA Datasheet HTML 7Page - Texas Instruments 5962R8754903VDA Datasheet HTML 8Page - Texas Instruments 5962R8754903VDA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
SN54AC00-SP
www.ti.com
SCHS367B – OCTOBER 2008 – REVISED FEBRUARY 2015
5 Bare Die Information
BACKSIDE
BOND PAD
DIE THICKNESS
BACKSIDE FINISH
BOND PAD THICKNESS
POTENTIAL
METALLIZATION COMPOSITION
15 mils
Silicon with backgrind
Floating
TiW/AlCu2
15800 nm
Bond Pad Coordinates in Microns
DESCRIPTION
PAD NUMBER
X MIN
Y MIN
X MAX
Y MAX
1A
1
96.3
510.5
201.3
615.5
1B
2
95
94
200
199
1Y
3
508
94
613
199
2A
4
1149
94
1254
199
2B
5
1562
94
1667
199
2Y
6
1841.5
145.5
1946.5
250.5
GND
7
1841.5
445.5
1946.5
550.5
3Y
8
1841
783
1946
888
3A
9
1750.5
991
1855.5
1096
3B
10
1176.5
991
1281.5
1096
4Y
11
921
991
1026
1096
4A
12
736
991
841
1096
4B
13
95
991
200
1096
VCC
14
102.5
692
207.5
797
Copyright © 2008–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: SN54AC00-SP


Similar Part No. - 5962R8754903VDA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
5962R8759461VXA TI1-5962R8759461VXA Datasheet
541Kb / 18P
[Old version datasheet]   Micropower Voltage Reference Diode
5962R8759461VXA TI1-5962R8759461VXA Datasheet
538Kb / 18P
[Old version datasheet]   Micropower Voltage Reference Diode
More results

Similar Description - 5962R8754903VDA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ACTS00MS INTERSIL-ACTS00MS Datasheet
85Kb / 8P
   Radiation Hardened Quad 2-Input NAND Gate
April 1995
logo
Texas Instruments
SN54AC00-SP TI1-SN54AC00-SP_16 Datasheet
103Kb / 8P
[Old version datasheet]   Radiation Hardened Quad 2 Input NAND Gate
logo
Renesas Technology Corp
HCS00MS RENESAS-HCS00MS Datasheet
363Kb / 8P
   Radiation Hardened Quad 2-Input NAND Gate
August 1995
logo
Intersil Corporation
ACS00MS INTERSIL-ACS00MS Datasheet
68Kb / 8P
   Radiation Hardened Quad 2-Input NAND Gate
April 1995
HCS00MS INTERSIL-HCS00MS Datasheet
101Kb / 8P
   Radiation Hardened Quad 2-Input NAND Gate
August 1995
HCTS00MS INTERSIL-HCTS00MS Datasheet
49Kb / 9P
   Radiation Hardened Quad 2-Input NAND Gate
August 1995
ACS03MS INTERSIL-ACS03MS Datasheet
84Kb / 4P
   Radiation Hardened Quad 2-Input NAND Gate with Open Drain
January 1996
HCS02MS INTERSIL-HCS02MS Datasheet
144Kb / 8P
   Radiation Hardened Quad 2-Input NOR Gate
August 1995
ACS08MS INTERSIL-ACS08MS Datasheet
48Kb / 2P
   Radiation Hardened Quad 2-Input AND Gate
July 1998
ACTS08MS INTERSIL-ACTS08MS Datasheet
77Kb / 8P
   Radiation Hardened Quad 2-Input AND Gate
April 1995
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com