Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM317A Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM317A
Description  3-Terminal Adjustable Regulator
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM317A Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM317A Datasheet HTML 1Page - National Semiconductor (TI) LM317A Datasheet HTML 2Page - National Semiconductor (TI) LM317A Datasheet HTML 3Page - National Semiconductor (TI) LM317A Datasheet HTML 4Page - National Semiconductor (TI) LM317A Datasheet HTML 5Page - National Semiconductor (TI) LM317A Datasheet HTML 6Page - National Semiconductor (TI) LM317A Datasheet HTML 7Page - National Semiconductor (TI) LM317A Datasheet HTML 8Page - National Semiconductor (TI) LM317A Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
Connection Diagrams (Continued)
4-Lead SOT-223
TO-252 (D-Pak)
00906359
Front View
NS Package Number MP04A
00906366
Front View
NS Package Number TD03B
Ordering Information
Package
Temperature Range
Part Number
Package Marking
Transport Media
NSC
Drawing
Metal Can
(TO-3)
−55˚C
≤ T
J
≤ +150˚C
LM117K STEEL
LM117K STEEL P+
50 Per Bag
K02A
0˚C
≤ T
J
≤ +125˚C
LM317K STEEL
LM317K STEEL P+
50 Per Bag
−55˚C
≤ T
J
≤ +150˚C
LM117K/883
LM117K/883
50 Per Bag
K02C
Metal Can
(TO-39)
−55˚C
≤ T
J
≤ +150˚C
LM117H
LM117H P+
500 Per Box
H03A
−55˚C
≤ T
J
≤ +150˚C
LM117H/883
LM117H/883
20 Per Tray
−40˚C
≤ T
J
≤ +125˚C
LM317AH
LM317AH P+
500 Per Box
0˚C
≤ T
J
≤ +125˚C
LM317H
LM317H P+
500 Per Box
TO-220
3- Lead
−40˚C
≤ T
J
≤ +125˚C
LM317AT
LM317AT P+
45 Units/Rail
T03B
0˚C
≤ T
J
≤ +125˚C
LM317T
LM317T P+
45 Units/Rail
TO-263
3- Lead
0˚C
≤ T
J
≤ +125˚C
LM317S
LM317S P+
45 Units/Rail
TS3B
LM317SX
500 Units Tape and Reel
LCC
−55˚C
≤ T
J
≤ +150˚C
LM117E/883
LM117E/883
50 Units/Rail
E20A
SOT-223
4- Lead
0˚C
≤ T
J
≤ +125˚C
LM317EMP
N01A
1k Units Tape and Reel
MP04A
LM317EMPX
2k Units Tape and Reel
−40˚C
≤ T
J
≤ +125˚C
LM317AEMP
N07A
1k Units Tape and Reel
LM317AEMPX
2k Units Tape and Reel
D- Pack
3- Lead
0˚C
≤ T
J
≤ +125˚C
LM317MDT
LM317MDT
75 Units/Rail
TD03B
LM317MDTX
2.5k Units Tape and Reel
−40˚C
≤ T
J
≤ +125˚C
LM317AMDT
LM317AMDT
75 Units/Rail
LM317AMDTX
2.5k Units Tape and Reel
www.national.com
3


Similar Part No. - LM317A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM317A NSC-LM317A Datasheet
1,013Kb / 28P
   3-Terminal Adjustable Regulator
logo
Unisonic Technologies
LM317A UTC-LM317A Datasheet
256Kb / 5P
   MEDIUM CURRENT 1.2V TO 37V ADJUSTABLE VOLTAGE REGULATOR
LM317A UTC-LM317A Datasheet
227Kb / 5P
   MEDIUM CURRENT 1.2V TO 37V ADJUSTABLE VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
LM317A ETL-LM317A Datasheet
254Kb / 5P
   MEDIUM CURRENT 1.2V TO 37V ADJUSTABLE VOLTAGE REGULATOR
logo
National Semiconductor ...
LM317AEMP NSC-LM317AEMP Datasheet
1,013Kb / 28P
   3-Terminal Adjustable Regulator
More results

Similar Description - LM317A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM337L NSC-LM337L Datasheet
89Kb / 5P
   3-Terminal Adjustable Regulator
logo
Texas Instruments
LM317 TI1-LM317_16 Datasheet
1Mb / 32P
[Old version datasheet]   3-Terminal Adjustable Regulator
logo
List of Unclassifed Man...
GM317 ETC-GM317 Datasheet
352Kb / 8P
   3- TERMINAL ADJUSTABLE REGULATOR
logo
Texas Instruments
LM317M TI-LM317M_07 Datasheet
219Kb / 12P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
LM317M_0701 TI-LM317M_0701 Datasheet
369Kb / 14P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
logo
National Semiconductor ...
LM117HV NSC-LM117HV Datasheet
469Kb / 15P
   3-Terminal Adjustable Regulator
logo
Texas Instruments
LM317MQDCYRG4 TI1-LM317MQDCYRG4 Datasheet
868Kb / 17P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
logo
Tiger Electronic Co.,Lt...
LM317L TGS-LM317L Datasheet
382Kb / 14P
   3-TERMINAL ADJUSTABLE REGULATOR
logo
Texas Instruments
LM317M TI-LM317M Datasheet
219Kb / 12P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
logo
National Semiconductor ...
LM317L NSC-LM317L_06 Datasheet
918Kb / 16P
   3-Terminal Adjustable Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com