Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S10M45C Datasheet(PDF) 2 Page - Mospec Semiconductor

Part # S10M45C
Description  Switchmode Schottky Barrier Power Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor

S10M45C Datasheet(HTML) 2 Page - Mospec Semiconductor

  S10M45C Datasheet HTML 1Page - Mospec Semiconductor S10M45C Datasheet HTML 2Page - Mospec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
S10M45C
FIG-1 FORWARD CURRENT DERATING CURVE
FIG-2 TYPICAL FORWARD CHARACTERISITICS
0
2
4
6
8
10
0
25
50
75
100
125
150
175
CASE TEMPERATURE (℃)
FORWARD VOLTAGE (Volts)
TJ=25℃
TJ=125℃
FIG-3 TYPICAL REVERSE CHARACTERISTICS
FIG-4 TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE (Volts)
REVERSE VOLTAGE (Volts)
TJ=25℃
TJ=125℃
FIG-5 PEAK FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60 Hz
JN-A


Similar Part No. - S10M45C

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
S10M45F MOSPEC-S10M45F Datasheet
167Kb / 2P
   Switchmode Schottky Barrier Power Rectifiers
More results

Similar Description - S10M45C

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
S30M60C MOSPEC-S30M60C Datasheet
152Kb / 2P
   Switchmode Schottky Barrier Power Rectifiers
S40M45F MOSPEC-S40M45F Datasheet
141Kb / 2P
   Switchmode Schottky Barrier Power Rectifiers
SBLD4060CL MOSPEC-SBLD4060CL Datasheet
151Kb / 2P
   Switchmode Schottky Barrier Power Rectifiers
SR306L MOSPEC-SR306L Datasheet
138Kb / 2P
   Switchmode Schottky Barrier Power Rectifiers
S15L45 MOSPEC-S15L45 Datasheet
139Kb / 2P
   Switchmode Schottky Barrier Power Rectifiers
S30M60F MOSPEC-S30M60F Datasheet
165Kb / 2P
   Switchmode Schottky Barrier Power Rectifiers
S40C60CL MOSPEC-S40C60CL Datasheet
139Kb / 2P
   Switchmode Schottky Barrier Power Rectifiers
S20M45F MOSPEC-S20M45F Datasheet
167Kb / 2P
   Switchmode Schottky Barrier Power Rectifiers
S60M60F MOSPEC-S60M60F Datasheet
141Kb / 2P
   Switchmode Schottky Barrier Power Rectifiers
S40M45C MOSPEC-S40M45C Datasheet
142Kb / 2P
   Switchmode Schottky Barrier Power Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com