Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC33982 Datasheet(PDF) 8 Page - Motorola, Inc

Part # MC33982
Description  Single Intelligent High-Current Self-Protected Silicon High-Side Switch
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC33982 Datasheet(HTML) 8 Page - Motorola, Inc

Back Button MC33982 Datasheet HTML 4Page - Motorola, Inc MC33982 Datasheet HTML 5Page - Motorola, Inc MC33982 Datasheet HTML 6Page - Motorola, Inc MC33982 Datasheet HTML 7Page - Motorola, Inc MC33982 Datasheet HTML 8Page - Motorola, Inc MC33982 Datasheet HTML 9Page - Motorola, Inc MC33982 Datasheet HTML 10Page - Motorola, Inc MC33982 Datasheet HTML 11Page - Motorola, Inc MC33982 Datasheet HTML 12Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
33982
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
8
STATIC ELECTRICAL CHARACTERISTICS (continued)
Characteristics noted under conditions 4.5 V
≤ VDD ≤ 5.5 V, 6.0 V ≤ VPWR ≤ 27 V, -40°C ≤ TJ ≤ 150°C unless otherwise noted.
Typical values noted reflect the approximate parameter mean at TA = 25°C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
POWER OUTPUT (continued)
Current Sense Ratio (CSR1) Accuracy
Output Current
10 A
20 A
25 A
30 A
40 A
50 A
CSR1_ACC
-25
-19
-18
-17
-18
-18
25
19
18
17
18
18
%
Maximum Current Sense Clamp Voltage
ICSNS = 15 mA
VCL(MAXCSNS)
4.5
6.0
7.0
V
Open Load Detection Current (Note 11)
IOLDC
30
100
µA
Output Fault Detection Threshold
Output Programmed OFF
VOLD(THRES)
2.0
3.0
4.0
V
Output Negative Clamp Voltage
0.5 A < = IOUT < = 2.0 A, Output OFF
VCL
-20
V
Overtemperature Shutdown (Note 12)
TA = 125°C, Output OFF
TSD
160
175
190
°C
Overtemperature Shutdown Hysteresis (Note 12)
TSD(HYS)
5.0
20
°C
Notes
11.
Output OFF Open Load Detection Current is the current required to flow through the load for the purpose of detecting the existence of an
open load condition when the specific output is commanded OFF.
12.
Guaranteed by process monitoring. Not production tested.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MC33982

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC33982 NXP-MC33982 Datasheet
2Mb / 47P
   Single intelligent high-current selfprotected high-side switch (2.0 mOhm)
Rev. 19.0, 07/2023
MC33982 NXP-MC33982 Datasheet
2Mb / 49P
   Single intelligent high-current selfprotected high-side switch (2.0 mOhm)
Rev. 20.0, 11/2023
logo
Freescale Semiconductor...
MC33982BPNA FREESCALE-MC33982BPNA Datasheet
722Kb / 34P
   Single Intelligent High-Current Self-Protected Silicon High-Side Switch (2.0 mohm)
MC33982BPNA FREESCALE-MC33982BPNA Datasheet
820Kb / 35P
   Single Intelligent High-current Self-protected Silicon High Side Switch (2.0m ohm)
MC33982BPNA/R2 FREESCALE-MC33982BPNA/R2 Datasheet
840Kb / 36P
   Single Intelligent High-current Self-protected Silicon High Side Switch (2.0 m廓)
More results

Similar Description - MC33982

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
33982 FREESCALE-33982_08 Datasheet
820Kb / 35P
   Single Intelligent High-current Self-protected Silicon High Side Switch (2.0m ohm)
33982B FREESCALE-33982B Datasheet
722Kb / 34P
   Single Intelligent High-Current Self-Protected Silicon High-Side Switch (2.0 mohm)
33982 FREESCALE-33982 Datasheet
646Kb / 36P
   Single Intelligent High-current Self-protected High Side Switch (2.0 mOhm)
33982B FREESCALE-33982B_09 Datasheet
840Kb / 36P
   Single Intelligent High-current Self-protected Silicon High Side Switch (2.0 m廓)
logo
NXP Semiconductors
MC33984 NXP-MC33984 Datasheet
1Mb / 57P
   Dual intelligent high-current self-protected silicon high-side switch (4.0 mOhm)
Rev. 17.0, 07/2023
logo
Motorola, Inc
MC33984 MOTOROLA-MC33984 Datasheet
492Kb / 28P
   Dual Intelligent High-Current Self-Protected Silicon High-Side Switch (4.0 m??
logo
Freescale Semiconductor...
33984B FREESCALE-33984B Datasheet
1Mb / 36P
   Dual Intelligent High-Current Self Protected Silicon High-Side Switch (4.0 mohm)
33988 FREESCALE-33988 Datasheet
1Mb / 34P
   Dual Intelligent High-current Self-protected Silicon High Side Switch (8.0m廓)
33984 FREESCALE-33984 Datasheet
952Kb / 38P
   Dual Intelligent High-current Self-protected Silicon High Side Switch (4.0 mOhm)
33988 FREESCALE-33988_12 Datasheet
919Kb / 34P
   Dual Intelligent High-current Self-protected Silicon High Side Switch (8.0 mOhm)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com