Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPM3015T-R47M-LR Datasheet(PDF) 4 Page - TDK Electronics

Part # SPM3015T-R47M-LR
Description  Inductors for Power Circuits
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

SPM3015T-R47M-LR Datasheet(HTML) 4 Page - TDK Electronics

  SPM3015T-R47M-LR Datasheet HTML 1Page - TDK Electronics SPM3015T-R47M-LR Datasheet HTML 2Page - TDK Electronics SPM3015T-R47M-LR Datasheet HTML 3Page - TDK Electronics SPM3015T-R47M-LR Datasheet HTML 4Page - TDK Electronics SPM3015T-R47M-LR Datasheet HTML 5Page - TDK Electronics SPM3015T-R47M-LR Datasheet HTML 6Page - TDK Electronics SPM3015T-R47M-LR Datasheet HTML 7Page - TDK Electronics SPM3015T-R47M-LR Datasheet HTML 8Page - TDK Electronics SPM3015T-R47M-LR Datasheet HTML 9Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
(4/9)
INDUC
T
O
RS
20160411 / inductor_commercial_power_spm3015-lr_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
SPM3015-LR Type
RECOMMENDED REFLOW PROFILE
Preheating
Soldering
Peak
Temp.
Time
Temp.
Time
Temp.
Time
T1
T2
t1
T3
t2
T4
t3
150°C
180°C
120s
230°C
30s
260°C
10s max.
Natural
cooling
t3
t1
Preheating
t2
Soldering
T3
T3
T4
T2
T1
t: Time
Peak


Similar Part No. - SPM3015T-R47M-LR

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
SPM3015T-R47M-LR TDK-SPM3015T-R47M-LR Datasheet
116Kb / 9P
   Inductors for Power Circuits Wound Metal
SPM3015T-R47M-LR TDK-SPM3015T-R47M-LR Datasheet
116Kb / 9P
   Inductors for Power Circuits
More results

Similar Description - SPM3015T-R47M-LR

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
SLF7032T-101MR45-2-PF TDK-SLF7032T-101MR45-2-PF Datasheet
7Mb / 49P
   Inductors for Power Circuits
VLP8040T-101M TDK-VLP8040T-101M Datasheet
169Kb / 13P
   Inductors for Power Circuits
SPM3012-LR TDK-SPM3012-LR Datasheet
130Kb / 9P
   Inductors for Power Circuits
CLF7045T-3R3N TDK-CLF7045T-3R3N Datasheet
1Mb / 13P
   Inductors for Power Circuits
CLF7045 TDK-CLF7045 Datasheet
132Kb / 5P
   Inductors for Power Circuits
VLCF4028T-471MR14-2 TDK-VLCF4028T-471MR14-2 Datasheet
158Kb / 10P
   Inductors for Power Circuits
CLF7045T-6R8N TDK-CLF7045T-6R8N Datasheet
179Kb / 13P
   Inductors for Power Circuits
SPM5020-LR TDK-SPM5020-LR Datasheet
127Kb / 9P
   Inductors for Power Circuits
SPM5020T-4R7M-LR TDK-SPM5020T-4R7M-LR Datasheet
127Kb / 9P
   Inductors for Power Circuits
SPM3015-LR TDK-SPM3015-LR Datasheet
116Kb / 9P
   Inductors for Power Circuits
SLF7045T-101MR50-PF TDK-SLF7045T-101MR50-PF Datasheet
7Mb / 49P
   Inductors for Power Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com