Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV7351FD13R2G Datasheet(PDF) 8 Page - ON Semiconductor

Part # NCV7351FD13R2G
Description  High Speed CAN, CAN FD Transceiver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV7351FD13R2G Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NCV7351FD13R2G Datasheet HTML 4Page - ON Semiconductor NCV7351FD13R2G Datasheet HTML 5Page - ON Semiconductor NCV7351FD13R2G Datasheet HTML 6Page - ON Semiconductor NCV7351FD13R2G Datasheet HTML 7Page - ON Semiconductor NCV7351FD13R2G Datasheet HTML 8Page - ON Semiconductor NCV7351FD13R2G Datasheet HTML 9Page - ON Semiconductor NCV7351FD13R2G Datasheet HTML 10Page - ON Semiconductor NCV7351FD13R2G Datasheet HTML 11Page - ON Semiconductor NCV7351FD13R2G Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
NCV7351, NCV7351F
www.onsemi.com
8
Table 6. CHARACTERISTICS
Symbol
Unit
Max
Typ
Min
Conditions
Parameter
BUS LINES (Pins CANH and CANL)
Vo(reces)
(norm)
Recessive bus voltage on pins CANH
and CANL
VTxD = VIO; no load
normal mode
2.0
2.5
3.0
V
Io(reces)
(CANH)
Recessive output current at pin CANH
−30 V < VCANH< +35 V;
0 V < VCC < 5.5 V
−2.5
+2.5
mA
Io(reces) (CANL)
Recessive output current at pin CANL
−30 V < VCANL < +35 V;
0 V < VCC < 5.5 V
−2.5
+2.5
mA
ILI(CANH)
Input leakage current to pin CANH
0
W < R(VCC to GND) < 1 MW
VCANL = VCANH = 5 V
−10
0
10
mA
ILI(CANL)
Input leakage current to pin CANL
−10
0
10
mA
Vo(dom)
(CANH)
Dominant output voltage at pin CANH
VTxD = 0 V;
VCC = 4.75 V to 5.25 V
3.0
3.6
4.25
V
Vo(dom) (CANL)
Dominant output voltage at pin CANL
VTxD = 0 V;
VCC = 4.75 V to 5.25 V
0.5
1.4
1.75
V
Vo(dif)
(bus_dom)
Differential bus output voltage
(VCANH − VCANL)
VTxD = 0 V; dominant;
VCC = 4.75 V to 5.25 V
45
W < RLT < 65 W
1.5
2.25
3.0
V
Vo(dif) (bus_rec)
Differential bus output voltage
(VCANH − VCANL)
VTxD = VIO; recessive;
no load
−120
0
+50
mV
Vo(sym)
(bus_dom)
Bus output voltage symmetry
VCANH + VCANL
VTxD = 0 V
VCC = 4.75 V to 5.25 V
0.9
1.1
VCC
Io(sc) (CANH)
Short circuit output current at pin CANH
VCANH = 0 V; VTxD = 0 V
−90
−70
−40
mA
Io(sc) (CANL)
Short circuit output current at pin CANL
VCANL = 36 V; VTxD = 0 V
40
70
100
mA
Vi(dif) (th)
Differential receiver threshold voltage
−12 V < VCANL < +12 V;
−12 V < VCANH < +12 V;
0.5
0.7
0.9
V
Vihcm(dif) (th)
Differential receiver threshold voltage for
high common−mode
−30 V < VCANL < +35 V;
−30 V < VCANH < +35 V;
0.40
0.7
1.0
V
Ri(cm) (CANH)
Common−mode input resistance at pin
CANH
15
26
37
k
W
Ri(cm) (CANL)
Common−mode input resistance at pin
CANL
15
26
37
k
W
Ri(cm) (m)
Matching between pin CANH and pin
CANL common mode input resistance
VCANH = VCANL
−0.8
0
+0.8
%
Ri(dif)
Differential input resistance
25
50
75
k
W
Ci(CANH)
Input capacitance at pin CANH
VTxD = VIO; not tested
7.5
20
pF
Ci(CANL)
Input capacitance at pin CANL
VTxD = VIO; not tested
7.5
20
pF
Ci(dif)
Differential input capacitance
VTxD = VIO; not tested
3.75
10
pF
THERMAL SHUTDOWN
TJ(sd)
Shutdown junction temperature
Junction temperature rising
160
180
200
°C
TIMING CHARACTERISTICS (see Figures 5, 6 and 7)
td(TxD−BUSon)
Delay TxD to bus active
Ci = 100 pF between CANH to
CANL
75
ns
td(TxD−BUSoff)
Delay TxD to bus inactive
Ci = 100 pF between CANH to
CANL
65
ns
td(BUSon−RxD)
Delay bus active to RxD
Crxd = 15 pF
70
ns
td(BUSoff−RxD)
Delay bus inactive to RxD
Crxd = 15 pF
70
ns
tpd
Propagation delay TxD to RxD (both
edges)
Ci = 100 pF between CANH to
CANL, Crxd = 15 pF
45
140
245
ns
12. EN pin Only available on NCV7351−E version
13. Not tested in production. Guaranteed by design and prototype evaluation.
14. Only applicable for version NCV7351F


Similar Part No. - NCV7351FD13R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV7351 ONSEMI-NCV7351 Datasheet
102Kb / 12P
   High Speed CAN Transceiver
October, 2013 ??Rev. 0
NCV7351D10R2G ONSEMI-NCV7351D10R2G Datasheet
102Kb / 12P
   High Speed CAN Transceiver
October, 2013 ??Rev. 0
NCV7351D13R2G ONSEMI-NCV7351D13R2G Datasheet
102Kb / 12P
   High Speed CAN Transceiver
October, 2013 ??Rev. 0
NCV7351D1ER2G ONSEMI-NCV7351D1ER2G Datasheet
102Kb / 12P
   High Speed CAN Transceiver
October, 2013 ??Rev. 0
NCV7351 ONSEMI-NCV7351_16 Datasheet
121Kb / 14P
   High Speed CAN, CAN FD Transceiver
March, 2016 ??Rev. 2
More results

Similar Description - NCV7351FD13R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV7351 ONSEMI-NCV7351_16 Datasheet
121Kb / 14P
   High Speed CAN, CAN FD Transceiver
March, 2016 ??Rev. 2
logo
Infineon Technologies A...
TLE9351VSJ INFINEON-TLE9351VSJ Datasheet
973Kb / 32P
   High speed CAN FD transceiver
Rev. 1.0 2020-11-06
TLE9252V INFINEON-TLE9252V Datasheet
1Mb / 50P
   High-Speed CAN FD Transceiver
Rev. 1.01 2018-01-09
logo
ON Semiconductor
NCV7357 ONSEMI-NCV7357 Datasheet
226Kb / 15P
   CAN FD Transceiver, High Speed
March, 2019 ??Rev. 0
logo
Infineon Technologies A...
TLE9350VSJ INFINEON-TLE9350VSJ Datasheet
912Kb / 30P
   High speed CAN FD transceiver
Rev. 1.0 2020-11-06
TLE9350SJ INFINEON-TLE9350SJ Datasheet
880Kb / 30P
   High speed CAN FD transceiver
Rev. 1.0 2020-11-06
TLE9351SJ INFINEON-TLE9351SJ Datasheet
922Kb / 31P
   High speed CAN FD transceiver
Rev. 1.0 2020-11-06
TLE9350XSJ INFINEON-TLE9350XSJ Datasheet
910Kb / 30P
   High speed CAN FD transceiver
Rev. 1.0 2020-11-06
logo
ON Semiconductor
NCV7344 ONSEMI-NCV7344 Datasheet
187Kb / 12P
   High Speed Low Power CAN, CAN FD Transceiver
February, 2017 ??Rev. 1
logo
Infineon Technologies A...
IFX1051LE INFINEON-IFX1051LE_15 Datasheet
1Mb / 31P
   Industrial High Speed CAN-FD Transceiver
Rev. 0.92, 2015-07-28
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com