Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC75836WS-T-E Datasheet(PDF) 3 Page - ON Semiconductor

Part # LC75836WS-T-E
Description  General-Purpose LCD Driver
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC75836WS-T-E Datasheet(HTML) 3 Page - ON Semiconductor

  LC75836WS-T-E Datasheet HTML 1Page - ON Semiconductor LC75836WS-T-E Datasheet HTML 2Page - ON Semiconductor LC75836WS-T-E Datasheet HTML 3Page - ON Semiconductor LC75836WS-T-E Datasheet HTML 4Page - ON Semiconductor LC75836WS-T-E Datasheet HTML 5Page - ON Semiconductor LC75836WS-T-E Datasheet HTML 6Page - ON Semiconductor LC75836WS-T-E Datasheet HTML 7Page - ON Semiconductor LC75836WS-T-E Datasheet HTML 8Page - ON Semiconductor LC75836WS-T-E Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
LC75836WS-T
www.onsemi.com
3
Electrical Characteristics for the Allowable Operating Ranges
Parameter
Symbol
Pin
Conditions
Ratings
Unit
min
typ
max
Hysteresis
VH
CE, CL, DI, INH
0.03VDD
V
Input high-level current
IIH1
CE, CL, DI, INH
VI = 6.0V
5.0
A
IIH2
OSC
VI = VDD external clock operating mode
5.0
Input low-level current
IIL1
CE, CL, DI, INH
VI = 0V
5.0
A
IIL2
OSC
VI = 0V external clock operating mode
5.0
Output high-level voltage
VOH1
S1 to S35
IO = 20A
VDD0.9
V
VOH2
COM1
to COM4
IO = 100A
VDD0.9
VOH3
P1 to P4
IO = 1mA
VDD0.9
Output low-level voltage
VOL1
S1 to S35
IO = 20A
0.9
V
VOL2
COM1
to COM4
IO = 100A
0.9
VOL3
P1 to P4
IO =1mA
0.9
Output middle-level
voltage *1
VMID1
S1 to S35
1/3 bias IO = ±20A
2/3VDD
0.9
2/3VDD
+0.9
V
VMID2
S1 to S35
1/3 bias IO = ±20A
1/3VDD
0.9
1/3VDD
+0.9
VMID3
COM1
to COM4
1/3 bias IO = ±100A
2/3VDD
0.9
2/3VDD
+0.9
VMID4
COM1
to COM4
1/3 bias IO = ±100A
1/3VDD
0.9
1/3VDD
+0.9
Oscillator frequency
fosc
OSC
RC oscillator operating mode
Rosc = 39 k
, Cosc = 1000pF
30.4
38
45.6
kHz
Current drain
IDD1
VDD
Power-saving mode
10
A
IDD2
VDD
VDD = 6.0V output open
RC oscillator operating mode
fosc = 38kHz
350
700
IDD3
VDD
VDD = 6.0V output open
External clock operating mode
fCK = 38kHz
VIH2 = 0.5VDD
VIL2 = 0.1VDD
450
900
Note: *1 Excluding the bias voltage generation divider resistors built in the VDD1 and VDD2. (See Figure 1.)
Figure 1
VSS
To the common and segment drivers
VDD2
VDD1
Except these resistors.
VDD
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product performance may not be
indicated by the Electrical Characteristics if operated under different conditions.


Similar Part No. - LC75836WS-T-E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC75836WS-T-E ONSEMI-LC75836WS-T-E Datasheet
263Kb / 17P
   1/4-Duty General-Purpose LCD Driver
June 2017 - Rev. 1
More results

Similar Description - LC75836WS-T-E

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT6533 PTC-PT6533_10 Datasheet
115Kb / 4P
   General Purpose LCD Driver
PT6533 PTC-PT6533 Datasheet
115Kb / 4P
   General Purpose LCD Driver
logo
Sanyo Semicon Device
LC75841PE SANYO-LC75841PE Datasheet
115Kb / 18P
   General-Purpose LCD Display Driver
LC75832E SANYO-LC75832E Datasheet
185Kb / 22P
   General-Purpose LCD Display Driver
logo
Princeton Technology Co...
PT6579 PTC-PT6579 Datasheet
302Kb / 6P
   General Purpose LCD Driver IC
logo
ON Semiconductor
LC75814V ONSEMI-LC75814V Datasheet
126Kb / 14P
   Duty General-Purpose LCD Driver
October, 2013
EN6473 ONSEMI-EN6473 Datasheet
355Kb / 35P
   General-Purpose LCD Display Driver
July, 2013
LC75839PW ONSEMI-LC75839PW Datasheet
214Kb / 27P
   Duty General-Purpose LCD Driver
July, 2013
LC75829PW ONSEMI-LC75829PW Datasheet
357Kb / 23P
   Duty General-Purpose LCD Driver
June 2017 - Rev. 1
LC75813E ONSEMI-LC75813E Datasheet
295Kb / 26P
   Duty General-Purpose LCD Driver
October, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com