Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC75812PT Datasheet(PDF) 11 Page - ON Semiconductor

Part # LC75812PT
Description  1/8, 1/9 Duty Dot Matrix LCD Display Controllers/Drivers
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC75812PT Datasheet(HTML) 11 Page - ON Semiconductor

Back Button LC75812PT Datasheet HTML 7Page - ON Semiconductor LC75812PT Datasheet HTML 8Page - ON Semiconductor LC75812PT Datasheet HTML 9Page - ON Semiconductor LC75812PT Datasheet HTML 10Page - ON Semiconductor LC75812PT Datasheet HTML 11Page - ON Semiconductor LC75812PT Datasheet HTML 12Page - ON Semiconductor LC75812PT Datasheet HTML 13Page - ON Semiconductor LC75812PT Datasheet HTML 14Page - ON Semiconductor LC75812PT Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 54 page
background image
LC75812PT
No.A1417-11/54
Serial Data Input
(1) When CL is stopped at the low level
(2) When CL is stopped at the high level
• B0 to B3, A0 to A3: CCB address 42H
• D0 to D119: Instruction data
The data is acquired on the rising edge of the CL signal and latched on the falling edge of the CE signal. When
transferring instruction data from the microcontroller, applications must assure that the time from the transfer of one set
of instruction data until the next instruction data transfer is significantly longer than the instruction execution time.
Instruction data (Up to 120 bits)
D119
D118
D4
D3
D2
0
0
0
0
1
0
1
0
D0
D1
CE
DI
DO
CL
A3
A2
A1
A0
B3
B2
B1
B0
Instruction data (Up to 120 bits)
D119
D118
D4
D3
D2
1
0
0
0
0
0
1
0
D0
D1
CE
CL
DI
DO
A3
A2
A1
A0
B3
B2
B1
B0


Similar Part No. - LC75812PT

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC75812PT SANYO-LC75812PT Datasheet
438Kb / 54P
   1/8, 1/9 Duty Dot Matrix LCD Display Controllers/Drivers with Key Input Function
logo
ON Semiconductor
LC75812PT ONSEMI-LC75812PT Datasheet
590Kb / 55P
   Duty Dot Matrix LCD Controller / Driver
June 2017 - Rev. 1
LC75812PT-8565-H ONSEMI-LC75812PT-8565-H Datasheet
590Kb / 55P
   Duty Dot Matrix LCD Controller / Driver
June 2017 - Rev. 1
LC75812PTH-8565-H ONSEMI-LC75812PTH-8565-H Datasheet
590Kb / 55P
   Duty Dot Matrix LCD Controller / Driver
June 2017 - Rev. 1
LC75812PTS-8565-H ONSEMI-LC75812PTS-8565-H Datasheet
590Kb / 55P
   Duty Dot Matrix LCD Controller / Driver
June 2017 - Rev. 1
More results

Similar Description - LC75812PT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC75818PT ONSEMI-LC75818PT Datasheet
452Kb / 43P
   1/8 to 1/10 Duty Dot Matrix LCD Display Controllers/Drivers
July, 2013
logo
Sanyo Semicon Device
LC75810E SANYO-LC75810E Datasheet
981Kb / 54P
   1/8 to 1/10 Duty Dot Matrix LCD Display Controllers/Drivers
logo
ON Semiconductor
LC75810T-8725-E ONSEMI-LC75810T-8725-E Datasheet
1Mb / 54P
   1/8 to 1/10 Duty Dot Matrix LCD Display Controllers/Drivers
July, 2013
logo
Sanyo Semicon Device
LC75812PT SANYO-LC75812PT Datasheet
438Kb / 54P
   1/8, 1/9 Duty Dot Matrix LCD Display Controllers/Drivers with Key Input Function
LC75816E SANYO-LC75816E Datasheet
572Kb / 43P
   1/8 to 1/10 Duty Dot Matrix LCD Display Controllers/Drivers with Key Input Function
LC75818PT SANYO-LC75818PT Datasheet
464Kb / 43P
   1/8 to 1/10 Duty Dot Matrix LCD Display Controllers/Drivers with Key Input Function
LC75817NE SANYO-LC75817NE Datasheet
496Kb / 43P
   1/8 to 1/10 Duty Dot Matrix LCD Display Controllers/Drivers with Key Input Function
logo
ON Semiconductor
LC450210PCH ONSEMI-LC450210PCH Datasheet
453Kb / 53P
   Duty Dot Matrix LCD Display Controllers
May, 2014
ENA1417 ONSEMI-ENA1417 Datasheet
551Kb / 54P
   Duty Dot Matrix LCD Display Controllers
July, 2013
ENA0964 ONSEMI-ENA0964 Datasheet
452Kb / 43P
   Duty Dot Matrix LCD Display Controllers
July, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com