Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A623308AM-70SUF Datasheet(PDF) 11 Page - AMIC Technology

Part # A623308AM-70SUF
Description  8K X 8 BIT CMOS SRAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A623308AM-70SUF Datasheet(HTML) 11 Page - AMIC Technology

Back Button A623308AM-70SUF Datasheet HTML 6Page - AMIC Technology A623308AM-70SUF Datasheet HTML 7Page - AMIC Technology A623308AM-70SUF Datasheet HTML 8Page - AMIC Technology A623308AM-70SUF Datasheet HTML 9Page - AMIC Technology A623308AM-70SUF Datasheet HTML 10Page - AMIC Technology A623308AM-70SUF Datasheet HTML 11Page - AMIC Technology A623308AM-70SUF Datasheet HTML 12Page - AMIC Technology A623308AM-70SUF Datasheet HTML 13Page - AMIC Technology A623308AM-70SUF Datasheet HTML 14Page - AMIC Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
A623308A Series
(July, 2006, Version 1.0)
10
AMIC Technology, Corp.
Low VCC Data Retention Waveform
VCC
tCDR
VIH
4.5V
tR
VIH
4.5V
DATA RETENTION MODE
VDR
≥ 2.0V
CE
≥ VDR - 0.2V
CE
Ordering Information
Part No.
Access Time (ns)
Operating Current
Max. (mA)
Standby Current
Max. (
µA)
Package
A623308A-70SF
35
10
28L Pb-Free DIP
A623308AM-70SF
35
10
28L Pb-Free SOP
A623308AV-70SF
35
10
28L Pb-Free TSOP (Forward)
A623308A-70SIF
35
15
28L Pb-Free DIP
A623308AM-70SIF
35
15
28L Pb-Free SOP
A623308AV-70SIF
35
15
28L Pb-Free TSOP (Forward)
A623308A-70SUF
35
15
28L Pb-Free DIP
A623308AM-70SUF
35
15
28L Pb-Free SOP
A623308AV-70SUF
70
35
15
28L Pb-Free TSOP (Forward)


Similar Part No. - A623308AM-70SUF

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A623308A AMICC-A623308A_15 Datasheet
194Kb / 14P
   8K X 8 BIT CMOS SRAM
More results

Similar Description - A623308AM-70SUF

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT6264 HOLTEK-HT6264 Datasheet
238Kb / 10P
   CMOS 8K x 8-Bit SRAM
logo
AMIC Technology
A623308 AMICC-A623308 Datasheet
130Kb / 13P
   8K X 8 BIT CMOS SRAM
A623308A AMICC-A623308A_15 Datasheet
194Kb / 14P
   8K X 8 BIT CMOS SRAM
logo
UMC Corporation
UM6264 UMC-UM6264 Datasheet
410Kb / 8P
   8K x 8 CMOS SRAM
logo
Rohm
BR6265 ROHM-BR6265 Datasheet
424Kb / 8P
   8K X 8 CMOS SRAM
logo
List of Unclassifed Man...
AS7C164A ETC2-AS7C164A Datasheet
459Kb / 10P
   8K X 8 BIT HIGH SPEED CMOS SRAM
UT6264C ETC-UT6264C Datasheet
208Kb / 10P
   8K X 8 BIT LOW POWER CMOS SRAM
logo
Lyontek Inc.
LY6164 LYONTEK-LY6164_16 Datasheet
783Kb / 15P
   8K X 8 BIT HIGH SPEED CMOS SRAM
logo
Alliance Semiconductor ...
AS6C6264-55PCN ALSC-AS6C6264-55PCN Datasheet
871Kb / 12P
   8K X 8 BIT LOW POWER CMOS SRAM
logo
Lyontek Inc.
LY6164_1008 LYONTEK-LY6164_1008 Datasheet
234Kb / 13P
   8K X 8 BIT HIGH SPEED CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com