Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A623308A Datasheet(PDF) 3 Page - AMIC Technology

Part # A623308A
Description  8K X 8 BIT CMOS SRAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A623308A Datasheet(HTML) 3 Page - AMIC Technology

  A623308A Datasheet HTML 1Page - AMIC Technology A623308A Datasheet HTML 2Page - AMIC Technology A623308A Datasheet HTML 3Page - AMIC Technology A623308A Datasheet HTML 4Page - AMIC Technology A623308A Datasheet HTML 5Page - AMIC Technology A623308A Datasheet HTML 6Page - AMIC Technology A623308A Datasheet HTML 7Page - AMIC Technology A623308A Datasheet HTML 8Page - AMIC Technology A623308A Datasheet HTML 9Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
A623308A Series
(July, 2006, Version 1.0)
2
AMIC Technology, Corp.
Block Diagram
ROW
DECODER
128 X 512
MEMORY ARRAY
INPUT DATA
CIRCUIT
COLUMN I/O
CONTROL
CIRCUIT
CE
WE
I/O7
I/O0
A12
A11
A10
A0
VCC
GND
OE
Pin Descriptions – DIP / SOP
Pin No.
Symbol
Description
1, 26
NC
No Connection
2-10, 21, 23-25
A0 - A12
Address Input
11-13, 15-19
I/O0 - I/O7
Data Input/Output
20
CE
Chip Enable
22
OE
Output Enable
27
WE
Write Enable
28
VCC
Power Supply
14
GND
Ground
Pin Description-TSOP
Pin No.
Symbol
Description
5, 8
NC
No Connection
2-4, 9-17, 28
A0 - A12
Address Input
18-20, 22-26
I/O0 - I/O7
Data Input/Output
27
CE
Chip Enable
1
OE
Output Enable
6
WE
Write Enable
7
VCC
Power Supply
21
GND
Ground


Similar Part No. - A623308A

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A623308A AMICC-A623308A_15 Datasheet
194Kb / 14P
   8K X 8 BIT CMOS SRAM
More results

Similar Description - A623308A

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT6264 HOLTEK-HT6264 Datasheet
238Kb / 10P
   CMOS 8K x 8-Bit SRAM
logo
AMIC Technology
A623308 AMICC-A623308 Datasheet
130Kb / 13P
   8K X 8 BIT CMOS SRAM
A623308A AMICC-A623308A_15 Datasheet
194Kb / 14P
   8K X 8 BIT CMOS SRAM
logo
UMC Corporation
UM6264 UMC-UM6264 Datasheet
410Kb / 8P
   8K x 8 CMOS SRAM
logo
Rohm
BR6265 ROHM-BR6265 Datasheet
424Kb / 8P
   8K X 8 CMOS SRAM
logo
List of Unclassifed Man...
AS7C164A ETC2-AS7C164A Datasheet
459Kb / 10P
   8K X 8 BIT HIGH SPEED CMOS SRAM
UT6264C ETC-UT6264C Datasheet
208Kb / 10P
   8K X 8 BIT LOW POWER CMOS SRAM
logo
Lyontek Inc.
LY6164 LYONTEK-LY6164_16 Datasheet
783Kb / 15P
   8K X 8 BIT HIGH SPEED CMOS SRAM
logo
Alliance Semiconductor ...
AS6C6264-55PCN ALSC-AS6C6264-55PCN Datasheet
871Kb / 12P
   8K X 8 BIT LOW POWER CMOS SRAM
logo
Lyontek Inc.
LY6164_1008 LYONTEK-LY6164_1008 Datasheet
234Kb / 13P
   8K X 8 BIT HIGH SPEED CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com