Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS4C256M16D3B Datasheet(PDF) 11 Page - Alliance Semiconductor Corporation

Part # AS4C256M16D3B
Description  12BCN 96 ball FBGA PACKAGE
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C256M16D3B Datasheet(HTML) 11 Page - Alliance Semiconductor Corporation

Back Button AS4C256M16D3B Datasheet HTML 7Page - Alliance Semiconductor Corporation AS4C256M16D3B Datasheet HTML 8Page - Alliance Semiconductor Corporation AS4C256M16D3B Datasheet HTML 9Page - Alliance Semiconductor Corporation AS4C256M16D3B Datasheet HTML 10Page - Alliance Semiconductor Corporation AS4C256M16D3B Datasheet HTML 11Page - Alliance Semiconductor Corporation AS4C256M16D3B Datasheet HTML 12Page - Alliance Semiconductor Corporation AS4C256M16D3B Datasheet HTML 13Page - Alliance Semiconductor Corporation AS4C256M16D3B Datasheet HTML 14Page - Alliance Semiconductor Corporation AS4C256M16D3B Datasheet HTML 15Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 41 page
background image
Mode Register MR2
The Mode Register MR2 stores the data for controlling refresh related features, RTT_WR impedance and
CAS write latency (CWL). The Mode Register 2 is written by asserting low on CS, RAS, CAS, WE, high on
BA1, low on BA0 and BA2, while controlling the states of address pins according to the table below.
Mode Register 2
Address Field
BA
1
BA
0
A
11
A
10
A
9
A
8
A
7
A
6
A
5
A
4
A
3
A
2
A
1
A
0
1
0*1
BA
2
0*1
PASR*2
A2 A1 A0
Partial Array Self Refresh (Optional)
0
0
0 Full Array
0
0
1 HalfArray (BA[2:0]=000,001,010, &011)
0
1
0 Quarter Array (BA[2:0]=000, & 001)
0
1
1 1/8th Array (BA[2:0] = 000)
1
0
0 3/4 Array (BA[2:0] = 010,011,100,101,110, & 111)
1
0
1 HalfArray (BA[2:0] = 100, 101, 110, &111)
1
1
0 Quarter Array (BA[2:0]=110, &111)
1
1
1 1/8th Array (BA[2:0]=111)
* 1 : BA2, A8, A11 ~ A14 are RFU and must be programmed to 0 during MRS.
* 2 : The Rtt_WR value can be applied during writes even when Rtt_Nom is disabled.
During write leveling, Dynamic ODT is not available.
SRT
A5 A4 A3
CAS write Latency (CWL)
00
0
5 (tCK(avg)
≥2.5ns)
0
0
1
6 (2.5ns
>tCK(avg) ≥1.875ns)
0
1
0
7 (1.875ns
>tCK(avg) ≥1.5ns)
01
1
8 (1.5ns
>tCK(avg) ≥1.25ns)
1
0
0
Reserved
1
0
1
Reserved
1
1
0
Reserved
1
1
1
Reserved
A7
Self-refresh temperature range (SRT)
0
Normal operating temperature range
1
Extend temperature self-refresh (Optional)
0*1
Rtt_WR
A10 A9
Rtt_WR*2
00
Dynamic ODT off
(Write does not affect Rtt value)
01
RZQ/4
10
RZQ/2
11
Reserved
BA1
BA0
MRS mode
00
MR0
01
MR1
10
MR2
11
MR3
0
CWL
ASR
A6
Auto Self-refresh (ASR)
0
1
ASR enable (Optional)
Manual SR Reference (SRT)
A
14 -
AS4C256M16D3B-12BCN
Confidential
- 11/41 -
Rev.1.0 April 2016


Similar Part No. - AS4C256M16D3B

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS4C256M16D3B-12BCN ALSC-AS4C256M16D3B-12BCN Datasheet
2Mb / 41P
   Eight internal banks for concurrent operation
More results

Similar Description - AS4C256M16D3B

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS4C128M16D3B ALSC-AS4C128M16D3B Datasheet
1Mb / 41P
   2Gb AS4C128M16D3B-12BCN - 96 ball FBGA PACKAGE
AS4C128M16D3LB ALSC-AS4C128M16D3LB Datasheet
3Mb / 45P
   96 ball FBGA PACKAGE
AS4C64M16D3A ALSC-AS4C64M16D3A Datasheet
1Mb / 86P
   96 ball FBGA PACKAGE
AS4C64M16D3A-12BAN ALSC-AS4C64M16D3A-12BAN Datasheet
1Mb / 86P
   96 ball FBGA PACKAGE
AS4C128M16D3LA-12BIN ALSC-AS4C128M16D3LA-12BIN Datasheet
2Mb / 83P
   96 ball FBGA PACKAGE
AS4C128M16D3A ALSC-AS4C128M16D3A Datasheet
2Mb / 83P
   AS4C128M16D3A-12BIN - 96 ball FBGA PACKAGE
AS4C512M8D3A-12BCN ALSC-AS4C512M8D3A-12BCN Datasheet
1Mb / 83P
   78 ball FBGA PACKAGE
AS4C32M16MD1A ALSC-AS4C32M16MD1A Datasheet
2Mb / 53P
   60 ball FBGA PACKAGE
AS4C8M16D1-5BIN ALSC-AS4C8M16D1-5BIN Datasheet
4Mb / 66P
   60-ball FBGA PACKAGE
AS4C512M8D3L ALSC-AS4C512M8D3L Datasheet
3Mb / 86P
   AS4C512M8D3L - 78-ball FBGA PACKAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com