Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS4C32M16D1A Datasheet(PDF) 7 Page - Alliance Semiconductor Corporation

Part # AS4C32M16D1A
Description  32M x 16 bit DDR Synchronous DRAM
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C32M16D1A Datasheet(HTML) 7 Page - Alliance Semiconductor Corporation

Back Button AS4C32M16D1A Datasheet HTML 3Page - Alliance Semiconductor Corporation AS4C32M16D1A Datasheet HTML 4Page - Alliance Semiconductor Corporation AS4C32M16D1A Datasheet HTML 5Page - Alliance Semiconductor Corporation AS4C32M16D1A Datasheet HTML 6Page - Alliance Semiconductor Corporation AS4C32M16D1A Datasheet HTML 7Page - Alliance Semiconductor Corporation AS4C32M16D1A Datasheet HTML 8Page - Alliance Semiconductor Corporation AS4C32M16D1A Datasheet HTML 9Page - Alliance Semiconductor Corporation AS4C32M16D1A Datasheet HTML 10Page - Alliance Semiconductor Corporation AS4C32M16D1A Datasheet HTML 11Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 64 page
background image
AS4C32M16D1A-C&I
2
Rev. 1.0
Mar. /2015
VSS
Supply
Ground
VDDQ
Supply
DQ Power: 2.5V ± 0.2V . Provide isolated power to DQs for improved noise immunity.
VSSQ
Supply
DQ Ground: Provide isolated ground to DQs for improved noise immunity.
VREF
Supply
Reference Voltage for Inputs: +0.5*VDDQ
NC
-
No Connect: These pins should be left unconnected.


Similar Part No. - AS4C32M16D1A

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS4C32M16D1A-5TCN ALSC-AS4C32M16D1A-5TCN Datasheet
1Mb / 64P
   Internal pipeline architecture
AS4C32M16D1A-5TIN ALSC-AS4C32M16D1A-5TIN Datasheet
1Mb / 64P
   Internal pipeline architecture
AS4C32M16D1A-CI ALSC-AS4C32M16D1A-CI Datasheet
1Mb / 64P
   Internal pipeline architecture
More results

Similar Description - AS4C32M16D1A

ManufacturerPart #DatasheetDescription
logo
Etron Technology, Inc.
EM6AB160TSE-4G ETRON-EM6AB160TSE-4G Datasheet
560Kb / 62P
   32M x 16 bit DDR Synchronous DRAM
EM6AB160TSA ETRON-EM6AB160TSA Datasheet
469Kb / 61P
   32M x 16 bit DDR Synchronous DRAM (SDRAM)
EM68B16DVAA ETRON-EM68B16DVAA Datasheet
328Kb / 40P
   32M x 16 Mobile DDR Synchronous DRAM (SDRAM)
EM63B165TS-5ISG ETRON-EM63B165TS-5ISG Datasheet
1Mb / 53P
   32M x 16 bit Synchronous DRAM (SDRAM)
EM63B165TS-5SG ETRON-EM63B165TS-5SG Datasheet
1Mb / 53P
   32M x 16 bit Synchronous DRAM (SDRAM)
EM68B16CWQH-18H ETRON-EM68B16CWQH-18H Datasheet
1Mb / 60P
   32M x 16 bit DDRII Synchronous DRAM (SDRAM)
EM68B16CWPA ETRON-EM68B16CWPA Datasheet
1Mb / 59P
   32M x 16 bit DDRII Synchronous DRAM (SDRAM)
logo
Alliance Semiconductor ...
AS4C32M16D2 ALSC-AS4C32M16D2 Datasheet
1Mb / 70P
   512M (32M x 16 bit) DDRII Synchronous DRAM
logo
Etron Technology, Inc.
EM6AA160TSA ETRON-EM6AA160TSA Datasheet
436Kb / 54P
   16M x 16 bit DDR Synchronous DRAM (SDRAM)
EM6AA160TSC-4G ETRON-EM6AA160TSC-4G Datasheet
481Kb / 63P
   16M x 16 bit DDR Synchronous DRAM (SDRAM)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com