Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS4C2M32SA-7TCN Datasheet(PDF) 2 Page - Alliance Semiconductor Corporation

Part # AS4C2M32SA-7TCN
Description  64Mb SDRAM AS4C2M32SA - 86pin TSOP II PACKAGE
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C2M32SA-7TCN Datasheet(HTML) 2 Page - Alliance Semiconductor Corporation

  AS4C2M32SA-7TCN Datasheet HTML 1Page - Alliance Semiconductor Corporation AS4C2M32SA-7TCN Datasheet HTML 2Page - Alliance Semiconductor Corporation AS4C2M32SA-7TCN Datasheet HTML 3Page - Alliance Semiconductor Corporation AS4C2M32SA-7TCN Datasheet HTML 4Page - Alliance Semiconductor Corporation AS4C2M32SA-7TCN Datasheet HTML 5Page - Alliance Semiconductor Corporation AS4C2M32SA-7TCN Datasheet HTML 6Page - Alliance Semiconductor Corporation AS4C2M32SA-7TCN Datasheet HTML 7Page - Alliance Semiconductor Corporation AS4C2M32SA-7TCN Datasheet HTML 8Page - Alliance Semiconductor Corporation AS4C2M32SA-7TCN Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 54 page
background image
Features
• Fast access time: 5.4/5.4 ns
• Fast Clock rate: 166/143 MHz
• Fully synchronous operation
• Internal pipelined architecture
• Four internal banks (512K x 32bit x 4bank)
• Programmable Mode
- CAS Latency: 2 or 3
- Burst Length: 1, 2, 4, 8, or full page
- Burst Type: Sequential or Interleaved
- Burst-Read-Single-Write
• Burst stop function
• Individual byte controlled by DQM0-3
• Auto Refresh and Self Refresh
• Operating Temperature:
- Commercial (0
°C~+70°C)
- Industrial (-40
°C~+85°C)
• 4096 refresh cycles/64ms
• Single +3.3V ± 0.3V power supply
• Interface: LVTTL
• Package:
- 86-pin 400 x 875 mil plastic TSOP II package (Pb and Halogen Free)
Overview
The 64Mb SDRAM is a high-speed CMOS synchronous
DRAM
containing
67,108,864bits.
It
is
internally
configured
as
a
quad
512K
x
32
DRAM
with
a
synchronous interface (all signals are registered on the
positive edge of the clock signal, CLK). Each of the 512K
x 32 bit banks is organized as 2048 rows by 256 columns
by 32 bits. Read and write accesses to the SDRAM are
burst oriented; accesses start at a selected location and
continue for a programmed number of locations in a
programmed
sequence.
Accesses
begin
with
the
registration of a Bank Activate command which is then
followed by a Read or Write command.
The SDRAM provides for programmable Read or Write
burst lengths of 1, 2, 4, 8, or full page, with a burst
termination option. An auto precharge function may be
enabled to provide a self-timed row precharge that is
initiated at the end of the burst sequence. The refresh
functions, either Auto or Self Refresh are easy to use. By
having a programmable mode register, the system can
choose
the
most
suitable
modes
to
maximize
its
performance.
These
devices
are
well
suited
for
applications requiring high memory bandwidth.
Table
1. Ordering Information
Product part No
Org
Temperature
Max Clock (MHz)
AS4C
2M32SA-6TIN
Industrial -40°C to +85°C
Package
86-pin TSOP II
AS4C
2M32SA-6TCN
Commercial 0°C to +70°C
AS4C
2M32SA-7TCN
Commercial 0°C to +70°C
86-pin TSOP II
86-pin TSOP II
143 MHz
166 MHz
166 MHz
2M x 32
2M x 32
2M x 32
AS4C2M32SA-6TIN
AS4C2M32SA-6TCN
AS4C2M32SA-7TCN
Confidential
-2/54-
Rev.1.0 Sep. 2015


Similar Part No. - AS4C2M32SA-7TCN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS4C2M32S ALSC-AS4C2M32S Datasheet
1Mb / 53P
   AS4C2M32S
More results

Similar Description - AS4C2M32SA-7TCN

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4S640432H-TC SAMSUNG-K4S640432H-TC Datasheet
144Kb / 14P
   64Mb H-die SDRAM Specification 54 TSOP-II with Pb-Free
K4S640432H-UC SAMSUNG-K4S640432H-UC Datasheet
144Kb / 14P
   64Mb H-die SDRAM Specification 54 TSOP-II with Pb-Free (RoHS compliant)
logo
List of Unclassifed Man...
EM484M1644VTA-55L ETC1-EM484M1644VTA-55L Datasheet
741Kb / 18P
   64Mb SDRAM
EM482M3244VTA-5L ETC1-EM482M3244VTA-5L Datasheet
934Kb / 33P
   64Mb SDRAM
logo
Hynix Semiconductor
H5DU6462CTR-FAX HYNIX-H5DU6462CTR-FAX Datasheet
329Kb / 29P
   64Mb DDR SDRAM
logo
Mosel Vitelic, Corp
V55C2128164V MOSEL-V55C2128164V Datasheet
591Kb / 44P
   128Mbit LOW-POWER SDRAM 2.5 VOLT, TSOP II / BGA PACKAGE 8M X 16
logo
White Electronic Design...
W3DG648V-D1 WEDC-W3DG648V-D1 Datasheet
129Kb / 6P
   64MB - 2x4Mx64 SDRAM, UNBUFFERED
W3DG647V-D2 WEDC-W3DG647V-D2 Datasheet
81Kb / 5P
   64MB- 8Mx64 SDRAM UNBUFFERED
W3DG648V-D2 WEDC-W3DG648V-D2 Datasheet
76Kb / 5P
   64MB- 8Mx64 SDRAM UNBUFFERED
W3DG727V-D2 WEDC-W3DG727V-D2 Datasheet
121Kb / 5P
   64MB - 8Mx72 SDRAM UNBUFFERED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com