Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS4C2M32SA-6TIN Datasheet(PDF) 6 Page - Alliance Semiconductor Corporation

Part # AS4C2M32SA-6TIN
Description  64Mb SDRAM AS4C2M32SA - 86pin TSOP II PACKAGE
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C2M32SA-6TIN Datasheet(HTML) 6 Page - Alliance Semiconductor Corporation

Back Button AS4C2M32SA-6TIN Datasheet HTML 2Page - Alliance Semiconductor Corporation AS4C2M32SA-6TIN Datasheet HTML 3Page - Alliance Semiconductor Corporation AS4C2M32SA-6TIN Datasheet HTML 4Page - Alliance Semiconductor Corporation AS4C2M32SA-6TIN Datasheet HTML 5Page - Alliance Semiconductor Corporation AS4C2M32SA-6TIN Datasheet HTML 6Page - Alliance Semiconductor Corporation AS4C2M32SA-6TIN Datasheet HTML 7Page - Alliance Semiconductor Corporation AS4C2M32SA-6TIN Datasheet HTML 8Page - Alliance Semiconductor Corporation AS4C2M32SA-6TIN Datasheet HTML 9Page - Alliance Semiconductor Corporation AS4C2M32SA-6TIN Datasheet HTML 10Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 54 page
background image
Operation Mode
Fully synchronous operations are performed to latch the commands at the positive edges of CLK. Table
3
shows the truth table for the operation commands.
Table 3. Truth Table (Note (1), (2))
Command
State CKEn-1 CKEn DQM(6) BA0,1 A10 A0-9
CS# RAS# CAS# WE#
BankActivate
Idle(3)
H
X
X
V
Row address
L
L
H
H
BankPrecharge
Any
H
X
X
V
L
X
L
L
H
L
PrechargeAll
Any
H
X
X
X
H
X
L
L
H
L
Write
Active(3)
H
X
V
V
L
Column
address
(A0 ~ A7)
L
H
L
L
Write and AutoPrecharge
Active(3)
H
X
V
V
H
L
H
L
L
Read
Active(3)
H
X
V
V
L
Column
address
(A0 ~ A7)
L
H
L
H
Read and Autoprecharge
Active(3)
H
X
V
V
H
L
H
L
H
Mode Register Set
Idle
H
X
X
OP code
L
L
L
L
No-Operation
Any
H
X
X
X
X
X
L
H
H
H
Burst Stop
Active(4)
H
X
X
X
X
X
L
H
H
L
Device Deselect
Any
H
X
X
X
X
X
H
X
X
X
AutoRefresh
Idle
H
H
X
X
X
X
L
L
L
H
SelfRefresh Entry
Idle
H
L
X
X
X
X
L
L
L
H
SelfRefresh Exit
Idle
L
H
X
X
X
X
H
X
X
X
(SelfRefresh)
L
H
H
H
Clock Suspend Mode Entry
Active
H
L
X
X
X
X
H
X
X
X
L
V
V
V
Power Down Mode Entry
Any(5)
H
L
X
X
X
X
H
X
X
X
L
H
H
H
Clock Suspend Mode Exit
Active
L
H
X
X
X
X
X
X
X
X
Power Down Mode Exit
Any
L
H
X
X
X
X
H
X
X
X
(PowerDown)
L
H
H
H
Data Write/Output Enable
Active
H
X
L
X
X
X
X
X
X
X
Data Mask/Output Disable
Active
H
X
H
X
X
X
X
X
X
X
Note: 1. V = Valid, X = Don't care, L = Logic low, H = Logic high
2. CKEn signal is input level when commands are provided.
CKEn-1 signal is input level one clock cycle before the commands are provided.
3. These are states of bank designated by BA signal.
4. Device state is 1, 2, 4, 8, and full page burst operation.
5. Power Down Mode can not enter in the burst operation.
When this command is asserted in the burst cycle, device state is clock suspend mode.
6. DQM0-3
AS4C2M32SA-6TIN
AS4C2M32SA-6TCN
AS4C2M32SA-7TCN
Confidential
-6/54-
Rev.1.0 Sep. 2015


Similar Part No. - AS4C2M32SA-6TIN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS4C2M32S ALSC-AS4C2M32S Datasheet
1Mb / 53P
   AS4C2M32S
More results

Similar Description - AS4C2M32SA-6TIN

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4S640432H-TC SAMSUNG-K4S640432H-TC Datasheet
144Kb / 14P
   64Mb H-die SDRAM Specification 54 TSOP-II with Pb-Free
K4S640432H-UC SAMSUNG-K4S640432H-UC Datasheet
144Kb / 14P
   64Mb H-die SDRAM Specification 54 TSOP-II with Pb-Free (RoHS compliant)
logo
List of Unclassifed Man...
EM484M1644VTA-55L ETC1-EM484M1644VTA-55L Datasheet
741Kb / 18P
   64Mb SDRAM
EM482M3244VTA-5L ETC1-EM482M3244VTA-5L Datasheet
934Kb / 33P
   64Mb SDRAM
logo
Hynix Semiconductor
H5DU6462CTR-FAX HYNIX-H5DU6462CTR-FAX Datasheet
329Kb / 29P
   64Mb DDR SDRAM
logo
Mosel Vitelic, Corp
V55C2128164V MOSEL-V55C2128164V Datasheet
591Kb / 44P
   128Mbit LOW-POWER SDRAM 2.5 VOLT, TSOP II / BGA PACKAGE 8M X 16
logo
White Electronic Design...
W3DG648V-D1 WEDC-W3DG648V-D1 Datasheet
129Kb / 6P
   64MB - 2x4Mx64 SDRAM, UNBUFFERED
W3DG647V-D2 WEDC-W3DG647V-D2 Datasheet
81Kb / 5P
   64MB- 8Mx64 SDRAM UNBUFFERED
W3DG648V-D2 WEDC-W3DG648V-D2 Datasheet
76Kb / 5P
   64MB- 8Mx64 SDRAM UNBUFFERED
W3DG727V-D2 WEDC-W3DG727V-D2 Datasheet
121Kb / 5P
   64MB - 8Mx72 SDRAM UNBUFFERED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com