Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLX6D-FKB-CMPQSGKBB7a363 Datasheet(PDF) 9 Page - Cree, Inc

Part # CLX6D-FKB-CMPQSGKBB7a363
Description  PLCC6 3 in 1 SMD LED
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CLX6D-FKB-CMPQSGKBB7a363 Datasheet(HTML) 9 Page - Cree, Inc

Back Button CLX6D-FKB-CMPQSGKBB7a363 Datasheet HTML 3Page - Cree, Inc CLX6D-FKB-CMPQSGKBB7a363 Datasheet HTML 4Page - Cree, Inc CLX6D-FKB-CMPQSGKBB7a363 Datasheet HTML 5Page - Cree, Inc CLX6D-FKB-CMPQSGKBB7a363 Datasheet HTML 6Page - Cree, Inc CLX6D-FKB-CMPQSGKBB7a363 Datasheet HTML 7Page - Cree, Inc CLX6D-FKB-CMPQSGKBB7a363 Datasheet HTML 8Page - Cree, Inc CLX6D-FKB-CMPQSGKBB7a363 Datasheet HTML 9Page - Cree, Inc CLX6D-FKB-CMPQSGKBB7a363 Datasheet HTML 10Page - Cree, Inc CLX6D-FKB-CMPQSGKBB7a363 Datasheet HTML 11Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks
of Cree, Inc.
9
Copyright © 2014 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc.
9
Cree PLCC6 3 in 1 SMD LED
CLX6D-FKB
RELIABILITY
Tests and Results
Test
Applicable Standards
Test Condition
Note
Number of
Damaged
Temperature Cycle
JEITA ED-4701
100 105
-40°C~25°C~100°C~25°C
30 mins, 5 mins, 30 mins, 5 mins
100 cycles
0/50
Thermal Shock
MIL-STD-202G
-40°C~100°C
30 mins, 30 mins
100 cycles
0/50
Moisture Resistance
JEITA ED-4701
200 203
25°C~65°C~
90%RH 24hrs/1cycle
10 cycles
0/50
High Temperature Storage
JEITA ED-4701
200 201
T
A=100°C
500 hrs
0/50
Temperature Humidity Storage
JEITA ED-4701
100 103
T
A=60°C
RH=90%
500 hrs
0/50
Low Temperature Storage
JEITA ED-4701
200 202
T
A=-40°C
500 hrs
0/50
Water Proof Test*
IEC 60529:2001
IP X8
Immersing in 1m water
24hrs
0/50
High Temperature Life Test
-
T
A=85°C
I
F=15 mA
1000 hrs
0/50
Life Test
-
T
A=25°C
IF: R=30mA G=35mA B=20mA
1000 hrs
0/50
High Humidity Heat Life Test
-
60°C RH=90%
I
F=15 mA
500 hrs
0/50
Low Temperature Life Test
-
Ta=-40°C
IF: R=30mA G=35mA B=20mA
500 hrs
0/50
Resistance to Soldering Heat(Reflow
Soldering)
JEITA ED-4701
300 301
T
sol=250°C,10sec
(Pre treatment 30°C,70%,168hrs)
2 times
0/50
Vibration-variable Frequency
MIL-STE-883
Method 2007
20G min, 20 to 2000Hz, 4cycles, 4mins,
Each x,y,z
0/50
Electrostatic Discharge Test
AEC(Q101-001)
Human body model 1000 V
(Forward and reverse current conduct
electricity each 1time)
0/50
Water proof test*: The test is conducted on component level. It is strongly recommended the customers test the prod-
ucts for their application
Failure Criteria
Item
Symbol
Test
Condition
Criteria for Judgment
Min.
Max.
Forward Voltage
V
F
I
F = 20 mA
Initial Data x 1.1
Reverse Current
I
R
V
R = 5 V
-
10 μA
Luminous Flux/Intensity
Ф
V
I
F = 20 mA
Initial Data x 0.7
-
Resistance to Soldering
Heat
-
I
F = 20 mA
No dead lamps and visual damage
Vibration-variable
Frequency
-
I
F = 20 mA
No dead lamps and visual damage


Similar Part No. - CLX6D-FKB-CMPQSGKBB7a363

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CLX6A-FKB CREE-CLX6A-FKB Datasheet
1Mb / 11P
   PLCC6 3 in 1 SMD LED
CLX6A-FKB-CJ1N1F1BB7D3D3 CREE-CLX6A-FKB-CJ1N1F1BB7D3D3 Datasheet
1Mb / 11P
   PLCC6 3-in-1 SMD LED
CLX6A-FKB-CJ1N1F1BB7D3D3 CREE-CLX6A-FKB-CJ1N1F1BB7D3D3 Datasheet
1Mb / 11P
   PLCC6 3 in 1 SMD LED
CLX6A-FKB-CJNNRFJBB7a363 CREE-CLX6A-FKB-CJNNRFJBB7a363 Datasheet
1Mb / 11P
   PLCC6 3-in-1 SMD LED
CLX6A-FKB-CJNNRFJBB7a363 CREE-CLX6A-FKB-CJNNRFJBB7a363 Datasheet
1Mb / 11P
   PLCC6 3 in 1 SMD LED
More results

Similar Description - CLX6D-FKB-CMPQSGKBB7a363

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CLY6D-FKC CREE-CLY6D-FKC Datasheet
1Mb / 10P
   PLCC6 3 in 1 SMD LED
logo
Marktech Corporate
CLP6C-FKB MARKTECH-CLP6C-FKB_15 Datasheet
511Kb / 9P
   PLCC6 3 in 1 SMD LED
logo
Cree, Inc
CLV6B-FKB CREE-CLV6B-FKB Datasheet
1Mb / 11P
   PLCC6 3-in-1 SMD LED
CLX6A-FKB CREE-CLX6A-FKB Datasheet
1Mb / 11P
   PLCC6 3 in 1 SMD LED
CLP6B-WKW CREE-CLP6B-WKW Datasheet
639Kb / 10P
   PLCC6 3-in-1 SMD LED
CLP6C-RKW CREE-CLP6C-RKW Datasheet
493Kb / 8P
   PLCC6 3-in-1 SMD LED
logo
Marktech Corporate
CLP6C-FKB MARKTECH-CLP6C-FKB Datasheet
511Kb / 9P
   PLCC6 3 in 1 SMD LED
logo
Cree, Inc
CLYBA-FKA CREE-CLYBA-FKA Datasheet
1Mb / 10P
   PLCC6 3 in 1 SMD LED
CLV6A-FKB CREE-CLV6A-FKB Datasheet
583Kb / 11P
   PLCC6 3 in 1 SMD LED
CLV6D-FKB CREE-CLV6D-FKB Datasheet
1Mb / 11P
   PLCC6 3-in-1 SMD LED
logo
Marktech Corporate
CLP6C-RKW MARKTECH-CLP6C-RKW Datasheet
493Kb / 8P
   PLCC6 3-in-1 SMD LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com