Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLM2C-RCA-CYaZ0BB3 Datasheet(PDF) 6 Page - Cree, Inc

Part # CLM2C-RCA-CYaZ0BB3
Description  PLCC4 1-in-1 SMD LED
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CLM2C-RCA-CYaZ0BB3 Datasheet(HTML) 6 Page - Cree, Inc

  CLM2C-RCA-CYaZ0BB3 Datasheet HTML 1Page - Cree, Inc CLM2C-RCA-CYaZ0BB3 Datasheet HTML 2Page - Cree, Inc CLM2C-RCA-CYaZ0BB3 Datasheet HTML 3Page - Cree, Inc CLM2C-RCA-CYaZ0BB3 Datasheet HTML 4Page - Cree, Inc CLM2C-RCA-CYaZ0BB3 Datasheet HTML 5Page - Cree, Inc CLM2C-RCA-CYaZ0BB3 Datasheet HTML 6Page - Cree, Inc CLM2C-RCA-CYaZ0BB3 Datasheet HTML 7Page - Cree, Inc CLM2C-RCA-CYaZ0BB3 Datasheet HTML 8Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks
of Cree, Inc.
6
Copyright © 2015 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc.
6
Cree PLCC4 1 in 1 SMD LED
CLM2C-RCA/ACA
MECHANICAL DIMENSIONS
All dimensions are in mm.
NOTES
RoHS Compliance
The levels of environmentally sensitive, persistent biologically toxic (PBT), persistent organic pollutants (POP), or other-
wise restricted materials in this product are below the maximum concentration values (also referred to as the threshold
limits) permitted for such substances, or are used in an exempted application, in accordance with EU Directive 2002/95/
EC on the restriction of the use of certain hazardous substances in electrical and electronic equipment (RoHS), as
amended through April 21, 2006.
Vision Advisory Claim
Users should be cautioned not to stare at the light of this LED product. The bright light can damage the eye.


Similar Part No. - CLM2C-RCA-CYaZ0BB3

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CLM2C-BCA CREE-CLM2C-BCA Datasheet
801Kb / 8P
   PLCC4 1-in-1 SMD LED
CLM2C-BCA-CVBYA363 CREE-CLM2C-BCA-CVBYA363 Datasheet
801Kb / 8P
   PLCC4 1-in-1 SMD LED
CLM2C-BCA-CWAXB353 CREE-CLM2C-BCA-CWAXB353 Datasheet
801Kb / 8P
   PLCC4 1-in-1 SMD LED
CLM2C-BCA-CWBYA453 CREE-CLM2C-BCA-CWBYA453 Datasheet
801Kb / 8P
   PLCC4 1-in-1 SMD LED
CLM2C-GCA CREE-CLM2C-GCA Datasheet
801Kb / 8P
   PLCC4 1-in-1 SMD LED
More results

Similar Description - CLM2C-RCA-CYaZ0BB3

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
CLM2B MARKTECH-CLM2B_15 Datasheet
484Kb / 8P
   PLCC4 1 in 1 SMD LED
CLM4B-RKW MARKTECH-CLM4B-RKW_15 Datasheet
439Kb / 8P
   PLCC4 1 in 1 SMD LED
logo
Cree, Inc
CLM2C-GCA CREE-CLM2C-GCA Datasheet
801Kb / 8P
   PLCC4 1-in-1 SMD LED
CLM4B-BKB CREE-CLM4B-BKB Datasheet
844Kb / 8P
   PLCC4 1 in 1 SMD LED
CLA1A-WKW CREE-CLA1A-WKW Datasheet
354Kb / 8P
   PLCC4 1 in 1 SMD LED
logo
Marktech Corporate
CLA1A MARKTECH-CLA1A Datasheet
542Kb / 10P
   PLCC4 1 in 1 SMD LED
logo
Cree, Inc
CLM2D-RCC CREE-CLM2D-RCC Datasheet
800Kb / 8P
   PLCC4 1 in 1 SMD LED
CLM4B-RKW CREE-CLM4B-RKW Datasheet
280Kb / 6P
   PLCC4 1 in 1 SMD LED
logo
Marktech Corporate
CLM4B-RKW MARKTECH-CLM4B-RKW Datasheet
439Kb / 8P
   PLCC4 1 in 1 SMD LED
CLA1A MARKTECH-CLA1A_15 Datasheet
542Kb / 10P
   PLCC4 1 in 1 SMD LED
CLM4B MARKTECH-CLM4B_15 Datasheet
446Kb / 8P
   PLCC4 1-in-1 SMD LED
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com