Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLM2C-RCA-CXaZ0BB3 Datasheet(PDF) 7 Page - Cree, Inc

Part # CLM2C-RCA-CXaZ0BB3
Description  PLCC4 1-in-1 SMD LED
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CLM2C-RCA-CXaZ0BB3 Datasheet(HTML) 7 Page - Cree, Inc

  CLM2C-RCA-CXaZ0BB3 Datasheet HTML 1Page - Cree, Inc CLM2C-RCA-CXaZ0BB3 Datasheet HTML 2Page - Cree, Inc CLM2C-RCA-CXaZ0BB3 Datasheet HTML 3Page - Cree, Inc CLM2C-RCA-CXaZ0BB3 Datasheet HTML 4Page - Cree, Inc CLM2C-RCA-CXaZ0BB3 Datasheet HTML 5Page - Cree, Inc CLM2C-RCA-CXaZ0BB3 Datasheet HTML 6Page - Cree, Inc CLM2C-RCA-CXaZ0BB3 Datasheet HTML 7Page - Cree, Inc CLM2C-RCA-CXaZ0BB3 Datasheet HTML 8Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks
of Cree, Inc.
7
Copyright © 2015 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc.
7
Cree PLCC4 1 in 1 SMD LED
CLM2C-RCA/ACA
KIT NUMBER SYSTEM
Cree LED lamps are tested and sorted into performance bins. A bin is specified by ranges of color, forward voltage, and
brightness. Sorted LEDs are packaged for shipping in various convenient options. Please refer to the “Cree LED Lamp
Packaging Standard” document for more information about shipping and packaging options.
Cree LEDs are sold by order codes in combinations of bins called kits. Order codes are configured in the following man-
ner:


Similar Part No. - CLM2C-RCA-CXaZ0BB3

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CLM2C-BCA CREE-CLM2C-BCA Datasheet
801Kb / 8P
   PLCC4 1-in-1 SMD LED
CLM2C-BCA-CVBYA363 CREE-CLM2C-BCA-CVBYA363 Datasheet
801Kb / 8P
   PLCC4 1-in-1 SMD LED
CLM2C-BCA-CWAXB353 CREE-CLM2C-BCA-CWAXB353 Datasheet
801Kb / 8P
   PLCC4 1-in-1 SMD LED
CLM2C-BCA-CWBYA453 CREE-CLM2C-BCA-CWBYA453 Datasheet
801Kb / 8P
   PLCC4 1-in-1 SMD LED
CLM2C-GCA CREE-CLM2C-GCA Datasheet
801Kb / 8P
   PLCC4 1-in-1 SMD LED
More results

Similar Description - CLM2C-RCA-CXaZ0BB3

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
CLM2B MARKTECH-CLM2B_15 Datasheet
484Kb / 8P
   PLCC4 1 in 1 SMD LED
CLM4B-RKW MARKTECH-CLM4B-RKW_15 Datasheet
439Kb / 8P
   PLCC4 1 in 1 SMD LED
logo
Cree, Inc
CLM2C-GCA CREE-CLM2C-GCA Datasheet
801Kb / 8P
   PLCC4 1-in-1 SMD LED
CLM4B-BKB CREE-CLM4B-BKB Datasheet
844Kb / 8P
   PLCC4 1 in 1 SMD LED
CLA1A-WKW CREE-CLA1A-WKW Datasheet
354Kb / 8P
   PLCC4 1 in 1 SMD LED
logo
Marktech Corporate
CLA1A MARKTECH-CLA1A Datasheet
542Kb / 10P
   PLCC4 1 in 1 SMD LED
logo
Cree, Inc
CLM2D-RCC CREE-CLM2D-RCC Datasheet
800Kb / 8P
   PLCC4 1 in 1 SMD LED
CLM4B-RKW CREE-CLM4B-RKW Datasheet
280Kb / 6P
   PLCC4 1 in 1 SMD LED
logo
Marktech Corporate
CLM4B-RKW MARKTECH-CLM4B-RKW Datasheet
439Kb / 8P
   PLCC4 1 in 1 SMD LED
CLA1A MARKTECH-CLA1A_15 Datasheet
542Kb / 10P
   PLCC4 1 in 1 SMD LED
CLM4B MARKTECH-CLM4B_15 Datasheet
446Kb / 8P
   PLCC4 1-in-1 SMD LED
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com