Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRS3122E Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TRS3122E
Description  1.8 V Low Power Dual RS-232 Transceiver
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TRS3122E Datasheet(HTML) 3 Page - Texas Instruments

  TRS3122E Datasheet HTML 1Page - Texas Instruments TRS3122E Datasheet HTML 2Page - Texas Instruments TRS3122E Datasheet HTML 3Page - Texas Instruments TRS3122E Datasheet HTML 4Page - Texas Instruments TRS3122E Datasheet HTML 5Page - Texas Instruments TRS3122E Datasheet HTML 6Page - Texas Instruments TRS3122E Datasheet HTML 7Page - Texas Instruments TRS3122E Datasheet HTML 8Page - Texas Instruments TRS3122E Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
(Top View)
INVALID
FORCEON
VL
C1-
FORCEOFF
GND
DOUT1
DOUT2
RIN1
RIN2
C3-
C3+
11
10
12
8
7
9
20
21
19
23
24
22
3
TRS3122E
www.ti.com
SLLSET7C – MAY 2016 – REVISED MAY 2016
Product Folder Links: TRS3122E
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
5 Pin Configuration and Functions
VQFN P Package
24-Pin RGE
Top View
Pin Functions
Pin
I/O
DESCRIPTION
NAME
NO.
C1+, C2+
21, 22
-
Positive terminals of voltage-doubler charge-pump capacitors (required)
C3+
1
-
Positive terminal of voltage-tripler charge-pump capacitor (Not needed for VCC 3V to 5.5V)
C1–, C2-
16, 23
-
Negative terminals of voltage-doubler charge-pump capacitors (required)
C3-
2
-
Negative terminal of voltage-tripler charge-pump capacitor (Not needed for VCC 3V to 5.5V)
V+
20
-
Positive charge pump storage capacitor (required)
V–
24
-
Negative charge pump storage capacitor (required)
GND
17
-
Ground
VCC
19
-
1.8-V or 3-V to 5-V supply voltage
VL
18
-
Logic-level supply. All CMOS inputs (DIN) and outputs (ROUT) are referenced to this supply.
FORCEOFF
14
I
Auto Powerdown Control input (Refer to Truth Table)
FORCEON
15
I
Auto Powerdown Control input (Refer to Truth Table)
INVALID
13
O
Invalid Output Pin
DIN1, DIN2
10,9
I
Driver inputs
DOUT1,
DOUT2
5, 6
O
RS-232 driver outputs
RIN1, RIN2
3, 4
I
RS-232 receiver inputs
ROUT1,
ROUT2
12, 11
O
Receiver outputs; swing between 0 and VL
NC
7, 8
I
Factory pins, can be unconnected or connected to GND


Similar Part No. - TRS3122E

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
TRS3-0MCR01 KEMET-TRS3-0MCR01 Datasheet
70Kb / 1P
   KEMET, TRS, Thermal Reed Switch, Axial, 2.5C Temperature Accuracy, High Reliability, High-Speed Response, Long Operational Life, Excellent Environmental Durability, High Temperature Accuracy, 0째C, Make
TRS3-10MCR01 KEMET-TRS3-10MCR01 Datasheet
70Kb / 1P
   KEMET, TRS, Thermal Reed Switch, Axial, 2.5C Temperature Accuracy, High Reliability, High-Speed Response, Long Operational Life, Excellent Environmental Durability, High Temperature Accuracy, 10째C, Make
TRS3-30MCR01 KEMET-TRS3-30MCR01 Datasheet
70Kb / 1P
   KEMET, TRS, Thermal Reed Switch, Axial, 2.5C Temperature Accuracy, High Reliability, High-Speed Response, Long Operational Life, Excellent Environmental Durability, High Temperature Accuracy, 30째C, Make
TRS3-50MLR00 KEMET-TRS3-50MLR00 Datasheet
78Kb / 1P
   KEMET, TRS, Thermal Reed Switch, Axial, 2.5C Temperature Accuracy, High Reliability, High-Speed Response, Long Operational Life, Excellent Environmental Durability, High Temperature Accuracy, 50C, Make
TRS3-60MCR01 KEMET-TRS3-60MCR01 Datasheet
724Kb / 20P
   TRS Thermal Reed Switch
11/2/2021
More results

Similar Description - TRS3122E

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP331 SIPEX-SP331 Datasheet
187Kb / 13P
   Programmable Dual RS-232/RS-485 Transceiver
logo
Exar Corporation
SP331 EXAR-SP331 Datasheet
912Kb / 13P
   Programmable Dual RS-232/RS-485 Transceiver
logo
Analog Devices
AD7306 AD-AD7306 Datasheet
149Kb / 8P
   5 V Powered RS-232/RS-422 Transceiver
REV. B
AD7306 AD-AD7306_V01 Datasheet
174Kb / 10P
   5 V Powered RS-232/RS-422 Transceiver
Rev. D
logo
Maxim Integrated Produc...
MAX212CWG MAXIM-MAX212CWG Datasheet
116Kb / 8P
   3V-Powered, Low-Power, True RS-232 Transceiver
Rev 2; 2/94
logo
Exar Corporation
SP338E EXAR-SP338E Datasheet
1Mb / 25P
   RS-232/RS-485/RS-422 TRANSCEIVER
SP335E EXAR-SP335E Datasheet
356Kb / 22P
   RS-232/RS-485/RS-422 TRANSCEIVER
logo
Sipex Corporation
SP2209E SIPEX-SP2209E Datasheet
174Kb / 15P
   High ESD Dual Port RS-232 Transceiver
logo
Exar Corporation
SP2209E EXAR-SP2209E Datasheet
717Kb / 17P
   High ESD Dual Port RS-232 Transceiver
logo
Sipex Corporation
SP2209E SIPEX-SP2209E Datasheet
174Kb / 15P
   High ESD Dual Port RS-232 Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com