Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RJD3048 Datasheet(PDF) 6 Page - Illinois Capacitor, Inc.

Part # RJD3048
Description  Wearable electronic & IoT devices ??Memory backup circuits
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

RJD3048 Datasheet(HTML) 6 Page - Illinois Capacitor, Inc.

Back Button RJD3048 Datasheet HTML 2Page - Illinois Capacitor, Inc. RJD3048 Datasheet HTML 3Page - Illinois Capacitor, Inc. RJD3048 Datasheet HTML 4Page - Illinois Capacitor, Inc. RJD3048 Datasheet HTML 5Page - Illinois Capacitor, Inc. RJD3048 Datasheet HTML 6Page - Illinois Capacitor, Inc. RJD3048 Datasheet HTML 7Page - Illinois Capacitor, Inc. RJD3048 Datasheet HTML 8Page - Illinois Capacitor, Inc. RJD3048 Datasheet HTML 9Page - Illinois Capacitor, Inc. RJD3048 Datasheet HTML 10Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
(RJD 9901)
(Optional for HP lead style)
-
Specification
RJD 9901
Specification
RJD 9901
Main IC
SP31ABE
Over-Discharge
Detection Voltage
2.242V~2.358V
PCB
SALTEK, APEX
Over-Discharge
Detection Delay Time
14.0mSec~26.0mSec
FET
X
Over-Discharge
Current Detection
1.2 ~ 4.0A
PTC
MicroSMD175F-2
(TE)
Overcharge Current
Detection
0.9A ~ 4.4A
L terminal
X
Over-Discharge
Current Protection
Delay Time
8.0mSec ~ 16.0mSec
Capacitor
2Point
Short Detection
Delay Time
100μs ~ 500μs
Resistor
2Point
PCM Impedance
< 220mΩ
Dimension(L*W*T)
16.9*3.9*2.0mm
Operation Current
Consumption
Max 6.0μA(TYP 4.0μA)
Wake-up Function
NO
Power-Down Mode
Current Consumption
Max 0.1μA
Overcharge Detection
Voltage
4.275V ± 25mV
Distance Between
B+, B- Tab
13.93mm
Overcharge Detection
Delay Time
700.0mSec ~ 1300mSec
Battery Operation Instruction:
Charging
a. Charge the battery in a temperature range of 0°C to + 45°C.
b. Charge the battery at a constant current of 0.5C until 4.20VDC±0.03VDC per cell is attained. Charge rates greater
than 1C are NOT recommended. (C: Rated Capacity of Battery)
c. Maintain charge voltage at 4.20VDC per cell for 3.0 hours (recommended for maximum capacity).
* Use a constant current, constant voltage (CC/CV) lithium-ion (Li+) battery charge controller.
* Do not continue to charge battery over specified time.
Discharging
a. Recommended cut-off voltage to 3.0VDC. Recommended maximum discharge rate is 2C at constant current.
b. For maximum performance, discharge the battery in a temperature range of –20°C to + 45°C.


Similar Part No. - RJD3048

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
RJD-10V102MG5G TAIYO-YUDEN-RJD-10V102MG5G Datasheet
257Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS[RJD]
RJD-10V102MG5GQ TAIYO-YUDEN-RJD-10V102MG5GQ Datasheet
258Kb / 2P
   FOR AUTOMOTIVE MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS[RJD]
RJD-10V102MH3G TAIYO-YUDEN-RJD-10V102MH3G Datasheet
257Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS[RJD]
RJD-10V102MH3GQ TAIYO-YUDEN-RJD-10V102MH3GQ Datasheet
258Kb / 2P
   FOR AUTOMOTIVE MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS[RJD]
RJD-10V102MH4G TAIYO-YUDEN-RJD-10V102MH4G Datasheet
257Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS[RJD]
More results

Similar Description - RJD3048

ManufacturerPart #DatasheetDescription
logo
OmniVision Technologies...
OVM6211 OMNIVISION-OVM6211 Datasheet
1Mb / 2P
   Wearable Devices
OV6946 OMNIVISION-OV6946 Datasheet
774Kb / 2P
   Wearable Devices
OVM9724 OMNIVISION-OVM9724 Datasheet
714Kb / 2P
   Wearable Devices
logo
Maxim Integrated Produc...
MAX30112 MAXIM-MAX30112 Datasheet
707Kb / 40P
   Wrist-Worn Wearable Devices
Rev 0; 5/17
MAX32625 MAXIM-MAX32625 Datasheet
1Mb / 27P
   High-Efficiency Microcontroller for Wearable Devices
Rev 0; 8/16
logo
Silicon Laboratories
BGM121 SILABS-BGM121 Datasheet
3Mb / 96P
   IoT end devices and gateways
logo
Maxim Integrated Produc...
DS2731 MAXIM-DS2731 Datasheet
214Kb / 20P
   Cache-Memory Battery-Backup Management IC
Rev 1; 1/09
logo
List of Unclassifed Man...
BH32T-C ETC1-BH32T-C Datasheet
59Kb / 1P
   MEMORY PROTECTION DEVICES
logo
Renesas Technology Corp
M62021L RENESAS-M62021L Datasheet
183Kb / 14P
   System Reset IC with Switch for Memory Backup
logo
NEC
2P4M NEC-2P4M Datasheet
311Kb / 1P
   Opto-Electronic Devices(NEPOC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com